Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPSR200 Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # MPSR200
Description  Polymeric PTC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MPSR200 Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  MPSR200 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MPSR200 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MPSR200 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MPSR200 Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (23ºC)
Resistance Tolerance
Hold
Current
Trip
Current
Max. Time to
Trip
Rated
Voltage
Maximum
Current
Typical
Power
RMIN
RMAX
R1MAX
Part
Number
IH, A
IT, A
at 5xIH, S
V MAX, Vdc
IMAX, A
Pd, W
ohms
ohms
ohms
MPSR120
1.20
2.70
5.0
15
100
1.2
0.085
0.160
0.220
MPSR175
1.75
3.80
5.0
15
100
1.5
0.050
0.090
0.120
MPSR200
2.00
4.40
4.0
30
100
1.9
0.030
0.060
0.100
MPSR350
3.50
6.30
3.0
30
100
2.5
0.017
0.031
0.050
MPSR420
4.20
7.60
6.0
30
100
2.9
0.012
0.024
0.040
IH=Hold current-maximum current at which the device will not trip at 23ºC still air.
IT=Trip current-minimum current at which the device will always trip at 23ºC still air.
VMAX=Maximum voltage device can withstand without damage at its rated current.
I MAX= Maximum fault current device can withstand without damage at rated voltage (VMAX).
Pd=Maximum power dissipated from device when in tripped state in 23ºC still air environment.
RMIN=Minimum device resistance at 23ºC.
R1MAX=Maximum device resistance at 23ºC, 1 hour after tripping.
Physical specifications:
Lead material: 0.13mm nominal thickness, quarter-hard nickel.
Insulating material: Polyester tape
MPSR Series
Polymeric PTC
Rev.7


Similar Part No. - MPSR200

ManufacturerPart #DatasheetDescription
logo
C&K Components
MPSR CK-COMPONENTS-MPSR Datasheet
271Kb / 2P
   Ruggedized Magnetic Proximity Sensors
28 Jun 22
More results

Similar Description - MPSR200

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MPTS-S MERITEK-MPTS-S Datasheet
453Kb / 20P
   Polymeric PTC
MPTR MERITEK-MPTR Datasheet
460Kb / 19P
   Polymeric PTC
MPTS-R MERITEK-MPTS-R Datasheet
453Kb / 20P
   Polymeric PTC
MPRV MERITEK-MPRV Datasheet
325Kb / 8P
   Polymeric PTC
MPTH MERITEK-MPTH Datasheet
330Kb / 8P
   Polymeric PTC
logo
NTE Electronics
NTE16000-ECG NTE-NTE16000-ECG Datasheet
90Kb / 4P
   Polymeric Positive Temperature Coefficient (PTC) Resettable Fuses
logo
Bourns Electronic Solut...
P-TCO-N BOURNS-P-TCO-N Datasheet
658Kb / 5P
   Polymeric Thermal Cutoff Device
logo
UN Semiconducctor INC
PESD2510E UNSEMI-PESD2510E Datasheet
4Mb / 7P
   Surface Mount Polymeric ESD Suppressor
Revision March 1,2022
logo
Littelfuse
PGB1010402 LITTELFUSE-PGB1010402_11 Datasheet
466Kb / 4P
   Surface Mount Polymeric ESD Suppressors
logo
TECH PUBLIC Electronics...
TPESD0201G TECHPUBLIC-TPESD0201G Datasheet
5Mb / 6P
   Surface Mount Polymeric ESD Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com