Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGA15UFK440D7GE Datasheet(PDF) 5 Page - MERITEK ELECTRONICS CORPORATION

Part # SGA15UFK440D7GE
Description  Capacitors for Electrical Apparatus
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

SGA15UFK440D7GE Datasheet(HTML) 5 Page - MERITEK ELECTRONICS CORPORATION

  SGA15UFK440D7GE Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION SGA15UFK440D7GE Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION SGA15UFK440D7GE Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION SGA15UFK440D7GE Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION SGA15UFK440D7GE Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
VDE APPROVED PRODUCTS
Rated Voltage
(VAC)
Capacitance
(
μF)
Length
(mm)
Width
(mm)
Height
(mm)
Type
1.0
37
13
24
1.5
37
15
26
2.0
37
17
29
2.5
37
20
29
400
3.0
50
19
29
SGE
1.0
37
15
24
1.5
37
17
29
2.0
37
19
29
2.5
37
19
29
450
3.0
50
20
30
SGA, SGB,
SGC, SWA,
SCA, SCB,
SCE, SFE
MERITEK
Capacitors for Electrical
Apparatus
MOTOR RUN/MOTOR START


Similar Part No. - SGA15UFK440D7GE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGA1163 ETC1-SGA1163 Datasheet
260Kb / 7P
   DC-6000 MHz SILICON GERMANIUM HBT CASCADEABLE GAIN BLOCK
logo
RF Micro Devices
SGA1263Z RFMD-SGA1263Z Datasheet
563Kb / 6P
   DCto4000MHz SILICON GERMANIUM HBT CASCADABLE GAIN BLOCK
SGA1263Z-EVB1 RFMD-SGA1263Z-EVB1 Datasheet
563Kb / 6P
   DCto4000MHz SILICON GERMANIUM HBT CASCADABLE GAIN BLOCK
SGA1263ZSQ RFMD-SGA1263ZSQ Datasheet
563Kb / 6P
   DCto4000MHz SILICON GERMANIUM HBT CASCADABLE GAIN BLOCK
SGA1263ZSR RFMD-SGA1263ZSR Datasheet
563Kb / 6P
   DCto4000MHz SILICON GERMANIUM HBT CASCADABLE GAIN BLOCK
More results

Similar Description - SGA15UFK440D7GE

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
MP-NK SHIELD-MP-NK Datasheet
75Kb / 1P
   PVC, intrinsically safe apparatus, shielded
logo
EXCEL CELL ELECTRONIC C...
EPJ3 ECE-EPJ3 Datasheet
208Kb / 3P
   Applied on audio systems and electronic apparatus
logo
Vishay Siliconix
230EDLC-HV VISHAY-230EDLC-HV Datasheet
121Kb / 6P
   Electrical Double Layer Energy Storage Capacitors
220EDLC VISHAY-220EDLC Datasheet
122Kb / 6P
   Electrical Double Layer Energy Storage Capacitors
logo
FSP TECHNOLOGY INC.
PROLINE3P-1P_30K FSP-PROLINE3P-1P_30K Datasheet
86Kb / 1P
   Suitable for All Electrical Device
PROLINE3P-3P_20K FSP-PROLINE3P-3P_20K Datasheet
85Kb / 1P
   Suitable for All Electrical Device
PROLINE3P-3P_15K FSP-PROLINE3P-3P_15K Datasheet
85Kb / 1P
   Suitable for All Electrical Device
logo
Murata Manufacturing Co...
DMF3R5R5L334M3DTA0 MURATA-DMF3R5R5L334M3DTA0 Datasheet
504Kb / 12P
   High Performance Electrical Double-Layer Capacitors
logo
List of Unclassifed Man...
A751020 ETC-A751020 Datasheet
1Mb / 12P
   Electrical Characterization of CUBISIC SLP Capacitors
logo
FSP TECHNOLOGY INC.
PROLINE3P-1P_10K FSP-PROLINE3P-1P_10K Datasheet
86Kb / 1P
   Suitable for All Electrical Device
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com