Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGT-M800M-CA8 Datasheet(PDF) 11 Page - MERITEK ELECTRONICS CORPORATION

Part # MGT-M800M-CA8
Description  Gas Discharge Tube
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MGT-M800M-CA8 Datasheet(HTML) 11 Page - MERITEK ELECTRONICS CORPORATION

Back Button MGT-M800M-CA8 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MGT-M800M-CA8 Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MGT-M800M-CA8 Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION MGT-M800M-CA8 Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION MGT-M800M-CA8 Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION MGT-M800M-CA8 Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION MGT-M800M-CA8 Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION MGT-M800M-CA8 Datasheet HTML 10Page - MERITEK ELECTRONICS CORPORATION MGT-M800M-CA8 Datasheet HTML 11Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ELECTRODE ARRESTERS (Φ5.4×5.4×5)
Dimensions: mm
MGT-DL***M-CAM
DC
Breakdown
Impulse
Breakdown
AC
Discharge
Surge
Discharge
Surge
Discharge
Insulation
Resistance
Electrode
Capacitance
Voltage
(@100V/S)
Voltage
(@1000V/
μs)
Current
Current
(@10/1000
μs)
Current
(@8/20
μs)
(M
Ω)
(@1MHz)
(V)
(V)
(@50Hz)
(A)
(KA)
(pF)
Model Number
Tolerance
of DCBV
(A)
MGT-DL075M-CAM
75
±20%
≤650
5
100
5
≥10000
≤1.5
MGT-DL090M-CAM
90
±20%
≤650
5
100
5
≥10000
≤1.5
MGT-DL150M-CAM
150
±20%
≤650
5
100
5
≥10000
≤1.5
MGT-DL230M-CAM
230
±20%
≤700
5
100
5
≥10000
≤1.5
MGT-DL250M-CAM
250
±20%
≤800
5
100
5
≥10000
≤1.5
MGT-DL300M-CAM
300
±20%
≤900
5
100
5
≥10000
≤1.5
MGT-DL350M-CAM
350
±20%
≤900
5
100
5
≥10000
≤1.5
MGT-DL400M-CAM
400
±20%
≤1000
5
100
5
≥10000
≤1.5
MGT-DL420M-CAM
420
±20%
≤1000
5
100
5
≥10000
≤1.5
MGT-DL470M-CAM
470
±20%
≤1000
5
100
5
≥10000
≤1.5
MGT-DL600M-CAM
600
±20%
≤1200
5
100
5
≥10000
≤1.5
MGT-DL800M-CAM
800
±20%
≤1400
5
100
5
≥10000
≤1.5
Gas Discharge Tube
MGT Series
Rev.7


Similar Part No. - MGT-M800M-CA8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MGT5100 NXP-MGT5100 Datasheet
1Mb / 6P
   MGT5100 STANDARD DEVELOPMENT PLATFORM FOR TELEMATICS,HANDS-FREE PHONES, AND DRIVER INFORMATION SYSTEMS
September 2002
MGT5100 NXP-MGT5100 Datasheet
352Kb / 12P
   Microprocessor Technical Summary
Rev. 0, 04/2002
MGT5100TS NXP-MGT5100TS Datasheet
352Kb / 12P
   Microprocessor Technical Summary
Rev. 0, 04/2002
MGT5100TS/D NXP-MGT5100TS/D Datasheet
352Kb / 12P
   Microprocessor Technical Summary
Rev. 0, 04/2002
logo
Seoul Semiconductor
MGT801 SEOUL-MGT801 Datasheet
421Kb / 10P
   surface-mount LED
More results

Similar Description - MGT-M800M-CA8

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
2R1000-6 LEIDITECH-2R1000-6 Datasheet
487Kb / 5P
   Gas Discharge Tube
logo
StarHope
GDT-B8H SPSEMI-GDT-B8H Datasheet
120Kb / 3P
   Gas Discharge Tube
logo
SUNMATE electronic Co.,...
3R075LB-7 SUNMATE-3R075LB-7 Datasheet
468Kb / 2P
   GAS DISCHARGE TUBE
3R075TB-8 SUNMATE-3R075TB-8 Datasheet
518Kb / 2P
   GAS DISCHARGE TUBE
logo
Ruilongyuan Electronics...
3RB-7 RUILON-3RB-7 Datasheet
610Kb / 6P
   Gas Discharge Tube
logo
Shenzhen Bencent Electr...
B5G3600 BENCENT-B5G3600 Datasheet
187Kb / 3P
   Gas Discharge Tube
BX201N BENCENT-BX201N Datasheet
147Kb / 3P
   Gas Discharge Tube
BZ201M BENCENT-BZ201M Datasheet
144Kb / 3P
   Gas Discharge Tube
BD351 BENCENT-BD351 Datasheet
240Kb / 3P
   Gas Discharge Tube
B8G3600L BENCENT-B8G3600L Datasheet
438Kb / 3P
   Gas Discharge Tube
logo
StarHope
GSP075D SPSEMI-GSP075D Datasheet
352Kb / 3P
   Gas Discharge Tube
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com