Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHC-A-500L Datasheet(PDF) 4 Page - MERITEK ELECTRONICS CORPORATION

Part # MHC-A-500L
Description  Transient Voltage Suppressors (High Current)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MHC-A-500L Datasheet(HTML) 4 Page - MERITEK ELECTRONICS CORPORATION

  MHC-A-500L Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MHC-A-500L Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MHC-A-500L Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MHC-A-500L Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MHC-A-500L Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION MHC-A-500L Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
B-058L
B-066L
B-076L
B-100L
B-133L
B-170L
B-190L
B-200L
B-240L
B-275L
-300L
B-380L
C-012L
C-015L
C-020L
C-025L
C-030L
C-042L
C-058L
C-066L
C-076L
C-100L
C-133L
C-170L
C-190L
C-200L
D-012L
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
6KA
6KA
6KA
6KA
6KA
6KA
6KA
6KA
6KA
6KA
6KA
6KA
10KA
10KA
10KA
10KA
10KA
10KA
10KA
10KA
10KA
10KA
10KA
10KA
10KA
10KA
16KA
4900
5200
5600
8500
10600
14000
16800
17200
18000
19000
25500
30000
1665
2164
2664
3163
3996
5661
8158
8658
9324
14152
17649
23310
27972
28638
2665
110
125
135
165
220
260
290
330
340
435
470
520
28
30
40
50
60
77
110
125
135
165
220
260
290
330
28
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
58
66
76
100
133
170
190
200
240
275
300
380
12.8
15
20
25
30
42
58
66
76
100
133
170
190
200
12.8
64
70
83
110
147
180
200
222
250
300
330
401
14
17
22
28
33
47
64
70
83
110
147
180
200
222
14
40
45
54
72
100
130
145
150
180
210
230
275
8.5
11
14
17
21
30
40
45
54
72
100
130
145
150
8.5
Part
Number
VAC(V)
VDC(V)
IT(mA)
VC(V)
@IPP
Rated IPP
measured
with
8/20us
pulse
VBR(V)
MIN.@IT
Reverse Stand-Off
Voltage
Breakdown
Voltage
Test
Current
Current
Rating
Maximum
Energy
Reverse
Leakage
Maximum
Clamping
Voltage
Transient
MHC-L Series
MERITEK
Note:
1. TA =25
XQOHVVRWKHUZLVHVSHFLILHG
2. 8VLQJVZDYHVKDSHSXOVHVDVGHILQHGLQ,(&
IR(μA)
@VDC
10/1000μs
SPECIFICATIONS
4
Rev 7


Similar Part No. - MHC-A-500L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MHC-3816 ETC2-MHC-3816 Datasheet
158Kb / 3P
   3/8 Square Drive Sockets, SAE
logo
Analog Devices
MHC-W21-601-LF AD-MHC-W21-601-LF Datasheet
1Mb / 75P
   ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
More results

Similar Description - MHC-A-500L

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com