Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MO1W-103JTR Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # MO1W-103JTR
Description  Metal Oxide Film Resistors (Flame proof construction UL-1412)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MO1W-103JTR Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  MO1W-103JTR Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MERITEK
Metal Oxide Film Resistors
MO Series
PART NUMBERING SYSTEMS
MO
1W - 103
J
TR
Meritek Series
Power Rating
CODE
1/4W
1/2WS
1/2W
1W
2W
3W
0.25W
0.5W
0.5W
1W
2W
3W
Resistance
First 2 digits are significant
3
rd digit is multiplier
“R” indicates decimal value below 10 ohm
Tolerance
Code
J
Tolerance (%)
± 5
TR: Tape & Reel
B:
Bulk
DIMENSIONS
Body
Leadwire
Type
(L)
(D)
(H)
(d±0.03)
MO1/4W
MO1/2WS
6.3±0.5
2.3 ±0.3
28±2
0.55
MO1/2W
MO1WS
9.0±0.5
3.2 ±0.5
26±2
0.65
MO1W
MO2WS
11.5±1.0
4.5±0.5
35±2
0.78
MO2W
MO3WS
15.5±1.0
5.0±0.5
32±2
0.78
MO3W
MO5WS
24.5±1.0
8.5±0.5
32±2
0.78
SPECIFICATIONS
CHARACTERISTICS
Temperature Coefficient
±200ppm/
oC
TYPE
Range
±5%
Power
Rating
Wvdc
(Max)
Overload
(Max VDC )
Insulation Resistance
10,000 M ohm
MO1/4W
0.1
to 1M
0.25W
200
350
Load Life(1,000 hrs)
±3%
MO1/2W, MO1/2WS
0.1
to 1M
0.5W
250
400
Short Time Overload
±0.5%
MO1W, MO1WS
0.1
to 1M
1W
350
600
Temperature Cycling
±1%
MO2W, MO2WS
0.1
to 1M
2W
350
600
Moisture Resistance
±5%
MO3W, MO3WS
0.1
to 1M
3W
500
800
Operating Range
-55
to 200
oC
MO5WS
0.22
to 150K
5W
750
1000
Effect Soldering
±0.5%
Note: "S" in "MOXWS-" denotes small body size
(Flame proof construction UL-1412)
Specifications are subject to change without notice.
rev.6a
G
F
±
2
±
1


Similar Part No. - MO1W-103JTR

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
MO1/2S WELWYN-MO1/2S Datasheet
236Kb / 2P
   Power Metal Oxide Film Resistors
logo
Extech Instruments Corp...
MO100 EXTECH-MO100 Datasheet
104Kb / 1P
   Moisture Detector
MO100 EXTECH-MO100_15 Datasheet
175Kb / 1P
   Moisture Meter
logo
ATGBICS by Approved Tec...
MO10S2B-C ATGBICS-MO10S2B-C Datasheet
374Kb / 10P
   MO10S2B Forcepoint Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
logo
Micro Electronics
MO1101A MICRO-ELECTRONICS-MO1101A Datasheet
73Kb / 2P
   1.02 SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - MO1W-103JTR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1773271 MACOM-1773271 Datasheet
122Kb / 2P
   Flame-Proof Power Metal Oxide Film Resistors
ROX3SJ82R MACOM-ROX3SJ82R Datasheet
122Kb / 2P
   Flame-Proof Power Metal Oxide Film Resistors
ROX2SJ1R2 MACOM-ROX2SJ1R2 Datasheet
122Kb / 2P
   Flame-Proof Power Metal Oxide Film Resistors
ROX3SJ18K MACOM-ROX3SJ18K Datasheet
122Kb / 2P
   Flame-Proof Power Metal Oxide Film Resistors
ROX2SJ820R MACOM-ROX2SJ820R Datasheet
122Kb / 2P
   Flame-Proof Power Metal Oxide Film Resistors
ROX1SJ390R MACOM-ROX1SJ390R Datasheet
122Kb / 2P
   Flame-Proof Power Metal Oxide Film Resistors
1625881-5 MACOM-1625881-5 Datasheet
73Kb / 1P
   FLAME-PROOF POWER METAL OXIDE FILM RESISTORS SERIES ROX1
1625890 MACOM-1625890 Datasheet
91Kb / 1P
   FLAME-PROOF POWER METAL OXIDE FILM RESISTORS SERIES ROX2S
logo
MERITEK ELECTRONICS COR...
MO MERITEK-MO Datasheet
172Kb / 3P
   Metal Oxide Film Resistors
logo
Panasonic Semiconductor
ERG-1SJ221A PANASONIC-ERG-1SJ221A Datasheet
153Kb / 7P
   Metal (Oxide) Film Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com