Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHX160V473M22X25 Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # MHX160V473M22X25
Description  Snap-In Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MHX160V473M22X25 Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  MHX160V473M22X25 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MHX160V473M22X25 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MERITEK
Snap-In Aluminum
Electrolytic Capacitors
FHS Series
MERITEK
Snap-In Aluminum
Electrolytic Capacitors
W.V(V)
160(2C)
180(2S)
200(2D)
250(2E)
Cap (μF)
φ
22
φ
25
φ
30
φ
35
φ
22
φ
25
φ
30
φ
35
φ
22
φ
25
φ
30
φ
35
φ
22
φ
25
φ
30
φ
35 φ 40
180
22x25
1.00
220
22x25
1.10
270
22x25
22x30
25x25
1.25
1.28
1.30
330
22x25
22x30
25x25
22x35
25x30
1.25
1.45
1.45
1.48
1.48
390
22x25
22x30
22x30
25x25
22x40
25x30
30x25
1.35
1.50
1.60
1.60
1.70
1.70
1.68
470
22x30
25x25
22x35
25x25
22x35
25x30
22x45
25x35
30x30
1.65
1.68
1.75
1.75
1.85
1.85
1.95
1.95
1.98
560
22x35
25x30
30x25
22x40
25x30
30x25
22x40
25x35
30x25
25x40
30x30
35x25
1.95
1.95
1.95
2.00
2.00
2.05
2.00
2.05
2.05
2.15
2.10
2.15
680
22x40
25x30
30x25
22x45
25x35
30x25
22x45
25x40
30x30
25x45
30x35
35x30
2.15
2.15
2.15
2.25
2.25
2.20
2.30
2.35
2.30
2.45
2.45
2.45
820
22x45
25x35
30x30
22x50
25x40
30x30
35x25
22x50
25x45
30x35
35x25
30x40
35x35
2.52
2.50
2.52
2.65
2.65
2.60
2.60
2.65
2.70
2.70
2.65
2.75
2.75
1000
22x50
25x40
30x35
35x25
25x45
30x35
35x30
25x50
30x40
35x30
30x5
35x40
2.80
2.80
2.82
2.82
2.95
2.95
2.95
3.02
3.02
3.00
3.30
3.30
1200
25x45
30x35
35x30
25x50
30x40
35x30
30x45
35x35
35x45
3.20
3.25
3.25
3.30
3.35
3.35
3.45
3.45
3.50
1500
30x40
35x35
30x45
35x35
30x50
35x40
35x50
3.65
3.70
3.80
3.80
3.90
3.90
4.00
1800
30x50
35x40
35x45
35x45
4.20
4.20
4.25
4.45
2200
35x45
35x50
35x50
4.75
4.90
4.95
2700
35x50
5.40
3300
40x70
4.85
W.V(V)
315(2F)
350(2V)
400(2G)
450(2W)
Cap (μF)
φ
22
φ
25
φ
30
φ
35
φ
22
φ
25
φ
30
φ
35
φ
22
φ
25
φ
30
φ
35
φ
22
φ
25
φ
30
φ
35 φ 40
56
22x25
0.56
68
22x30
0.62
82
22x25
22x30
25x25
0.65
0.72
0.72
100
22x25
22x30
25x25
22x35
25x30
30x25
0.70
0.80
0.80
0.83
0.83
0.83
120
22x25
22x30
25x25
22x30
25x25
22x40
25x30
30x25
0.75
0.85
0.85
1.03
1.03
1.05
1.05
1.05
150
22x30
25x25
22x35
25x25
22x35
25x30
30x25
22x45
25x35
30x30
0.95
0.95
1.00
1.00
1.10
1.10
1.10
1.12
1.10
1.12
180
22x30
25x25
22x35
25x30
30x25
22x40
25x35
30x25
25x40
30x35
1.05
1.05
1.15
1.15
1.15
1.20
1.20
1.20
1.24
1.22
220
22x35
25x30
30x25
22x40
25x35
30x30
22x45
25x40
30x30
25x50
30x40
35x30
1.18
1.18
1.20
1.30
1.30
1.30
1.35
1.33
1.35
1.40
1.40
1.38
270
22x40
25x35
30x25
22x50
25x40
30x30
25x45
30x35
35x30
30x45
35x35
1.40
1.40
1.35
1.55
1.55
1.55
1.58
1.55
1.58
1.68
1.68
330
22x45
25x40
30x30
25x45
30x35
35x30
25x50
30x40
35x30
30x50
35x40
1.55
1.55
1.60
1.70
1.70
1.70
1.76
1.76
1.75
1.90
1.90
390
25x45
30x35
25x50
30x40
35x35
30x45
35x35
35x45
1.80
1.80
1.95
1.95
1.95
2.00
2.00
2.10
470
25x50
30x40
35x30
30x45
35x35
30x50
35x40
35x50
2.05
2.05
2.05
2.30
2.30
2.32
2.32
2.40
560
30x45
35x35
30x50
35x40
35x45
2.35
2.35
2.55
2.55
2.60
680
35x40
35x45
35x50
2.50
2.80
2.90
820
35x45
35x50
40x60
3.00
3.10
4.50
1000
35x50
40x60
3.15
4.95
IR : Maxium permissible ripple current [A(rms) at 85
oC,120Hz]
Case size [
φ DxL (mm)]
MHX Series
rev.7a


Similar Part No. - MHX160V473M22X25

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
MHX CIT-MHX Datasheet
142Kb / 2P
   CIT SWITCH
More results

Similar Description - MHX160V473M22X25

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC22000MEFCSN25X45 RUBYCON-25USC22000MEFCSN25X45 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com