Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF12F1003FTR Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # MF12F1003FTR
Description  Metal Film Resistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MF12F1003FTR Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  MF12F1003FTR Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CODE
C
F
G
H
±10 p
pm/°C
±25
ppm/°C
±50
pp m/C
PART NUMBERING SYSTEMS
MF
25
F
1003 F TR
Meritek Series
Power Rating
CODE
12
16
25
20
100
200
0.125W
0.16W
0.25W
0.50W
1W
2W
Temperature Coeffient
CODE
C
F
Blank
±10 ppm/°C±25 ppm/°C
±50 ppm/°C
Resistance
First 3 digits are significant
4
TH digit is multiplier
“R” indicates decimal for values below 10 ohm
Tolerance
CODE
B
D
F
0.1%
±0.5%
±1%
Tape & Reel
FEATURES
Economically priced for commercial and industrial applications
Wide selection of power ratings and resistance values
EIA color coding
Resistance to industrial solvent
Standard tape & reel package
MERITEK
Metal Film Resistors
MFSeries
Normal
Miniature
L
D
H
d
0.4
MF-12 v
MF25s
3.3±
0.2
1.8±0.3
29±2.0
0.45±0.03
0.7
MF-12
MF25s
3.3±
0.2
1.8±0.3
29±2.0
0.45±0.03
MF-25
MF50s
6.3±0.5
2.3±0.3
28±2.0
0.55±0.03
MF-50
MF1Ws
9.0±0.5
3.2±0.5
26±2.0
0.65±0.03
MF-100
MF2Ws
11.5±1.0
4.5±0.5
35±2.0
0.78±0.03
MF-200
MF3Ws
15.5±1.0
5.0±0.5
32±2.0
0.78±0.03
Electrical Characteristics
Power rating at 70
0.125W
0.25W
0.25W
0.5W
0.5W
1W
1W
2W
2W
3W
STYLE
MF-12
MF-25S
MF-25
MF-50S
MF-50
MF-1WS
MF-100
MF2WS
MF-200
MF3WS
Operating Temp. Range
55
to
155
Max. Working Voltage
200V
200V
250V
300V
350V
400V
450V
500V
500V
500V
Max. Overload Voltage
400V
400V
500V
600V
700V
800V
1000V
1000V
1000V
1000V
Dielectric Withstanding volt.
300V
400V
500V
500V
500V
700V
1000V
1000V
1000V
1000V
TEMP. COEFFICIENT
15ppm/
25ppm/
50ppm/
100ppm/
Value Range.
1%/ 0.5%
10
~1 M
E96 series
Value Range.
0.25%/ 0.1%
100
~100K
E192 series
70
Power derating curve
Dimensions(mm)
Style
Dimensions
Specifications are subject to change without notice.
rev.6a


Similar Part No. - MF12F1003FTR

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
MF12F1020AML WALSIN-MF12F1020AML Datasheet
2Mb / 13P
   Precision Thin Film Chip Resistors
MF12F1020ATL WALSIN-MF12F1020ATL Datasheet
2Mb / 13P
   Precision Thin Film Chip Resistors
MF12F1020AVL WALSIN-MF12F1020AVL Datasheet
2Mb / 13P
   Precision Thin Film Chip Resistors
MF12F1020AZL WALSIN-MF12F1020AZL Datasheet
2Mb / 13P
   Precision Thin Film Chip Resistors
MF12F1020BML WALSIN-MF12F1020BML Datasheet
2Mb / 13P
   Precision Thin Film Chip Resistors
More results

Similar Description - MF12F1003FTR

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
   Metal Film Resistors
MFR4P WELWYN-MFR4P Datasheet
384Kb / 2P
   Metal Film Resistors
logo
Rohm
CRB25 ROHM-CRB25 Datasheet
183Kb / 3P
   Metal film resistors
logo
Panasonic Semiconductor
ERO-S2PHF1002 PANASONIC-ERO-S2PHF1002 Datasheet
116Kb / 4P
   Metal Film Resistors
logo
RCD COMPONENTS INC.
GP55SP1R0 RCD-GP55SP1R0 Datasheet
100Kb / 1P
   METAL FILM RESISTORS
logo
List of Unclassifed Man...
MF0 ETC2-MF0 Datasheet
405Kb / 8P
   Metal Film Resistors
logo
Vishay Siliconix
RN50 VISHAY-RN50 Datasheet
160Kb / 5P
   Metal Film Resistors
Revision: 28-Aug-06
logo
UNIOHM CORPORATION
MF-12 UNIOHM-MF-12 Datasheet
4Mb / 3P
   Metal Film Resistors
logo
Vishay Siliconix
RLR05C1652FSB14 VISHAY-RLR05C1652FSB14 Datasheet
151Kb / 4P
   Metal Film Resistors
Revision: 19-Nov-12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com