Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0396360000 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0396360000
Description  Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0396360000 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0396360000 Datasheet HTML 1Page - Molex Electronics Ltd. 0396360000 Datasheet HTML 2Page - Molex Electronics Ltd. 0396360000 Datasheet HTML 3Page - Molex Electronics Ltd. 0396360000 Datasheet HTML 4Page - Molex Electronics Ltd. 0396360000 Datasheet HTML 5Page - Molex Electronics Ltd. 0396360000 Datasheet HTML 6Page - Molex Electronics Ltd. 0396360000 Datasheet HTML 7Page - Molex Electronics Ltd. 0396360000 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
5.00 and 5.08mm
(.197 and .200") Pitch ESE
Fixed Mount Terminal Blocks
Pitch
Description
Current
Wire Range
Circuits
Order No.
ESE
Beau®
5.00mm (.197")
Vertical with Rising Cage Clamp
15.0A
14 to  AWG
 to 4
39543-30XX
39890-01XX
Vertical with Pressure Clamp
10.0A
14 to 4 AWG
39543-00XX
39850-16XX
Vertical with Pressure Clamp,
Low Profile
14 to  AWG
39543-06XX
N/A
Horizontal, Assembled to length
16 to 4 AWG
39543-31XX
39890-0XX/
39850-31XX
Horizontal, Modular*
 or 3
39543-45XX
N/A
45° Wire Entry with Pressure
Clamp, Assembled to Length
14 to 4 AWG
 to 4
39543-0XX
39850-01XX
45° Wire Entry with Pressure
Clamp, Modular*
 or 3
39543-05XX
N/A
45° Wire Entry with Rising
Cage Clamp
14 to  AWG
 to 4
39543-43XX
N/A
5.08mm (.00")
Vertical with Rising Cage Clamp
15.0A
1 to  AWG
 to 4
39544-30XX
39880-01XX
Replace XX with circuit sizes 0 to 4.
* Modular terminal blocks available in  or 3 circuits. Blocks can be stacked together to create larger circuit sizes.


Similar Part No. - 0396360000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0396360000 WEIDMULLER-0396360000 Datasheet
61Kb / 3P
   Component terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35
More results

Similar Description - 0396360000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0395430020 MOLEX11-0395430020 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395430220 MOLEX11-0395430220 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433014 MOLEX11-0395433014 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433109 MOLEX11-0395433109 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395434313 MOLEX11-0395434313 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395434318 MOLEX11-0395434318 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433024 MOLEX11-0395433024 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433111 MOLEX11-0395433111 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433116 MOLEX11-0395433116 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433120 MOLEX11-0395433120 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395434323 MOLEX11-0395434323 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com