Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSR7520EVR010G Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # CSR7520EVR010G
Description  Current Sensing Chip Resistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CSR7520EVR010G Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  CSR7520EVR010G Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CSR7520EVR010G Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CSR7520EVR010G Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CSR7520EVR010G Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CSR7520EVR010G Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CSR7520EVR010G Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION CSR7520EVR010G Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
 
 
 
Rev. 7
 
Current Sensing Chip Resistor
MERITEK
CSR Series
 
Feature and Applications
Low TCR of ±100 PPM/°C
Resistance values from 1m to 1 ohm
3 Watts power rating in 1 Watt size, 1225 package
High purity alumina substrate for high power dissipation
 
Long side terminations with higher power rating
Power Management Applications
Switching Power Supply
Over Current Protection in Audio Applications
Voltage Regulation Module (VRM)
DC-DC Converter, Battery Pack, Charger, Adaptor
Automotive Engine Control
Disk Driver
 
 
PART NUMBERING SYSTEM
CSR
0603
G
U
1001 C
Current Sensing Chip Resistors
SIZE
0201
0402
0603
0805
1206
1210
2010
2512
1225
3720
7520
TCR (PPM/°C)
E
F
G
H
J
K
R
±100
±200
±300
±400
±600
±150
±1000
Power Rating
S
A
T
Q
U
V
W
2W
1.5W
1W
3/4W
1/2W
1/4W
1/8W
Resistance Value
R010
R100
1R00
0.01Ω
0.1Ω
1Ω
Resistance Tolerance
Code
F
G
J
Value
±1%
±2%
±5%
 
 
Derating Curve 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
0
20
40
60
80
100
0
20
40
60
80
100
120
140
160
180
Ambient Temperature(℃)


Similar Part No. - CSR7520EVR010G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSR722 ETC2-CSR722 Datasheet
130Kb / 1P
   SMA 90 PLUG FOR ECS 3C142B, 311901, 3C058A
CSR729 ETC1-CSR729 Datasheet
153Kb / 2P
   CSR Reverse Conducting Thyristors
CSR729-14 ETC1-CSR729-14 Datasheet
153Kb / 2P
   CSR Reverse Conducting Thyristors
CSR731 ETC1-CSR731 Datasheet
153Kb / 2P
   CSR Reverse Conducting Thyristors
CSR731-18 ETC1-CSR731-18 Datasheet
153Kb / 2P
   CSR Reverse Conducting Thyristors
More results

Similar Description - CSR7520EVR010G

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
UR732ATTDR100F KOA-UR732ATTDR100F Datasheet
306Kb / 2P
   current sensing chip resistor
logo
Riedon Powertron
CLSA0402 RIEDON-CLSA0402 Datasheet
172Kb / 2P
   Current Sensing Chip Resistor
logo
KOA Speer Electronics, ...
UR73D1ET KOA-UR73D1ET Datasheet
131Kb / 4P
   Current Sensing Chip Resistor
UR73 KOA-UR73 Datasheet
470Kb / 2P
   current sensing chip resistor
logo
Riedon Powertron
CLS0402 RIEDON-CLS0402 Datasheet
233Kb / 1P
   Current Sensing Chip Resistor
logo
KOA Speer Electronics, ...
UR731ET KOA-UR731ET Datasheet
108Kb / 2P
   current sensing chip resistor
logo
Riedon Powertron
CLS0402 RIEDON-CLS0402_13 Datasheet
168Kb / 2P
   Current Sensing Chip Resistor
logo
Ohmite Mfg. Co.
LVM OHMITE-LVM Datasheet
490Kb / 2P
   Current Sensing Metal Chip Resistor
logo
Token Electronics Indus...
TCS TOKEN-TCS Datasheet
856Kb / 10P
   Chip Current Sensing Precision Resistor
logo
Stackpole Electronics, ...
CSNL SEI-CSNL Datasheet
361Kb / 6P
   Metal Plate Current Sensing Chip Resistor
10/22/2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com