Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD780BR-REEL7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD780BR-REEL7
Description  2.5 V/3.0 V High Precision Reference
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD780BR-REEL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD780BR-REEL7 Datasheet HTML 2Page - Analog Devices AD780BR-REEL7 Datasheet HTML 3Page - Analog Devices AD780BR-REEL7 Datasheet HTML 4Page - Analog Devices AD780BR-REEL7 Datasheet HTML 5Page - Analog Devices AD780BR-REEL7 Datasheet HTML 6Page - Analog Devices AD780BR-REEL7 Datasheet HTML 7Page - Analog Devices AD780BR-REEL7 Datasheet HTML 8Page - Analog Devices AD780BR-REEL7 Datasheet HTML 9Page - Analog Devices AD780BR-REEL7 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AD780
REV. B
–7–
TURN-ON TIME
The time required for the output voltage to reach its final value
within a specified error band is defined as the turn-on settling
time. The two major factors that affect this are the active circuit
settling time and the time for the thermal gradients on the chip
to stabilize. Typical settling performance is shown in Figure 11
following. The AD780 settles to within 0.1% of its final value
within 10
µs.
2.499V
2.498V
2.500V
0V
5V
10 s/DIV
VIN
VOUT
Figure 11. Turn-On Settling Time Performance
DYNAMIC PERFORMANCE
The output stage of the AD780 has been designed to provide
superior static and dynamic load regulation.
Figure 12 shows the performance of the AD780 while driving a
0 mA to 10 mA load.
+VIN
VOUT
AD780
VL
0V
VOUT
249
1 F
Figure 12a. Transient Resistive Load Test Circuit
10mA
0mA
10 s/DIV
ILOAD
VOUT (CL = 0pF)
Figure 12b. Settling Under Transient Resistive Load
The dynamic load may be resistive and capacitive. For example
the load may be connected via a long capacitive cable. Figure 13
following shows the performance of the AD780 driving a
1000 pF, 0 mA to 10 mA load.
+VIN
VOUT
AD780
VL
0V
VOUT
249
1 F
CL
1000pF
Figure 13a. Capacitive Load Transient Response
Test Circuit
10 s/DIV
0mA
10mA
ILOAD
VOUT
(CL = 1000pF)
Figure 13b. Settling Under Dynamic Capacitive Load


Similar Part No. - AD780BR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD780BR-REEL7 AD-AD780BR-REEL7 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780BR-REEL7 AD-AD780BR-REEL7 Datasheet
264Kb / 12P
   2.5 V-3.0 V High Precision Reference
Rev. F
More results

Similar Description - AD780BR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD780BRZ-REEL7 AD-AD780BRZ-REEL7 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780BRZ-REEL AD-AD780BRZ-REEL Datasheet
264Kb / 12P
   2.5 V-3.0 V High Precision Reference
Rev. F
AD780 AD-AD780_15 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780ARZ AD-AD780ARZ Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD580 AD-AD580 Datasheet
251Kb / 6P
   High Precision 2.5 V IC Reference
REV. A
5962-8686101XA AD-5962-8686101XA Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580MH AD-AD580MH Datasheet
196Kb / 8P
   High Precision,2.5 V IC Reference
REV. B
AD580 AD-AD580_04 Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580MH AD-AD580MH Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
logo
List of Unclassifed Man...
AS535 ETC1-AS535 Datasheet
27Kb / 3P
   2.5 V Precision Reference / Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com