Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRHV0603T1004JF Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # CRHV0603T1004JF
Description  High Voltage Thick Film Chip Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CRHV0603T1004JF Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  CRHV0603T1004JF Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CRHV0603T1004JF Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CRHV0603T1004JF Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
.
.-
■Construction
1 Alumina Substrate
4 Edge Electrode (NiCr)
7 Resistor Layer (RuO
2/Ag)
2 Bottom Electrode (Ag)
5 Barrier Layer (Ni)
8 Primary Overcoat (Glass)
3 Top Electrode (Ag-Pd)
6 External Electrode (Sn)
9 Secondary Overcoat (Epoxy)
■Dimensions
Unit: mm
Type
Size
(Inch)
L
W
T
D1
D2
Weight
(g)
(1000pcs)
CRHV.
0402
1.00±0.05 0.50±0.05 0.35±0.05 0.20±0.10 0.20±0.10
0.620
CRHV.
0603
1.60±0.10 0.80±0.10 0.45±0.10 0.30±0.20 0.30±0.20
2.042
CRHV.
0805
2.00±0.10 1.25±0.10 0.50±0.10 0.35±0.20 0.40±0.20
4.368
CRHV.
1206
3.10±0.10 1.55±0.10 0.55±0.10 0.50±0.25 0.50±0.20
8.947
CRHV.
2010
5.00±0.20 2.50±0.15 0.55±0.10 0.60±0.25 0.50±0.20
24.241
CRHV.
2512
6.35±0.20 3.20±0.15 0.55±0.10 0.60±0.25 0.50±0.20
39.448
■Part Numbering
■Derating Curve
Product
Type
Dimensions
Power
Rating
Resistance
Resistance
Tolerance
TCR
(PPM/'C)
0402
0603
0805
W: 1/8W
1206
V: 1/4W
2010
U: 1/2W
2512
T: 1W
Y: 1/16W
X: 1/10W
1004:.1Mohm
1005:.10Mohm
F: ±1%
J: ±5%
E: ±100
F: ±200
H: ±400
■Features
-Highly reliable multilayer electrode
construction
-Higher component and equipment reliability
-Excellent performance at high voltage
-Reduced size of final equipment
■Applications
-Inverter
-Outdoor Equipments
-Converter
-Automotive Industry
-High Pulse Equipment
L
T
D1
D2
W
1
2
3
4
5
6
7
8
9
CRHV
0402
Y
1004
E
F
0
20
40
60
80
100
0
20
40
60
80
100
120
140
160
180
Ambient Temperature(
℃)
CRHV Series
MERITEK
High Voltage Thick Film Chip Resistor
Specifications are subject to change without notice.
rev.6a


Similar Part No. - CRHV0603T1004JF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRHV VISHAY-CRHV Datasheet
175Kb / 2P
   High Voltage Chip Resistors
Revision: 02-Oct-14
CRHV VISHAY-CRHV Datasheet
87Kb / 4P
   Thick Film Chip Resistors, High Voltage
Revision: 02-Oct-14
CRHV1206 VISHAY-CRHV1206 Datasheet
175Kb / 2P
   High Voltage Chip Resistors
Revision: 02-Oct-14
CRHV1210 VISHAY-CRHV1210 Datasheet
175Kb / 2P
   High Voltage Chip Resistors
Revision: 02-Oct-14
CRHV2010 VISHAY-CRHV2010 Datasheet
175Kb / 2P
   High Voltage Chip Resistors
Revision: 02-Oct-14
More results

Similar Description - CRHV0603T1004JF

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
HVC SEI-HVC Datasheet
267Kb / 5P
   High Voltage Thick Film Chip Resistor
11/18/2020
logo
List of Unclassifed Man...
HVCB2010FKC100M ETC2-HVCB2010FKC100M Datasheet
114Kb / 3P
   High Voltage Thick Film Chip Resistor
logo
IRC - a TT electronics ...
F44KU6806G50BLK IRCTT-F44KU6806G50BLK Datasheet
245Kb / 3P
   High Voltage Thick Film Resistor
logo
Stackpole Electronics, ...
RVC SEI-RVC Datasheet
337Kb / 6P
   Medium Voltage Thick Film Chip Resistor
01/23/2019
logo
Rohm
KTR10 ROHM-KTR10_1 Datasheet
87Kb / 7P
   Endured high voltage fixed thick film chip resistor
KTR10 ROHM-KTR10 Datasheet
106Kb / 7P
   Endured high voltage fixed thick film chip resistor
logo
Samsung semiconductor
RC1608J000CS SAMSUNG-RC1608J000CS Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
logo
Riedon Powertron
CLR0201 RIEDON-CLR0201_13 Datasheet
167Kb / 1P
   Thick Film Chip Resistor
logo
YAGEO Corporation
RC0100JR-070RL YAGEO-RC0100JR-070RL Datasheet
117Kb / 7P
   Thick Film Chip Resistor
logo
Samsung semiconductor
RC2012F2491CS SAMSUNG-RC2012F2491CS Datasheet
73Kb / 2P
   Thick - Film chip RESISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com