Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPR0603O1004DF Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # CPR0603O1004DF
Description  Pulse Withstanding Thick Film Chip Resistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CPR0603O1004DF Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  CPR0603O1004DF Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CPR0603O1004DF Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CPR0603O1004DF Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CPR0603O1004DF Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CPR0603O1004DF Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CPR0603O1004DF Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION CPR0603O1004DF Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION CPR0603O1004DF Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION CPR0603O1004DF Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Feature
Tolerance from ± 0.5% ~ 5%
High Power Rating
Excellent pulse withstanding performance
Improved working voltage ratings
Standard package sizes of 0805 ~ 2512
Part Numbering System
CPR
0805
A
1001
D
E
Pulse Withstanding Thick Film Resistor
Size
0603 0805 1206 1210 2010 2512
Power Rating
Code
Code
A
1.5W
V
0.25W
T
1W
P
0.2W
Q
0.75W
W
0.125W
U
0.5W
X
0.1W
O
0.33W
Resistance
Code
1001
1004
1005
1K
1M
10M
Resistance Tolerance
Code
D
F
J
± 0.5%
± 1%
± 5%
TCR (PPM / ºC)
Code
E
F
±100
± 200
Pulse Withstanding
Thick Film Chip Resistor
CPR Series
Rev.7


Similar Part No. - CPR0603O1004DF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CPR03100R0JE6630 VISHAY-CPR03100R0JE6630 Datasheet
459Kb / 4P
   Wirewound/Metal Oxide Resistors, Commercial Power,
CPR03100R0JE6631 VISHAY-CPR03100R0JE6631 Datasheet
459Kb / 4P
   Wirewound/Metal Oxide Resistors, Commercial Power,
CPR03100R0JE6632 VISHAY-CPR03100R0JE6632 Datasheet
459Kb / 4P
   Wirewound/Metal Oxide Resistors, Commercial Power,
CPR03100R0RE6630 VISHAY-CPR03100R0RE6630 Datasheet
459Kb / 4P
   Wirewound/Metal Oxide Resistors, Commercial Power,
CPR03100R0RE6631 VISHAY-CPR03100R0RE6631 Datasheet
459Kb / 4P
   Wirewound/Metal Oxide Resistors, Commercial Power,
More results

Similar Description - CPR0603O1004DF

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RPC SEI-RPC Datasheet
788Kb / 12P
   Pulse Withstanding Thick Film Chip Resistor
5/24/2022
logo
Token Electronics Indus...
PWR TOKEN-PWR Datasheet
1Mb / 14P
   Pulse Withstanding Chip Resistor
logo
Riedon Powertron
PCR1206-100KJ1 RIEDON-PCR1206-100KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR1206-470KJ1 RIEDON-PCR1206-470KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR RIEDON-PCR Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR0805-470RJ1 RIEDON-PCR0805-470RJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR0603 RIEDON-PCR0603 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR0805-1RJ1 RIEDON-PCR0805-1RJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR1206-10KJ1 RIEDON-PCR1206-10KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR0805-47KJ1 RIEDON-PCR0805-47KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com