Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ1094AI Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOZ1094AI
Description  EZBuck??5A Simple Buck Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1094AI Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOZ1094AI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1094AI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1094AI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1094AI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1094AI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1094AI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1094AI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1094AI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1094AI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
AOZ1094
Rev. 1.3 October 2010
www.aosmd.com
Page 4 of 19
value in any given application depends on the user's specific board
design.
Electrical Characteristics
TA = 25°C, VIN = VEN = 12V, VOUT = 3.3V unless otherwise specified(3)
Note:
3. Specification in BOLD indicate an ambient temperature range of -40°C to +85°C. These specifications are guaranteed by design.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VIN
Supply Voltage
4.5
16
V
VUVLO
Input Under-Voltage Lockout Threshold
VIN Rising
VIN Falling
4.00
3.70
V
IIN
Supply Current (Quiescent)
IOUT = 0, VFB = 1.2V, VEN > 1.2V
23
mA
IOFF
Shutdown Supply Current
VEN = 0V
320
µA
VFB
Feedback Voltage
0.784
0.8
0.816
V
Load Regulation
0.5
%
Line Regulation
1%
IFB
Feedback Voltage Input Current
200
nA
VEN
EN Input Threshold
Off Threshold
On Threshold
2.0
0.6
V
VHYS
EN Input Hysteresis
100
mV
MODULATOR
fO
Frequency
400
500
600
kHz
DMAX
Maximum Duty Cycle
100
%
DMIN
Minimum Duty Cycle
6%
Error Amplifier Voltage Gain
500
V / V
Error Amplifier Transconductance
200
µA / V
PROTECTION
ILIM
Current Limit
6
8
A
Over-Temperature Shutdown Limit
TJ Rising
TJ Falling
145
100
°C
VPR
Output Over-voltage Protection Thresh-
old
Off Threshold
On Threshold
960
940
V
tSS
Soft Start Interval
3ms
OUTPUT STAGE
High-Side Switch On-Resistance
VIN = 12V
VIN = 5V
28
48
35
65
m


Similar Part No. - AOZ1094AI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1094DI AOSMD-AOZ1094DI Datasheet
813Kb / 19P
   EZBuck??5A Simple Buck Regulator
More results

Similar Description - AOZ1094AI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1014DI AOSMD-AOZ1014DI_09 Datasheet
533Kb / 19P
   EZBuck??5A Simple Buck Regulator
AOZ1014AI AOSMD-AOZ1014AI_09 Datasheet
533Kb / 19P
   EZBuck??5A Simple Buck Regulator
AOZ1094DI AOSMD-AOZ1094DI Datasheet
813Kb / 19P
   EZBuck??5A Simple Buck Regulator
AOZ1014 AOSMD-AOZ1014 Datasheet
1Mb / 21P
   EZBuck TM 5A Simple Buck Regulator
AOZ1036DI AOSMD-AOZ1036DI Datasheet
676Kb / 17P
   EZBuck??5A Synchronous Buck Regulator
AOZ1037 AOSMD-AOZ1037 Datasheet
588Kb / 14P
   EZBuck??5A Synchronous Buck Regulator
AOZ1053PI AOSMD-AOZ1053PI Datasheet
697Kb / 14P
   EZBuck??5A Synchronous Buck Regulator
AOZ1210AI AOSMD-AOZ1210AI Datasheet
418Kb / 14P
   EZBuck??2A Simple Buck Regulator
AOZ1242AI AOSMD-AOZ1242AI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1242DI AOSMD-AOZ1242DI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com