Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA1206CG8R2B101 Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # MA1206CG8R2B101
Description  Multilayer Ceramic Chip Capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MA1206CG8R2B101 Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  MA1206CG8R2B101 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MA1206CG8R2B101 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MA1206CG8R2B101 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MA1206CG8R2B101 Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MA1206CG8R2B101 Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION MA1206CG8R2B101 Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION MA1206CG8R2B101 Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION MA1206CG8R2B101 Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION MA1206CG8R2B101 Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CAPACITANCE RANGE
SIZE
0201
DIELECTRIC
C0G
RATED VOLTAGE (VDC)
16
25
50
0.3pF (0R3)
0.4pF (0R4)
0.5pF (0R5)
1.0pF (1R0)
1.2pF (1R2)
1.5pF (1R5)
1.8pF (1R8)
2.2pF (2R2)
2.7pF (2R7)
3.0pF ( 3R0)
3.3pF (3R3)
3.9pF (3R9)
4.0pF(4R0)
4.7pF (4R7)
5.6pF (5R6)
6.8pF (6R8)
8.2pF (8R2)
10pF (100)
12pF (120)
15pF (150)
18pF (180)
22pF (220)
27pF (270)
33pF (330)
39pF (390)
47pF (470)
56pF (560)
68pF (680)
82pF (820)
100pF (101)
SIZE
0201
DIELECTRIC
X7R
X5R
RATED VOLTAGE (VDC)
10
16
25
50
6.3
10
16
25
50
100pF ( 101)
120pF ( 121)
150pF ( 151)
180pF ( 181)
220pF ( 221)
270pF ( 271)
330pF ( 331)
390pF ( 391)
470pF ( 471)
560pF ( 561)
680pF ( 681)
820pF ( 821)
1,000pF (10 2)
1,500pF (15 2)
2,200pF (22 2)
3,300pF (33 2)
4,700pF (47 2)
6,800pF (68 2)
0.010μF ( 103)
0.015μF ( 153)
0.022μF ( 223)
0.033μF ( 333)
0.047μF ( 473)
0.068μF ( 683)
0.10μF ( 104)
3
Rev 7
Size
MERITEK
Multilayer Ceramic Chip Capacitors
MA Series


Similar Part No. - MA1206CG8R2B101

ManufacturerPart #DatasheetDescription
logo
RFE international
MA1206SXR104K500R RFE-MA1206SXR104K500R Datasheet
466Kb / 2P
   MULTILAYER CERAMIC CAPACITORS MA_ _ _ _S: Soft / Flex Terminations
2019.01.04
MA1206XR104K101A RFE-MA1206XR104K101A Datasheet
61Kb / 1P
   HOW TO ORDER Ceramic Disc & Multilayer CAPACITORS
MA1206XR104K101B RFE-MA1206XR104K101B Datasheet
61Kb / 1P
   HOW TO ORDER Ceramic Disc & Multilayer CAPACITORS
MA1206XR104K101R RFE-MA1206XR104K101R Datasheet
61Kb / 1P
   HOW TO ORDER Ceramic Disc & Multilayer CAPACITORS
MA1206XR104K500R RFE-MA1206XR104K500R Datasheet
94Kb / 2P
   CERAMIC CAPACITORS MA Series: Multilayer Surface Mount
More results

Similar Description - MA1206CG8R2B101

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com