Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ1084DI Datasheet(PDF) 6 Page - Alpha & Omega Semiconductors

Part # AOZ1084DI
Description  1.2A Buck LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1084DI Datasheet(HTML) 6 Page - Alpha & Omega Semiconductors

Back Button AOZ1084DI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1084DI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1084DI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1084DI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1084DI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1084DI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1084DI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1084DI Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ1084DI Datasheet HTML 10Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AOZ1084
Rev. 0.3 April 2012
www.aosmd.com
Page 6 of 12
Detailed Description
The AOZ1084 is a high efficiency, simple to use, 1.2A
buck HB LED driver optimized for general lighting
applications. Features include enable control, under
voltage lock-out, internal soft-start, output over-voltage
protection, over-current protection and thermal shut
down.
The AOZ1084 is available in a DFN2x2-8L package.
Soft Start and PWM Dimming
The AOZ1084 has internal soft start feature to limit
in-rush current and ensure the output voltage ramps up
smoothly to regulation voltage. A soft start process
begins when the input voltage rises to the voltage higher
than UVLO and voltage on Dim pin is HIGH. In soft start
process, the output voltage is ramped to regulation
voltage in typically 600
s. The 600s soft start time is set
internally.
The DIM pin of the AOZ1084 is active high. Connect the
DIM pin to VIN if enable function is not used. Pull it to
ground will disable the AOZ1084. Do not leave it open.
The voltage on DIM pin must be above 1.2V to enable
the AOZ1084. When voltage on DIM pin falls below 0.4V,
the AOZ1084 is disabled.
Steady-State Operation
Under steady-state conditions, the converter operates in
fixed frequency and Continuous-Conduction Mode
(CCM).
The AOZ1084 integrates an internal NMOS as the high-
side switch. Inductor current is sensed by amplifying the
voltage drop across the drain to source of the high side
power MOSFET. Output voltage is divided down by the
external voltage divider at the FB pin. The difference of
the FB pin voltage and reference is amplified by the
internal transconductance error amplifier. The error
voltage, is compared against the current signal, which is
sum of inductor current signal and ramp compensation
signal, at PWM comparator input. If the current signal is
less than the error voltage, the internal high-side switch
is on. The inductor current flows from the input through
the inductor to the output. When the current signal
exceeds the error voltage, the high-side switch is off. The
inductor current is freewheeling through the external
Schottky diode to output.
Switching Frequency
The AOZ1084 switching frequency is fixed and set by an
internal oscillator. The switching frequency is set
internally 450kHz.
LED Current Programming
LED current can be set by feeding back the output to the
FB pin with the sense resistor RS shown in Figure 1.
The LED current can be programmed as:
Protection Features
The AOZ1084 has multiple protection features to prevent
system circuit damage under abnormal conditions.
Over Current Protection (OCP)
The sensed inductor current signal is also used for over
current protection.
The cycle by cycle current limit threshold is set normal
value of 2A. When the load current reaches the current
limit threshold, the cycle by cycle current limit circuit turns
off the high side switch immediately to terminate the
current duty cycle. The inductor current stop rising. The
cycle by cycle current limit protection directly limits
inductor peak current. The average inductor current is
also limited due to the limitation on peak inductor current.
When cycle by cycle current limit circuit is triggered, the
output voltage drops as the duty cycle decreasing.
The AOZ1084 has internal short circuit protection to
protect itself from catastrophic failure under output short
circuit conditions. As a result, the converter is shut down
and hiccups. The converter will start up via a soft start
once the short circuit condition disappears. In short
circuit protection mode, the inductor average current is
greatly reduced.
UVLO
An UVLO circuit monitors the input voltage. When the
input voltage exceeds 2.9V, the converter starts
operation. When input voltage falls below 2.2V, the
converter will stop switching.
Thermal Protection
An internal temperature sensor monitors the junction
temperature. It shuts down the internal control circuit and
high side NMOS if the junction temperature exceeds
150ºC. The regulator will restart automatically under the
control of soft-start circuit when the junction temperature
decreases to 110°C.
I
LED
0.16
R
S
-----------
=


Similar Part No. - AOZ1084DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1084DI AOSMD-AOZ1084DI Datasheet
943Kb / 12P
   1.2A Buck LED Driver
Rev. 1.0 June 2015
More results

Similar Description - AOZ1084DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1084 AOSMD-AOZ1084 Datasheet
943Kb / 12P
   1.2A Buck LED Driver
Rev. 1.0 June 2015
logo
Sipex Corporation
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
   1.2A Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP7685ER-L-TR EXAR-SP7685ER-L-TR Datasheet
266Kb / 13P
   1.2A Buck/Boost Charge Pump LED Driver
SP7685 EXAR-SP7685 Datasheet
267Kb / 12P
   1.2A Buck/Boost Charge Pump LED Driver
logo
Princeton Technology Co...
PT6910 PTC-PT6910 Datasheet
166Kb / 4P
   1.2A LED Driver with Integrated Switch
logo
Monolithic Power System...
EV2481-H-01A MPS-EV2481-H-01A Datasheet
160Kb / 4P
   1.2A, 36V, 1.4MHz White LED Driver Buck/Boost Halogen Replacement Evaluation Board
EV2481-H-00A MPS-EV2481-H-00A Datasheet
158Kb / 4P
   1.2A, 36V, 1.4MHz White LED Driver Buck/Boost Halogen Replacement Evaluation Board
logo
Unisonic Technologies
L4120 UTC-L4120_17 Datasheet
167Kb / 4P
   40V/1.2A INTEGRATED POWER LED DRIVER
L4120 UTC-L4120 Datasheet
159Kb / 4P
   40V/1.2A INTEGRATED POWER LED DRIVER
logo
Texas Instruments
LM3553 TI1-LM3553 Datasheet
1Mb / 26P
[Old version datasheet]   1.2A Dual Flash LED Driver System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com