Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSR1206RSR010F Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # CSR1206RSR010F
Description  Current Sensing Chip Resistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CSR1206RSR010F Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  CSR1206RSR010F Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CSR1206RSR010F Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CSR1206RSR010F Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CSR1206RSR010F Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CSR1206RSR010F Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CSR1206RSR010F Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION CSR1206RSR010F Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
 
 
 
Rev. 7
 
Current Sensing Chip Resistor
MERITEK
CSR Series
Standard Electrical Specifications
Item
Type
Power Rating
at 70°C
Operating Temp.
Range
Resistance Range
(mΩ)
TCR
(PPM/°C)
±1%
±2%
±5%
CSR0201
1/20W
-55 ~ +155
C
100 - 149
150 - 500
501 - 1000
±1000
±600
±300
CSR0402
1/16W
50 - 100
101 - 500
501 - 1000
±400
±300
±200
CSR0603
1/10W
20 - 50
51 - 100
101 - 500
501 - 1000
±600
±400
±300
±200
CSR0805
1/8W
20 - 50
51 - 100
101 - 500
501 - 1000
±600
±400
±300
±200
CSR1206
1/4W
10 - 20
21 - 50
51 - 99
100 - 1000
±600
±400
±300
±200
CSR1210
1/2W
CSR2010
3/4W
CSR2512
1W
CSR1225
3W
3 - 5
6 - 20
21 - 30
31 - 250
251 - 8000
±300
±200
±150
±100
±200
CSR3720
1W
10 - 19
20 - 500
±300
±150
CSR7520
2W
1 - 4
±300
5 - 10
11 - 350
±200
±150
 
High Power Rating Electrical Specifications 
 
Item
Type
Power Rating
at 70°C
Operating Temp.
Range
Resistance Range
(mΩ)
TCR
(PPM/°C)
±1%
±2%
±5%
CSR0402
1/8W
-55 ~ +155
C
51 - 100
101 - 500
501 - 1000
±400
±300
±200
CSR0603
1/8W
CSR0805
1/4W
CSR1206
1/2W
10 - 20
21 - 50
51 - 99
100 - 1000
±600
±400
±300
±200
CSR1210
3/4W
CSR2010
1W
CSR2512
1.5W
CSR2512
2W
 
 
 
 
 
 
 
 
 
 
 


Similar Part No. - CSR1206RSR010F

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
CSR1206 RIEDON-CSR1206 Datasheet
219Kb / 2P
   Ultra Low Ohm (Metal Strip) Chip Resistor
CSR1206 RIEDON-CSR1206 Datasheet
170Kb / 3P
   Power Current Sense Chip Resistor
CSR1206 RIEDON-CSR1206 Datasheet
185Kb / 3P
   Ultra Low Ohm (Metal Strip) Chip Resistor
CSR1206 RIEDON-CSR1206 Datasheet
170Kb / 3P
   Power Current Sense Chip Resistor
logo
List of Unclassifed Man...
CSR1206 ETC2-CSR1206 Datasheet
116Kb / 6P
   CSR/CSRN Series Thick Film Current Sensing Resistor
More results

Similar Description - CSR1206RSR010F

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
UR732ATTDR100F KOA-UR732ATTDR100F Datasheet
306Kb / 2P
   current sensing chip resistor
logo
Riedon Powertron
CLSA0402 RIEDON-CLSA0402 Datasheet
172Kb / 2P
   Current Sensing Chip Resistor
logo
KOA Speer Electronics, ...
UR73D1ET KOA-UR73D1ET Datasheet
131Kb / 4P
   Current Sensing Chip Resistor
UR73 KOA-UR73 Datasheet
470Kb / 2P
   current sensing chip resistor
logo
Riedon Powertron
CLS0402 RIEDON-CLS0402 Datasheet
233Kb / 1P
   Current Sensing Chip Resistor
logo
KOA Speer Electronics, ...
UR731ET KOA-UR731ET Datasheet
108Kb / 2P
   current sensing chip resistor
logo
Riedon Powertron
CLS0402 RIEDON-CLS0402_13 Datasheet
168Kb / 2P
   Current Sensing Chip Resistor
logo
Ohmite Mfg. Co.
LVM OHMITE-LVM Datasheet
490Kb / 2P
   Current Sensing Metal Chip Resistor
logo
Token Electronics Indus...
TCS TOKEN-TCS Datasheet
856Kb / 10P
   Chip Current Sensing Precision Resistor
logo
Stackpole Electronics, ...
CSNL SEI-CSNL Datasheet
361Kb / 6P
   Metal Plate Current Sensing Chip Resistor
10/22/2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com