Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ1057AI Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AOZ1057AI
Description  EZBuck??3A Simple Buck Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1057AI Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AOZ1057AI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1057AI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1057AI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1057AI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1057AI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1057AI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1057AI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1057AI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1057AI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AOZ1057
Rev. 1.3 November 2009
www.aosmd.com
Page 5 of 15
Typical Performance Characteristics
Circuit of Figure 1. TA = 25°C, VIN = VEN = 12V, VOUT = 3.3V unless otherwise specified.
Light Load (DCM) Operation
Full Load (CCM) Operation
Startup to Full Load
Short Circuit Protection
50% to 100% Load Transient
Short Circuit Recovery
2s/div
2s/div
4ms/div
10ms/div
400s/div
10ms/div
Vin ripple
0.1V/div
Vo ripple
20mV/div
Vo
2V/div
lin
1A/div
Vo
2V/div
lin
1A/div
Vo Ripple
50mV/div
lo
1A/div
Vo
2V/div
IL
1A/div
VLX
5V/div
Vin ripple
0.1V/div
Vo ripple
20mV/div
VLX
5V/div


Similar Part No. - AOZ1057AI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1050PI AOSMD-AOZ1050PI Datasheet
607Kb / 14P
   EZBuck??2 A Synchronous Buck Regulator
AOZ1051PI AOSMD-AOZ1051PI Datasheet
635Kb / 14P
   EZBuck??3 A Synchronous Buck Regulator
AOZ1052PI AOSMD-AOZ1052PI Datasheet
696Kb / 14P
   EZBuck??4A Synchronous Buck Regulator
AOZ1053PI AOSMD-AOZ1053PI Datasheet
697Kb / 14P
   EZBuck??5A Synchronous Buck Regulator
AOZ1056AI AOSMD-AOZ1056AI Datasheet
664Kb / 15P
   EZBuck??2A Simple Buck Regulator
More results

Similar Description - AOZ1057AI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1242AI AOSMD-AOZ1242AI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1242DI AOSMD-AOZ1242DI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1212 AOSMD-AOZ1212 Datasheet
571Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1212DI AOSMD-AOZ1212DI Datasheet
571Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1092DI AOSMD-AOZ1092DI Datasheet
518Kb / 16P
   EZBuck??3A Simple Buck Regulator
AOZ1212AI AOSMD-AOZ1212AI Datasheet
571Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1012D AOSMD-AOZ1012D Datasheet
795Kb / 17P
   EZBuck??3A Simple Buck Regulator
AOZ1013 AOSMD-AOZ1013 Datasheet
570Kb / 16P
   EZBuck TM 3A Simple Buck Regulator
AOZ1017DI AOSMD-AOZ1017DI Datasheet
517Kb / 16P
   EZBuck??3A Simple Regulator
AOZ1013AI AOSMD-AOZ1013AI_09 Datasheet
393Kb / 14P
   EZBuck??3A Simple Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com