Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ1017DI Datasheet(PDF) 8 Page - Alpha & Omega Semiconductors

Part # AOZ1017DI
Description  EZBuck??3A Simple Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1017DI Datasheet(HTML) 8 Page - Alpha & Omega Semiconductors

Back Button AOZ1017DI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1017DI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1017DI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1017DI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1017DI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1017DI Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ1017DI Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ1017DI Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ1017DI Datasheet HTML 12Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AOZ1017D
Rev. 1.1 April 2009
www.aosmd.com
Page 8 of 16
The combination of R1 and R2 should be large enough to
avoid drawing excessive current from the output, which
will cause power loss.
Since the switch duty cycle can be as high as 100%, the
maximum output voltage can be set as high as the input
voltage minus the voltage drop on upper PMOS and
inductor.
Protection Features
The AOZ1017D has multiple protection features to pre-
vent system circuit damage under abnormal conditions.
Over Current Protection (OCP)
The sensed inductor current signal is also used for over
current protection. Since the AOZ1017D employs peak
current mode control, the COMP pin voltage is propor-
tional to the peak inductor current. The COMP pin volt-
age is limited to be between 0.4V and 2.5V internally.
The peak inductor current is automatically limited cycle
by cycle.
The cycle by cycle current limit threshold is set between
4A and 5A. When the load current reaches the current
limit threshold, the cycle by cycle current limit circuit turns
off the high side switch immediately to terminate the
current duty cycle. The inductor current stop rising.
The cycle by cycle current limit protection directly limits
inductor peak current. The average inductor current is
also limited due to the limitation on peak inductor current.
When cycle by cycle current limit circuit is triggered, the
output voltage drops as the duty cycle is decreasing.
The AOZ1017D has internal short circuit protection to
protect itself from catastrophic failure under output short
circuit conditions. The FB pin voltage is proportional to
the output voltage. Whenever FB pin voltage is below
0.2V, the short circuit protection circuit is triggered.
As a result, the converter is shut down and hiccups at a
frequency equals to 1/8 of normal switching frequency.
The converter will start up via a soft start once the short
circuit condition is resolved. In short circuit protection
mode, the inductor average current is greatly reduced
because of the low hiccup frequency.
Power-On Reset (POR)
A power-on reset circuit monitors the input voltage. When
the input voltage exceeds 4V, the converter starts opera-
tion. When input voltage falls below 3.7V, the converter
will be shut down.
Output Over Voltage Protection (OVP)
The AOZ1017D monitors the feedback voltage: when the
feedback voltage is higher than 960mV, it immediately
turns off the PMOS to protect the output voltage
overshoot at fault condition. When feedback voltage is
lower than 840mV, the PMOS is allowed to turn on in
the next cycle.
Thermal Protection
An internal temperature sensor monitors the junction
temperature. It shuts down the internal control circuit and
high side PMOS if the junction temperature exceeds
150°C.
Application Information
The basic AOZ1017D application circuit is shown in
Figure 1. Component selection is explained below.
Input Capacitor
The input capacitor must be connected to the VIN pin
and PGND pin of the AOZ1017D to maintain steady input
voltage and filter out the pulsing input current. The
voltage rating of the input capacitor must be greater than
the maximum input voltage plus the ripple voltage.
The input ripple voltage can be approximated by the
following equation:
Since the input current is discontinuous in a buck
converter, the current stress on the input capacitor is
another concern when selecting the capacitor. For a buck
circuit, the RMS value of input capacitor current can be
calculated by:
if let m equal the conversion ratio:
The relation between the input capacitor RMS current
and voltage conversion ratio is calculated and shown in
Figure 2 on the next page. It can be seen that when VO is
half of VIN, CIN is under the worst current stress. The
worst current stress on CIN is 0.5 x IO.
ΔVIN
IO
fCIN
×
-----------------
1
VO
VIN
---------
⎝⎠
⎜⎟
⎛⎞
VO
VIN
---------
×
×
=
ICIN_RMS
IO
VO
VIN
--------- 1
VO
VIN
---------
⎝⎠
⎜⎟
⎛⎞
×
=
VO
VIN
---------
m
=


Similar Part No. - AOZ1017DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1017 AOSMD-AOZ1017 Datasheet
615Kb / 16P
   EZBuck??3A Simple Regulator
AOZ1017-EVA AOSMD-AOZ1017-EVA Datasheet
215Kb / 4P
   EZBuck??3A Simple Buck Regulator Evaluation Board Note
AOZ1017A AOSMD-AOZ1017A Datasheet
569Kb / 15P
   EZBuck™ 3A Simple Regulator
Rev. 1.2 April 2009
AOZ1017AI AOSMD-AOZ1017AI Datasheet
615Kb / 16P
   EZBuck??3A Simple Regulator
AOZ1017AI AOSMD-AOZ1017AI Datasheet
430Kb / 15P
   EZBuck??3A Simple Regulator
More results

Similar Description - AOZ1017DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1013AI AOSMD-AOZ1013AI_09 Datasheet
393Kb / 14P
   EZBuck??3A Simple Regulator
AOZ1017 AOSMD-AOZ1017 Datasheet
615Kb / 16P
   EZBuck??3A Simple Regulator
AOZ1017AI AOSMD-AOZ1017AI Datasheet
430Kb / 15P
   EZBuck??3A Simple Regulator
AOZ1242AI AOSMD-AOZ1242AI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1242DI AOSMD-AOZ1242DI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1212 AOSMD-AOZ1212 Datasheet
571Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1212DI AOSMD-AOZ1212DI Datasheet
571Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1057AI AOSMD-AOZ1057AI Datasheet
708Kb / 15P
   EZBuck??3A Simple Buck Regulator
AOZ1017A AOSMD-AOZ1017A Datasheet
569Kb / 15P
   EZBuck™ 3A Simple Regulator
Rev. 1.2 April 2009
AOZ1092DI AOSMD-AOZ1092DI Datasheet
518Kb / 16P
   EZBuck??3A Simple Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com