Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRSW0805V1004MF Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # CRSW0805V1004MF
Description  Surge Withstanding Chip Resistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CRSW0805V1004MF Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  CRSW0805V1004MF Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CRSW0805V1004MF Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CRSW0805V1004MF Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CRSW0805V1004MF Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
.
Packaging
Reel Specifications & Packaging Quantity
Unit: mm
Size
Packaging Quantity Tape Width Reel Diameter
ΦA
ΦB
ΦC
W
T
5K
7 inch
178.5±1.5
60
+1/-0
13.0±0.2
9.0±0.5
12.5±0.5
10K
10 inch
254±1.0
100±0.5
13.0±0.2
9.5±0.5
13.5±0.5
0603
0805
1206
1210
Paper
20K
8mm
13 inch
330±1.0
100±0.5
13.0±0.2
9.5±0.5
13.5±0.5
4K
7 inch
178.5±1.5
60
+1/-0
13.0±0.5
13.0±0.5
15.5±0.5
2010
2512
Embossed
8K
12mm
10 inch
250±1.0
62±0.5
13.0±0.5
12.5±0.5
16.5±0.5
Paper Tape Specifications
Unit: mm
Size
A
B
W
E
F
P0
P1
P2
ΦD0
T
0603
1.10±0.10
1.90±0.10
8.0±0.20
1.75±0.10
3.50±0.05
4.00±0.10
4.00±0.05
2.00±0.05
1.50+0.1,-0
0.70±0.10
0805
1.60±0.10
2.40±0.20
8.0±0.20
1.75±0.10
3.50±0.05
4.00±0.10
4.00±0.05
2.00±0.05
1.50+0.1,-0
0.85±0.10
1206
1.90±0.10
3.50±0.20
8.0±0.20
1.75±0.10
3.50±0.05
4.00±0.10
4.00±0.05
2.00±0.05
1.50+0.1,-0
0.85±0.10
1210
2.80±0.10
3.50±0.20
8.0±0.20
1.75±0.10
3.50±0.05
4.00±0.10
4.00±0.05
2.00±0.05
1.50+0.1,-0
0.85±0.10
Embossed Plastic Tape Specifications
Unit: mm
Size
A
B
W
E
F
P0
P1
P2
ΦD0
T
2010
2.8±0.20
5.5±0.20
12.0±0.30
1.75±0.10
5.5±0.05
4.00±0.10
4.00±0.10
2.00±0.05 1.50+0.1, -0
1.2
+0
2512
3.5±0.20
6.7±0.20
12.0±0.30
1.75±0.10
5.5±0.05
4.00±0.10
4.00±0.10
2.00±0.05 1.50+0.1, -0
1.2
+0
W
E
F
ψ
D0
P0
A
B
T
ψ
D11.5+0.25,-0
Embossed Tape
Direction of unreeling
Top Tape
Resistor
P1
P2
W
E
F
A
B
T
Direction of unreeling
Resistor
Top Tape
Bottom Tape
Paper Tape
ψ
D0
P0
P1
P2


Similar Part No. - CRSW0805V1004MF

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
CRS OHMITE-CRS Datasheet
784Kb / 2P
   Avaliable in two sizes ARCOLs CRS utilises Electron Beam
logo
Laird Tech Smart Techno...
CRS LSTD-CRS Datasheet
136Kb / 2P
   2-component castable
logo
Bourns Electronic Solut...
CRS BOURNS-CRS Datasheet
370Kb / 4P
   High Power Anti-Surge Chip Resistor
logo
M-System Co.,Ltd.
CRS MSYSTEM-CRS Datasheet
126Kb / 4P
   Plug-in Signal Conditioners M-UNIT
logo
Power Systems GmbH+Co.K...
CRS-0505 POWER-SYSTEMS-CRS-0505 Datasheet
242Kb / 5P
   DC-DC Converter UNIT 3W REGULATED DC-DC CONVERTER
More results

Similar Description - CRSW0805V1004MF

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RPCA SEI-RPCA Datasheet
824Kb / 13P
   Automotive Grade Surge Withstanding Chip Resistor
8/11/2022
logo
Token Electronics Indus...
PWR TOKEN-PWR Datasheet
1Mb / 14P
   Pulse Withstanding Chip Resistor
logo
Riedon Powertron
PCR1206-100KJ1 RIEDON-PCR1206-100KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR1206-470KJ1 RIEDON-PCR1206-470KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR RIEDON-PCR Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR1206-10KJ1 RIEDON-PCR1206-10KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR0805-47KJ1 RIEDON-PCR0805-47KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR0805-470RJ1 RIEDON-PCR0805-470RJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR0603 RIEDON-PCR0603 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR0805-1RJ1 RIEDON-PCR0805-1RJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com