Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRSW0805V1004MF Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # CRSW0805V1004MF
Description  Surge Withstanding Chip Resistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CRSW0805V1004MF Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  CRSW0805V1004MF Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CRSW0805V1004MF Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CRSW0805V1004MF Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CRSW0805V1004MF Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
.
Standard Electrical Specifications
Resistance Range
Item
Type
Power Rating
at 70°C
Operating
Temp. Range
Max. Operating
Voltage
±5%
±10%
±20%
TCR
(PPM/°C)
10Ω - 299Ω
±200
CRSW (
0603)
1/8W
-55 ~ +155
°C
50V
300Ω - 1MΩ
±100
1Ω - 299Ω
±200
CRSW
(0805)
1/4W
-55 ~ +155
°C
150V
300Ω - 20MΩ
±100
1Ω - 20Ω
±200
CRSW
(1206)
1/3W
-55 ~ +155
°C
200V
20.1Ω - 20MΩ
±100
1Ω - 20Ω
±200
CRSW
(1210)
1/2W
-55 ~ +155
°C
200V
20.1Ω - 20MΩ
±100
1Ω - 20Ω
±200
CRSW
(2010)
3/4W
-55 ~ +155
°C
400V
20.1Ω - 20MΩ
±100
1Ω - 20Ω
±200
CRSW
(2512)
1.5W
-55 ~ +155
°C
500V
20.1Ω - 20MΩ
±100
Operating Voltage=√(P*R) or Max. operating voltage listed above, whichever is lower.
Overload Voltage=2.5*√(P*R) or Max. overload voltage listed above, whichever is lower.
Environmental Characteristics
Item
Requirement
Test Method
Temperature Coefficient of
Resistance (T.C.R.)
As Spec.
+25/-55/+25/+125/+25
°C
Short Time Overload
±1%
RCWV*2.5 or Max. overload voltage for 5 seconds
Insulation Resistance
>1000MΩ
Apply 100VDC for 1 minute
Endurance
±3%
70
±2°C, Max. working voltage for 1000 hrs with 1.5 hrs “ON” and 0.5 hrs
“OFF”
Damp Heat with Load
±3%
40
±2°C, 90~95% R.H. Max. working voltage for 1000 hrs with 1.5 hrs
“ON” and 0.5 hrs “OFF”
Dry Heat
±3%
at +155
°C for 1000 hrs
Bending Strength
±1%
Bending amplitude 3mm for 10 seconds
Solderability
95% min. coverage
245
±5°C for 3 seconds
Resistance to Soldering Heat
±1%
260±5
°C for 10 seconds
Thermal Shock
±1%
-55
°C ~150°C, 100 cycles
Reference Standards: MIL-STD-202, JIS-C 5201-1
Storage Temperature: 25±3
°C; Humidity < 80%RH


Similar Part No. - CRSW0805V1004MF

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
CRS OHMITE-CRS Datasheet
784Kb / 2P
   Avaliable in two sizes ARCOLs CRS utilises Electron Beam
logo
Laird Tech Smart Techno...
CRS LSTD-CRS Datasheet
136Kb / 2P
   2-component castable
logo
Bourns Electronic Solut...
CRS BOURNS-CRS Datasheet
370Kb / 4P
   High Power Anti-Surge Chip Resistor
logo
M-System Co.,Ltd.
CRS MSYSTEM-CRS Datasheet
126Kb / 4P
   Plug-in Signal Conditioners M-UNIT
logo
Power Systems GmbH+Co.K...
CRS-0505 POWER-SYSTEMS-CRS-0505 Datasheet
242Kb / 5P
   DC-DC Converter UNIT 3W REGULATED DC-DC CONVERTER
More results

Similar Description - CRSW0805V1004MF

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RPCA SEI-RPCA Datasheet
824Kb / 13P
   Automotive Grade Surge Withstanding Chip Resistor
8/11/2022
logo
Token Electronics Indus...
PWR TOKEN-PWR Datasheet
1Mb / 14P
   Pulse Withstanding Chip Resistor
logo
Riedon Powertron
PCR1206-100KJ1 RIEDON-PCR1206-100KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR1206-470KJ1 RIEDON-PCR1206-470KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR RIEDON-PCR Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR1206-10KJ1 RIEDON-PCR1206-10KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR0805-47KJ1 RIEDON-PCR0805-47KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR0805-470RJ1 RIEDON-PCR0805-470RJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR0603 RIEDON-PCR0603 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR0805-1RJ1 RIEDON-PCR0805-1RJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com