Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ1013AI Datasheet(PDF) 10 Page - Alpha & Omega Semiconductors

Part # AOZ1013AI
Description  EZBuck??3A Simple Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1013AI Datasheet(HTML) 10 Page - Alpha & Omega Semiconductors

Back Button AOZ1013AI_09 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1013AI_09 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1013AI_09 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1013AI_09 Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ1013AI_09 Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ1013AI_09 Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ1013AI_09 Datasheet HTML 12Page - Alpha & Omega Semiconductors AOZ1013AI_09 Datasheet HTML 13Page - Alpha & Omega Semiconductors AOZ1013AI_09 Datasheet HTML 14Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AOZ1013
Rev. 1.2 October 2009
www.aosmd.com
Page 10 of 14
concerns. When designing the compensation loop,
converter stability under all line and load condition must
be considered.
Usually, it is recommended to set the bandwidth to be
less than 1/10 of switching frequency. The AOZ1013
operates at a fixed switching frequency range from
350kHz to 600kHz. The recommended crossover
frequency is less than 30kHz.
The strategy for choosing RC and CC is to set the cross
over frequency with RC and set the compensator zero
with CC. Using selected crossover frequency, fC, to
calculate RC:
where;
fC is the desired crossover frequency,
VFB is 0.8V,
GEA is the error amplifier transconductance, which is 200 x 10-6
A/V, and
GCS is the current sense circuit transconductance, which is
6.68 A/V.
The compensation capacitor CC and resistor RC together
make a zero. This zero is put somewhere close to the
dominate pole, fP1, but lower than 1/5 of the selected
crossover frequency. CC can is selected by:
The previous equation can also be simplified to:
An easy-to-use application software which helps to
design and simulate the compensation loop can be found
at www.aosmd.com.
Table 3 lists the values for a typical output voltage design
when output is 44µF ceramics capacitor.
Table 3.
Thermal Management and Layout
Consideration
In the AOZ1013 buck regulator circuit, high pulsing cur-
rent flows through two circuit loops. The first loop starts
from the input capacitors, to the VIN pin, to the LX pins, to
the filter inductor, to the output capacitor and load, and
then return to the input capacitor through ground. Current
flows in the first loop when the high side switch is on. The
second loop starts from inductor, to the output capacitors
and load, to the anode of Schottky diode, to the cathode
of Schottky diode. Current flows in the second loop when
the low side diode is on.
In PCB layout, minimizing the two loops area reduces the
noise of this circuit and improves efficiency. A ground
plane is strongly recommended to connect input capaci-
tor, output capacitor, and PGND pin of the AOZ1013.
In the AOZ1013 buck regulator circuit, the two major
power dissipating components are the AOZ1013, the
Schottky diode, and output inductor. The total power
dissipation of converter circuit can be measured by input
power minus output power.
The power dissipation in Schottky can be approximately
calculated as:
where;
VFW_Schottky is the Schottky diode forward voltage drop.
The power dissipation of inductor can be approximately
calculated by output current and DCR of inductor.
The actual junction temperature can be calculated
with power dissipation in the AOZ1013 and thermal
impedance from junction to ambient is:
fC
30kHz
=
RC
fC
VO
VFB
----------
2
π CO
×
GEA GCS
×
------------------------------
×
×
=
CC
1.5
2
π RC fP1
×
×
-----------------------------------
=
CC
CO RL
×
RC
---------------------
=
VOUT
L1
RC
CC
1.8V
2.2µH
49.9k
1.5nF
3.3V
4.7µH
20k
2.2nF
5V
6.8µH
49.9k
1.2nF
8V
10µH
49.9k
1.2nF
Ptotal_loss
VIN IIN VO IO
×
×
=
Pdiode_loss IO
1 D
() VFW_Schottky
×
×
=
Pinductor_loss IO2 Rinductor 1.1
×
×
=
Tjunction
Ptotal_loss Pinductor_loss
() ΘJA
×
=


Similar Part No. - AOZ1013AI_09

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1013AI AOSMD-AOZ1013AI Datasheet
570Kb / 16P
   EZBuck TM 3A Simple Buck Regulator
More results

Similar Description - AOZ1013AI_09

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1017DI AOSMD-AOZ1017DI Datasheet
517Kb / 16P
   EZBuck??3A Simple Regulator
AOZ1017 AOSMD-AOZ1017 Datasheet
615Kb / 16P
   EZBuck??3A Simple Regulator
AOZ1017AI AOSMD-AOZ1017AI Datasheet
430Kb / 15P
   EZBuck??3A Simple Regulator
AOZ1242AI AOSMD-AOZ1242AI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1242DI AOSMD-AOZ1242DI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1212 AOSMD-AOZ1212 Datasheet
571Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1212DI AOSMD-AOZ1212DI Datasheet
571Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1057AI AOSMD-AOZ1057AI Datasheet
708Kb / 15P
   EZBuck??3A Simple Buck Regulator
AOZ1017A AOSMD-AOZ1017A Datasheet
569Kb / 15P
   EZBuck™ 3A Simple Regulator
Rev. 1.2 April 2009
AOZ1092DI AOSMD-AOZ1092DI Datasheet
518Kb / 16P
   EZBuck??3A Simple Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com