Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0395433024 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 0395433024
Description  Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0395433024 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  0395433024 Datasheet HTML 1Page - Molex Electronics Ltd. 0395433024 Datasheet HTML 2Page - Molex Electronics Ltd. 0395433024 Datasheet HTML 3Page - Molex Electronics Ltd. 0395433024 Datasheet HTML 4Page - Molex Electronics Ltd. 0395433024 Datasheet HTML 5Page - Molex Electronics Ltd. 0395433024 Datasheet HTML 6Page - Molex Electronics Ltd. 0395433024 Datasheet HTML 7Page - Molex Electronics Ltd. 0395433024 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
5.00mm (.197") Pitch
ESE Pluggable Terminal Blocks
6
Pitch
Description
Current
Wire Range
Circuits
Order No.
ESE
Beau®
PCB Headers
5.00mm (.197")
Vertical, Open Ends
15.0A
N/A
 to 4
3951-00XX
39870-04XX
Vertical, Closed Ends
3951-10XX
39870-05XX
Vertical, Surface Mount Compatible
3951-40XX
39870-13XX
Vertical with Threaded Retention Inserts
3955-00XX
39870-11XX
Vertical with Threaded Retention Inserts,
Surface Mount Compatible
3955-40XX
N/A
Horizontal, Open Ends
395-00XX
39870-06XX
Horizontal, Closed Ends
395-10XX
39870-07XX
Horizontal, Surface Mount Compatible
395-40XX
39870-14XX
Horizontal with
Threaded Retention Inserts
3956-00XX
39870-1XX
Horizontal with Threaded Retention Inserts,
Surface Mount Compatible
3956-40XX
N/A
Dual Level, Open Ends
4 to 48
3958-00XX*
Plugs
5.00mm (.197")
Vertical, Rear Wire Entry
15.0A
1 to 6 AWG
 to 4
3953-0XX
39870-0XX
Vertical with Retention Screws,
Rear Wire Entry
10.0A
3957-0XX
N/A
Vertical, Front Wire Entry
15.0A
3953-30XX
39870-03XX
Vertical with Retention Screws,
Front Wire Entry
10.0A
3957-30XX
N/A
Horizontal
15.0A
3950-00XX
39870-01XX
Horizontal with Retention Screws
3954-00XX
N/A
Replace XX with circuit sizes 0 to 4.
*Dual level PCB header available in circuit sizes 04 to 48.


Similar Part No. - 0395433024

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0395433020 MOLEX11-0395433020 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433021 MOLEX11-0395433021 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433022 MOLEX11-0395433022 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433023 MOLEX11-0395433023 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
More results

Similar Description - 0395433024

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0395430020 MOLEX11-0395430020 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395430220 MOLEX11-0395430220 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433014 MOLEX11-0395433014 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433109 MOLEX11-0395433109 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395434313 MOLEX11-0395434313 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395434318 MOLEX11-0395434318 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433111 MOLEX11-0395433111 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433116 MOLEX11-0395433116 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433120 MOLEX11-0395433120 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395434323 MOLEX11-0395434323 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com