Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DPPN104K2G Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # DPPN104K2G
Description  Polypropylene Film Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

DPPN104K2G Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  DPPN104K2G Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions in millimeters (mm)
RV
50VDC/100VDC
250VDC
400VDC
630VDC
DIM
CAP(
μF)
W
H
T
P±1
W
H
T
P±1
W
H
T
P±1
W
H
T
P±1
0.0010
11.0
10.0
6.0
7.0
0.6
11.0
10.0
6.0
7.0
0.6
11.0
10.0
6.0
7.0
0.6
11.0
10.0
6.0
7.0
0.6
0.0015
11.0
10.0
6.0
7.0
0.6
11.0
10.0
6.0
7.0
0.6
11.0
10.0
6.0
7.0
0.6
11.0
10.0
7.0
7.0
0.6
0.0022
11.0
10.0
6.0
7.0
0.6
11.0
10.0
6.0
7.0
0.6
11.0
10.0
6.0
7.0
0.6
14.0
10.0
6.0
10.0
0.6
0.0033
11.0
10.0
6.0
7.0
0.6
11.0
10.0
6.0
7.0
0.6
11.0
10.0
6.0
7.0
0.6
14.0
11.0
7.0
10.0
0.6
0.0047
11.0
10.0
6.5
7.0
0.6
11.0
10.0
6.5
7.0
0.6
14.0
11.0
7.0
10.0
0.6
14.0
12.0
7.0
10.0
0.6
0.0056
11.0
10.5
7.0
7.0
0.6
11.0
10.5
7.0
7.0
0.6
14.0
11.0
7.0
10.0
0.6
20.0
12.0
7.5
15.0
0.6
0.0068
11.0
10.5
7.0
7.0
0.6
11.0
10.5
7.0
7.0
0.6
14.0
11.0
7.0
10.0
0.6
20.0
13.0
8.0
15.0
0.6
0.010
11.0
11.0
7.0
7.0
0.6
11.0
11.0
7.0
7.0
0.6
14.0
12.0
7.5
10.0
0.6
20.0
14.0
8.0
15.0
0.6
0.015
14.0
11.0
7.0
10.0
0.6
14.0
11.0
7.0
10.0
0.6
20.0
12.0
7.5
15.0
0.6
20.0
15.0
9.0
15.0
0.6
0.022
14.0
12.0
7.5
10.0
0.6
14.0
12.0
7.5
10.0
0.6
20.0
13.0
9.0
15.0
0.6
20.0
17.0
10.0
15.0
0.6
0.033
14.0
13.5
8.0
10.0
0.6
20.0
13.0
8.0
15.0
0.6
20.0
15.0
9.5
15.0
0.6
26.0
17.0
10.0
21.0
0.8
0.047
14.0
13.5
9.0
10.0
0.6
20.0
14.0
9.0
15.0
0.6
26.0
16.0
8.0
21.0
0.8
26.0
19.0
12.0
21.0
0.8
0.056
20.0
13.0
8.0
15.0
0.6
20.0
15.0
10.0
15.0
0.6
26.0
17.0
9.0
21.0
0.8
26.0
20.0
13.0
21.0
0.8
0.068
20.0
14.0
9.0
15.0
0.6
20.0
16.0
10.0
15.0
0.6
26.0
18.0
10.0
21.0
0.8
26.0
22.0
14.0
21.0
0.8
0.10
20.0
16.0
10.0
15.0
0.6
20.0
18.0
10.0
15.0
0.8
26.0
20.0
11.0
21.0
0.8
32.0
22.0
13.0
27.0
0.8
0.15
20.0
18.0
11.0
15.0
0.8
26.0
18.0
11.0
21.0
0.8
32.0
23.0
12.
27.0
0.8
0.22
26.0
18.0
11.0
21.0
0.8
32.0
20.0
13.0
27.0
0.8
0.33
32.0
21.0
12.0
27.0
0.8
32.0
23.0
13.0
27.0
0.8
0.47
32.0
24.0
14.0
27.0
0.8
32.0
27.0
16.0
27.0
0.8
MERITEK
Polypropylene
Film Capacitors
DPPN Series
(Radial Dipped)
FEATURES
Low dissipation factor and high insulation resistance
High stability of capacitance and DF versus temperature and
frequency
Low ESR
Non-inductive construction
SPECIFICATIONS
1. Operating temperature:
-40
oC to +85oC
2.
Capacitance range:
0.001
μF to 0.47μF
3.
Capacitance tolerance:
±5%(J), ±10%(K), ±20%(M)
4.
Rated voltage:
50VDC, 100VDC, 250VDC, 400VDC,
630VDC
5.
Dissipation factor:
0.1% max. at 1KHz 25
oC
6.
Insulation resistance:
>30000M
Ω (C ≤ 0.1μF)
>3000M
Ω μF (C > 0.1μF )
PART NUMBERING SYSTEM
DPPN
103
K
2A
Meritek Series
Capacitance
CODE
102
103
104
105
(pF )
1,000
10,000
100,000
( nF )
1
10
100
1000
(
μF )
0.001
0.01
0.1
1
Tolerance
CODE
J
K
M
Tolerance (%)
± 5
± 10
± 20
Rated Voltage
CODE
1H
2A
2E
2G
2J
50V
100V
250V
400V
630V
Tape & Reel/Tape & Ammo available for lead space < 10 mm
Please contact factory for part number.
DPPN are constructed with polypropylene film
dielectric, aluminum foil electrodes, tinned copper
leads, and a non-inductive epoxy resin coating.
They are suitable for blocking, bypass, coupling,
circuit isolation, and temperature compensation.
DPPN are ideal for use in telecommunication
equipment, data processing equipment, industrial
instruments, automatic control systems, etc.
Specifications are subject to change without notice.
rev.6a


Similar Part No. - DPPN104K2G

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DPP CDE-DPP Datasheet
203Kb / 3P
   Polypropylene Radial Leaded Film Capacitors
logo
RSG Electronic Componen...
DPP100-24 RSG-DPP100-24 Datasheet
231Kb / 3P
   15-100W, 5-48V Output DIN Rail Mount Power Supplies
DPP100-24 RSG-DPP100-24 Datasheet
468Kb / 4P
   15-100W, 5-48V Output DIN Rail Mount Power Supplies
logo
TDK Electronics
DPP100-24 TDK-DPP100-24 Datasheet
228Kb / 1P
   AC-DC Power Supplies
June 03, 2022
logo
TE Connectivity Ltd
DPP101Z000 TEC-DPP101Z000 Datasheet
129Kb / 4P
   Digital Pressure Sensor
More results

Similar Description - DPPN104K2G

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MPXQD47K CDE-MPXQD47K Datasheet
139Kb / 1P
   Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
P2S RUBYCON-P2S Datasheet
168Kb / 2P
   POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
PPL MERITEK-PPL Datasheet
157Kb / 1P
   Polypropylene Film Capacitors
TPPN MERITEK-TPPN Datasheet
107Kb / 1P
   Polypropylene Film Capacitors
logo
EPCOS
B32656S EPCOS-B32656S_12 Datasheet
481Kb / 29P
   Film Capacitors Metallized Polypropylene Film Capacitors (MKP)
B32671L EPCOS-B32671L Datasheet
570Kb / 30P
   Film Capacitors Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MFP_B32686A TDK-MFP_B32686A Datasheet
313Kb / 16P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
MFP_B32686S TDK-MFP_B32686S Datasheet
391Kb / 20P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com