Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSR0603JVR010G Datasheet(PDF) 7 Page - MERITEK ELECTRONICS CORPORATION

Part # CSR0603JVR010G
Description  Current Sensing Chip Resistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CSR0603JVR010G Datasheet(HTML) 7 Page - MERITEK ELECTRONICS CORPORATION

  CSR0603JVR010G Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CSR0603JVR010G Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CSR0603JVR010G Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CSR0603JVR010G Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CSR0603JVR010G Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CSR0603JVR010G Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION CSR0603JVR010G Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
 
 
 
Rev. 7
 
Current Sensing Chip Resistor
MERITEK
CSR Series
 
Emboss Plastic Tape Specifications
 
 
 
 
 
 
 
 
 
 
 
Marking for 0603 
Type
Code
1R0
1.000Ω
R10
0.100Ω
R01
0.010Ω
101
0.101Ω
035
0.035Ω
 
Recommend Land Pattern
Pad Layout (Except For CSR2512: High Power Rating Series)
Unit:mm
 
 
 
 
 
 
 
 
 
 
 
Pad Layout (For CSR2512: High Power Rating Series)
Unit:mm
 
 
 
 
 
Type
A
B
W
E
F
P0
P1
P2
ψD0
T
CSR2010
2.80±0.10
5.50±0.10
12.0±0.30
1.75±0.10
5.5±0.05
4.00±0.05
4.00±0.10
2.00±0.05
1.50+0.10
1.00±0.20
CSR2512
3.50±0.10
6.70±0.10
12.0±0.30
1.75±0.10
5.5±0.05
4.00±0.05
4.00±0.10
2.00±0.05
1.50+0.10
1.00±0.20
CSR2512
(2W)
3.38±0.10
6.68±0.10
12.0±0.30
1.75±0.10
5.5±0.10
4.00±0.10
4.00±0.10
2.00±0.05
1.55+0.05
1.45±0.20
CSR1225
3.38±0.10
6.68±0.10
12.0±0.30
1.75±0.10
5.5±0.10
4.00±0.10
4.00±0.10
2.00±0.05
1.55+0.05
1.45±0.20
CSR3720
2.50±0.20
4.45±0.20
12.0±0.30
1.75±0.10
5.5±0.05
4.00 ±0.05
4.00±0.10
2.00±0.05
1.50+0.10
1.20 ±0.20
CSR7520
2.50±0.20
8.30±0.20
16.0±0.30
1.75±0.10
7.8±0.05
4.00±0.05
4.00±0.10
2.00±0.05
1.50+0.10
1.20 ±0.20
Type
A
B
C
CSR0201
0.25
0.30
0.40±0.2
CSR0402
0.50
0.50
0.60±0.2
CSR0603
0.80
1.00
0.90±0.2
CSR0805
1.00
1.00
1.35±0.2
CSR1206
2.00
1.15
1.70±0.2
CSR1210
2.00
1.15
2.50±0.2
CSR2010
3.60
1.40
2.50±0.2
CSR2512
4.90
1.60
3.10±0.2
CSR1225
2.00
2.00
6.40±0.2
CSR3720
1.00
1.80
3.90±0.2
CSR7520
1.00
1.80
7.60±0.2
Type
Resistance
A
B
C
CSR2512
10~99 mΩ
4.9
1.6
3.1±0.2
CSR2512
100~1000mΩ
1.0
3.55
3.1±0.2
W
E
F
ψ D 0
P1
P2
P0
direction of unreeling
A
B
Top Tape
Resistor
Emboss Tape
T
ψ D1 1.4Min.


Similar Part No. - CSR0603JVR010G

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
CSR0603JK1R00-HP SEI-CSR0603JK1R00-HP Datasheet
367Kb / 9P
   Thick Film Current Sensing Resistor
6/21/202
CSR0603JK51L0-HP SEI-CSR0603JK51L0-HP Datasheet
367Kb / 9P
   Thick Film Current Sensing Resistor
6/21/202
CSR0603JKR350-HP SEI-CSR0603JKR350-HP Datasheet
367Kb / 9P
   Thick Film Current Sensing Resistor
6/21/202
CSR0603JT1R00-HP SEI-CSR0603JT1R00-HP Datasheet
367Kb / 9P
   Thick Film Current Sensing Resistor
6/21/202
CSR0603JT51L0-HP SEI-CSR0603JT51L0-HP Datasheet
367Kb / 9P
   Thick Film Current Sensing Resistor
6/21/202
More results

Similar Description - CSR0603JVR010G

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
UR732ATTDR100F KOA-UR732ATTDR100F Datasheet
306Kb / 2P
   current sensing chip resistor
logo
Riedon Powertron
CLSA0402 RIEDON-CLSA0402 Datasheet
172Kb / 2P
   Current Sensing Chip Resistor
logo
KOA Speer Electronics, ...
UR73D1ET KOA-UR73D1ET Datasheet
131Kb / 4P
   Current Sensing Chip Resistor
UR73 KOA-UR73 Datasheet
470Kb / 2P
   current sensing chip resistor
logo
Riedon Powertron
CLS0402 RIEDON-CLS0402 Datasheet
233Kb / 1P
   Current Sensing Chip Resistor
logo
KOA Speer Electronics, ...
UR731ET KOA-UR731ET Datasheet
108Kb / 2P
   current sensing chip resistor
logo
Riedon Powertron
CLS0402 RIEDON-CLS0402_13 Datasheet
168Kb / 2P
   Current Sensing Chip Resistor
logo
Ohmite Mfg. Co.
LVM OHMITE-LVM Datasheet
490Kb / 2P
   Current Sensing Metal Chip Resistor
logo
Token Electronics Indus...
TCS TOKEN-TCS Datasheet
856Kb / 10P
   Chip Current Sensing Precision Resistor
logo
Stackpole Electronics, ...
CSNL SEI-CSNL Datasheet
361Kb / 6P
   Metal Plate Current Sensing Chip Resistor
10/22/2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com