Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DT100K0201 Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # DT100K0201
Description  Radial Leaded Tantalum Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

DT100K0201 Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  DT100K0201 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION DT100K0201 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
Rev. 7
 
Radial Leaded Tantalum
Capacitors
MERITEK
DT Series
SPECIFICATIONS
Item
Characteristic
Operation Temperature Range
-55°C ~ +125°C
Rated Working Voltage
4 ~ 50VDC
Capacitance Tolerance
(120Hz 20°C)
±20%(M), ±10%(K), ±5%(J)
Leakage Current
(20°C)
I ≤0.01CV or 1 ( µA )
*Whichever is greater
I: Leakage Current ( µA)
C: Rated Capacitance ( µF)
V: Working Voltage (V)
Dissipation Factor (tan δ)
(120Hz 20°C)
Capacitance (µF)
Capacitance Change (%)
Max D.F (%)
Max DCL(µF)
-55°C
+85°C
+125°C
-55°C
+20°C
+85°C +125°C +85°C +125°C
≤1.0
±10
±15
±25
6
4
6
6
10l0
12.5l0
1.5 ~ 6.8
8
6
8
8
10 ~ 68
10
8
10
10
100 ~ 330
12
10
12
12
Load Life
After applying rated working voltage for 2000 hours at 85°C and rated voltage
Capacitance Change
≤ Within ±10% of initial value
Dissipation Factor
≤ Within values specified above
Leakage current
≤ Within values specified above
Operating Temp Range
After 1000 hours no application of the rated working voltage at 85°C capacitor shall meet the requirements
of above load life
Temperature Characteristic
-55°C
+85°C
+125°C
Capacitance
Within A, -12% of initial
value
Within +12, 0% of initial
value
Within +15, 0% of initial
value
Tan δ
Within value specified
above
Within values specified
above
Within values specified
above
Leakage Current
Within 10 times of specified
above
Within 12.5 times of
specified above
PART NUMBERING SYSTEM
DT
100
M
016
1
Meritek Series
Voltage
Code
104 - 684
105 - 685
106 - 337
Capacitance 0.1 ~ 0.68µF
1 ~ 6.8µF
10 ~ 330µF
Tolerance
Code
M
K
value
±20%
±10%
Rated Voltage
Code
004
006
010
016
020
025
035
050
Value
4
6.3
10
16
20
25
35
50
Lead Forming
1
1” / 2.5mm lead space, taping
2
2” / 5.0mm lead space, taping


Similar Part No. - DT100K0201

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
DT100 EXTECH-DT100 Datasheet
147Kb / 8P
   Ultrasonic Distance Finder
logo
TDK Electronics
DT100 TDK-DT100 Datasheet
162Kb / 2P
   100W to 150W AC-DC External Power Supplies
DT100/150-C TDK-DT100/150-C Datasheet
162Kb / 2P
   100W to 150W AC-DC External Power Supplies
logo
Microchip Technology
DT100112 MICROCHIP-DT100112 Datasheet
165Kb / 2P
   PIC-BLE Development Board
12-17-19
logo
Dallas Semiconductor
DT100BK DALLAS-DT100BK Datasheet
2Mb / 7P
   An economical means of transferring power
More results

Similar Description - DT100K0201

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
DT MERITEK-DT Datasheet
223Kb / 2P
   Radial Leaded Tantalum Capacitors
logo
Cornell Dubilier Electr...
TDC CDE-TDC Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
TDC335006NSE-F CDE-TDC335006NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Vishay Siliconix
ETPW VISHAY-ETPW Datasheet
114Kb / 7P
   Resin-Coated, Radial-Leaded Solid Tantalum Capacitors
Revision 15-Aug-02
logo
Vatronics Technologies ...
VTR VATRONICS-VTR Datasheet
200Kb / 4P
   Radial Tantalum Capacitors
logo
RFE international
CB105M1ABR5 RFE-CB105M1ABR5 Datasheet
514Kb / 2P
   LEADED TANTALUM CAPACITOR CB Series: Resin Dipped, Radial Leaded
2020.02.25
logo
Vishay Siliconix
CX06 VISHAY-CX06 Datasheet
48Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 13-Jun-02
logo
Illinois Capacitor, Inc...
106DCR2R3SGU ILLINOISCAPACITOR-106DCR2R3SGU Datasheet
172Kb / 2P
   Radial Leaded Super Capacitors
105DER2R5SFN ILLINOISCAPACITOR-105DER2R5SFN Datasheet
261Kb / 3P
   Radial Leaded Super Capacitors
logo
Vishay Siliconix
CX06J156K VISHAY-CX06J156K Datasheet
62Kb / 4P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision: 09-Mar-12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com