Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCNPO201S63V2B1 Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # CCNPO201S63V2B1
Description  Ceramic Disc Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CCNPO201S63V2B1 Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  CCNPO201S63V2B1 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CCNPO201S63V2B1 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CCNPO201S63V2B1 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CCNPO201S63V2B1 Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CCNPO201S63V2B1 Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CCNPO201S63V2B1 Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MERITEK
Ceramic Disc Capacitors
CC Series
CC series ceramic disc capacitors are
produced by sandwiching a ceramic
dielectric layer between two electrodes.
An epoxy or phenolic coating is applied
by means of a spray or dippingprocess.
Applications include bypass, coupling
and resonant functions.
PART NUMBERING SYSTEM
CC
NPO
101
J
50V
5
B
1
Ceramic Disc Capacitors Series
Temperature Characteristic
Capacitance
CODE
1R5
330
201
202
333
104
1.5pF
33pF
200pF
2000pF
33000pF
0.1
μF
Tolerance
Code
Tolerance
Applicable T.C.
Available Capacitances
C
±0.25pF
NPO-N750
0.5pF-5pF
D
±0.5pF
NPO-N750
0.5pF-10pF
J
±5pF
NPO-N1500
Over 5pF
K
±10%
NPO-N1500, Y5E, Y5P
Over 10pF
M
±20%
NPO-N1500, Y5E, Y5P, Z5U
Over 10pF
S
+50/-20%
Z5U
Over 1000pF
Z
+80/-20%
Z5U, Z5V
Over 1000pF
P
+100/-0%
Z5U, Z5V
Over 1000pF
Rated Voltage
VDC
16V
25V
50V
63V
100V
Lead Spacing
Code
2
5
6
7
9
Lead Spacing
2.54mm
5.08mm
6.35mm
7.62mm
9.52mm
Packaging Code
Code
B
R
F
Packaging
Bulk Packing
Reel Packaging
Flat Packaging (Tape & Box)
Lead Type
Specifications are subject to change without notice.
rev.6a


Similar Part No. - CCNPO201S63V2B1

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
CCN IRCTT-CCN Datasheet
160Kb / 4P
   TaNFilm짰 Chip Carrier Resistor Network
logo
TT Electronics.
CCN TTELEC-CCN Datasheet
325Kb / 4P
   Ideal for all reflow soldering techniques
logo
Kemet Corporation
CCN-01112012CMC KEMET-CCN-01112012CMC Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
logo
TDK Electronics
CCN-0503SF TDK-CCN-0503SF Datasheet
193Kb / 11P
   DC to DC Converters
CCN-0505SF TDK-CCN-0505SF Datasheet
193Kb / 11P
   DC to DC Converters
More results

Similar Description - CCNPO201S63V2B1

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
473GMR012M ILLINOISCAPACITOR-473GMR012M Datasheet
23Kb / 1P
   Ceramic Disc Capacitors
logo
NIC-Components Corp.
NCD102K1KVY5FF NIC-NCD102K1KVY5FF Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
logo
Vatronics Technologies ...
VCC VATRONICS-VCC Datasheet
56Kb / 2P
   Ceramic Disc Capacitors
logo
AVX Corporation
5SS103MBKCA AVX-5SS103MBKCA Datasheet
70Kb / 4P
   Disc Ceramic Capacitors
logo
Vishay Siliconix
D331G47U2JH63L2R VISHAY-D331G47U2JH63L2R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors
Revision: 07-Jan-10
logo
List of Unclassifed Man...
MCBU ETC2-MCBU Datasheet
135Kb / 4P
   Ceramic Disc Capacitors
logo
NIC-Components Corp.
NCD2 NIC-NCD2 Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
NCD4 NIC-NCD4 Datasheet
100Kb / 4P
   Ceramic Disc Capacitors
logo
AVX Corporation
5GK180JABAA AVX-5GK180JABAA Datasheet
61Kb / 3P
   Disc Ceramic Capacitors
logo
Mallory performance clu...
GT415 MALLORY-GT415 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com