Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPR2512T1004DE Datasheet(PDF) 4 Page - MERITEK ELECTRONICS CORPORATION

Part # CPR2512T1004DE
Description  Pulse Withstanding Thick Film Chip Resistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CPR2512T1004DE Datasheet(HTML) 4 Page - MERITEK ELECTRONICS CORPORATION

  CPR2512T1004DE Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CPR2512T1004DE Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CPR2512T1004DE Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CPR2512T1004DE Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CPR2512T1004DE Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CPR2512T1004DE Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION CPR2512T1004DE Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION CPR2512T1004DE Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION CPR2512T1004DE Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Environmental Characteristics
Storage Temperature: 25±3
°C; Humidity < 80%RH
Item
Requirement
Test Method
Temperature Coefficient of
Resistance (T.C.R.)
As Spec.
JIS-C-5201-1 4.8
IEC-60115-1 4.8
-55
°C~+125°C, 25°C is the reference
temperature
Short Time Overload
±(1.0%+0.05Ω)
JIS-C-5201-1 4.13
IEC-60115-1 4.13
RCWV*2.5 or Max. overload voltage for 5
seconds
Insulation Resistance
≥10G
JIS-C-5201-1 4.6
IEC-60115-1 4.6
Max. overload voltage for 1 minute
Endurance
±(1.0%+0.05Ω)
JIS-C-5201-1 4.25
IEC-60115-1 4.25.1
70
±2°C, Max. working voltage for 1000 hrs with
1.5 hrs “ON” and 0.5 hrs “OFF”
Damp Heat with Load
±(0.5%+0.05
Ω)
JIS-C-5201-1 4.24
40
±2°C, 90~95% R.H. Max. working voltage for
1000 hrs with 1.5 hrs “ON” and 0.5 hrs “OFF”
Dry Heat
±(0.5%+0.05
Ω)
JIS-C-5201-1 4.23
IEC-60115-1 2.23.2
at +155
°C for 1000 hrs
Bending Strength
±(1.0%+0.05Ω)
JIS-C-5201-1 4.33
IEC-60115-1 4.33
Bending once for 5 seconds
2010, 2512 sizes: 2mm Other sizes: 3mm
Solderability
95% min. coverage
JIS-C-5201-1 4.17
IEC-60115-1 4.17
245
±5°C for 3 seconds
Resistance to Soldering Heat
±(0.5%+0.05
Ω)
JIS-C-5201-1 4.18
IEC-60115-1 4.18
260
±5°C for 10 seconds
Voltage Proof
No breakdown or flashover
JIS-C-5201-1 4.7
IEC-60115-1 4.7
1.42 times RCWV (RMS) for 1 minute
Leaching
Individual leaching area ≦5%
Total leaching area ≦ 10%
JIS-C-5201-1 4.18
IEC-60068-2-58 8.2.1
260
±5°C for 30 seconds
Rapid Change of Temperature
±(0.5%+0.05
Ω)
JIS-C-5201-1 4.18
IEC-60115-1 4.18
-55
°C to +155°C, 5 cycles
CPR Series
Pulse Withstanding
Thick Film Chip Resistor
Rev.7


Similar Part No. - CPR2512T1004DE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CPR20100R0JE6630 VISHAY-CPR20100R0JE6630 Datasheet
459Kb / 4P
   Wirewound/Metal Oxide Resistors, Commercial Power,
CPR20100R0JE6631 VISHAY-CPR20100R0JE6631 Datasheet
459Kb / 4P
   Wirewound/Metal Oxide Resistors, Commercial Power,
CPR20100R0JE6632 VISHAY-CPR20100R0JE6632 Datasheet
459Kb / 4P
   Wirewound/Metal Oxide Resistors, Commercial Power,
CPR20100R0RE6630 VISHAY-CPR20100R0RE6630 Datasheet
459Kb / 4P
   Wirewound/Metal Oxide Resistors, Commercial Power,
CPR20100R0RE6631 VISHAY-CPR20100R0RE6631 Datasheet
459Kb / 4P
   Wirewound/Metal Oxide Resistors, Commercial Power,
More results

Similar Description - CPR2512T1004DE

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RPC SEI-RPC Datasheet
788Kb / 12P
   Pulse Withstanding Thick Film Chip Resistor
5/24/2022
logo
Token Electronics Indus...
PWR TOKEN-PWR Datasheet
1Mb / 14P
   Pulse Withstanding Chip Resistor
logo
Riedon Powertron
PCR1206-100KJ1 RIEDON-PCR1206-100KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR1206-470KJ1 RIEDON-PCR1206-470KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR RIEDON-PCR Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR0805-470RJ1 RIEDON-PCR0805-470RJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR0603 RIEDON-PCR0603 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR0805-1RJ1 RIEDON-PCR0805-1RJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR1206-10KJ1 RIEDON-PCR1206-10KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR0805-47KJ1 RIEDON-PCR0805-47KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com