Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRSW0603V1001KF Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # CRSW0603V1001KF
Description  Surge Withstanding Chip Resistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CRSW0603V1001KF Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  CRSW0603V1001KF Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CRSW0603V1001KF Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CRSW0603V1001KF Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CRSW0603V1001KF Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
.
Surge Withstanding Chip Resistor-SWR Series
Construction
1 Alumina Substrate
4 Edge Electrode (NiCr)
7 Resistor Layer (RuO2/Ag)
2 Bottom Electrode (Ag)
5 Barrier Layer (Ni)
8 Primary Overcoat (Glass)
3 Top Electrode (Ag-Pd)
6 External Electrode (Sn)
9 Secondary Overcoat (Epoxy)
Dimensions
Unit: mm
Type
Size
(Inch)
L
W
T
D1
D2
Weight
(g)
(1000pcs)
CRSW.
0603
1.60±0.10 0.80±0.10 0.45±0.10 0.30±0.20 0.30±0.20
2.042
CRSW.
0805
2.00±0.10 1.25±0.10 0.50±0.10 0.35±0.20 0.40±0.20
4.368
CRSW.
1206
3.10±0.10 1.55±0.10 0.55±0.10 0.50±0.25 0.50±0.20
8.947
CRSW.
1210
3.20±0.10 2.60±0.15 0.55±0.10 0.50±0.25 0.50±0.20
15.959
CRSW.
2010
5.00±0.20 2.50±0.15 0.55±0.10 0.60±0.25 0.50±0.20
24.241
CRSW.
2512
6.35±0.20 3.20±0.15 0.55±0.10 0.60±0.25 0.50±0.20
39.448
Part Numbering
Derating Curve
Product
Type
Dimensions
Power
Rating
Resistance
Resistance
Tolerance
TCR
(PPM/'C)
0603
0805
1206
1210
U: 1/2W
2010
V: 1/4W
2512
W: 1/8W
A: 1.5W
O: 1/3W
Q: 3/4W
1005: 10Mohm
M: ±20%
1001:.1Kohm
1004: 1Mohm
J
: ±5%
K
: ±10%
E
: ±100
F
: ±200
1001: 1KΩ
1004: 1MΩ
1005: 10MΩ
: Standard Marking
N: No Marking
Features
High power rating
Excellent surge withstanding & pulse
withstanding performance
Improved working voltage ratings
Standard package sizes of 0603~2512
Applications
Metering (Testing/Measurement)
Medical Devices
Automotive
Power supply
Charger
Inverter
LCD Video Monitors
CR
SW
0603
A
1001
E
J
L
T
D1
D2
W
1
2
3
4
5
6
7
8
9
0
20
40
60
80
100
0
20
40
60
80
100
120
140
160
180
Ambient Temperature(℃)
CRSW Series
MERITEK
Surge Withstanding Chip Resistor
Specifications are subject to change without notice.
rev.6a


Similar Part No. - CRSW0603V1001KF

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
CRS OHMITE-CRS Datasheet
784Kb / 2P
   Avaliable in two sizes ARCOLs CRS utilises Electron Beam
logo
Laird Tech Smart Techno...
CRS LSTD-CRS Datasheet
136Kb / 2P
   2-component castable
logo
Bourns Electronic Solut...
CRS BOURNS-CRS Datasheet
370Kb / 4P
   High Power Anti-Surge Chip Resistor
logo
M-System Co.,Ltd.
CRS MSYSTEM-CRS Datasheet
126Kb / 4P
   Plug-in Signal Conditioners M-UNIT
logo
Power Systems GmbH+Co.K...
CRS-0505 POWER-SYSTEMS-CRS-0505 Datasheet
242Kb / 5P
   DC-DC Converter UNIT 3W REGULATED DC-DC CONVERTER
More results

Similar Description - CRSW0603V1001KF

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RPCA SEI-RPCA Datasheet
824Kb / 13P
   Automotive Grade Surge Withstanding Chip Resistor
8/11/2022
logo
Token Electronics Indus...
PWR TOKEN-PWR Datasheet
1Mb / 14P
   Pulse Withstanding Chip Resistor
logo
Riedon Powertron
PCR1206-100KJ1 RIEDON-PCR1206-100KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR1206-470KJ1 RIEDON-PCR1206-470KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR RIEDON-PCR Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR1206-10KJ1 RIEDON-PCR1206-10KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR0805-47KJ1 RIEDON-PCR0805-47KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR0805-470RJ1 RIEDON-PCR0805-470RJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR0603 RIEDON-PCR0603 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR0805-1RJ1 RIEDON-PCR0805-1RJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com