Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTU90N03 Datasheet(PDF) 2 Page - DinTek Semiconductor Co,.Ltd

Part # DTU90N03
Description  TrenchFET짰 Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTU90N03 Datasheet(HTML) 2 Page - DinTek Semiconductor Co,.Ltd

  DTU90N03 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTU90N03 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTU90N03 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTU90N03 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTU90N03 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTU90N03 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTU90N03 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTU90N03 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
30
V
VDS Temperature Coefficient
V
DS/TJ
ID = 250 µA
35
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
- 7.5
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.5
2.5
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
µA
VDS = 30 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS 5 V, VGS = 10 V
90
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 28.8 A
0.0024
0.0029
VGS = 4.5 V, ID = 27 A
0.0027
0.0033
Forward Transconductancea
gfs
VDS = 15 V, ID = 28.8 A
160
S
Dynamicb
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, f = 1 MHz
12065
pF
Output Capacitance
Coss
1725
Reverse Transfer Capacitance
Crss
970
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 28.8 A
171
257
nC
VDS = 15 V, VGS = 4.5 V, ID = 28.8 A
81.5
123
Gate-Source Charge
Qgs
34
Gate-Drain Charge
Qgd
29
Gate Resistance
Rg
f = 1 MHz
1.4
2.1
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 0.625 
ID  24 A, VGEN = 10 V, Rg = 1 
18
27
ns
Rise Time
tr
11
17
Turn-Off Delay Time
td(off)
70
105
Fall Time
tf
10
15
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 0.67 
ID  22.5 A, VGEN = 4.5 V, Rg = 1 
55
83
Rise Time
tr
180
270
Turn-Off Delay Time
td(off)
55
83
Fall Time
tf
12
18
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
90
A
Pulse Diode Forward Currenta
ISM
90
Body Diode Voltage
VSD
IS = 22 A
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 20 A, di/dt = 100 A/µs, TJ = 25 °C
52
78
ns
Body Diode Reverse Recovery Charge
Qrr
70.2
105
nC
Reverse Recovery Fall Time
ta
27
ns
Reverse Recovery Rise Time
tb
25
D
www.
daysemi.jp


Similar Part No. - DTU90N03

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTU90N03 DINTEK-DTU90N03 Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTU90N03 DINTEK-DTU90N03_13 Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
More results

Similar Description - DTU90N03

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTU40N03 DINTEK-DTU40N03 Datasheet
289Kb / 9P
   TrenchFET짰 Power MOSFET
DTU06N03 DINTEK-DTU06N03 Datasheet
318Kb / 9P
   TrenchFET짰 Gen III Power MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com