Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTU2N60 Datasheet(PDF) 5 Page - DinTek Semiconductor Co,.Ltd

Part # DTU2N60
Description  Halogen-free According to IEC 61249-2-21
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTU2N60 Datasheet(HTML) 5 Page - DinTek Semiconductor Co,.Ltd

  DTU2N60 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTU2N60 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTU2N60 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTU2N60 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTU2N60 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTU2N60 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTU2N60 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTU2N60 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd DTU2N60 Datasheet HTML 9Page - DinTek Semiconductor Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Fig. 9 - Maximum Drain Current vs. Case Temperature
Fig. 10a - Switching Time Test Circuit
Fig. 10b - Switching Time Waveforms
Fig. 11 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
Pulse width
≤ 1 µs
Duty factor
≤ 0.1 %
R
D
V
GS
R
g
D.U.T.
10 V
+
-
V
DS
V
DD
V
DS
90 %
10 %
V
GS
t
d(on)
t
r
t
d(off)
t
f
DT
www.din-tek.jp


Similar Part No. - DTU2N60

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTU2N60 DINTEK-DTU2N60 Datasheet
3Mb / 11P
   Power MOSFET Available in Tape and Reel
DTU2N60 DINTEK-DTU2N60 Datasheet
2Mb / 11P
   Power MOSFET Halogen-free According to IEC 61249-2-21 Definition
logo
SHENZHEN DOINGTER SEMIC...
DTU2N60 DOINGTER-DTU2N60 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
DinTek Semiconductor Co...
DTU2N60 DINTEK-DTU2N60_13 Datasheet
2Mb / 11P
   Power MOSFET Halogen-free According to IEC 61249-2-21 Definition
More results

Similar Description - DTU2N60

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTL2N60 DINTEK-DTL2N60 Datasheet
1Mb / 11P
   Halogen-free According to IEC 61249-2-21
logo
Kersemi Electronic Co.,...
IRF530S KERSEMI-IRF530S Datasheet
916Kb / 8P
   Halogen-free According to IEC 61249-2-21
logo
DinTek Semiconductor Co...
DTS6503 DINTEK-DTS6503 Datasheet
329Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTU15P10 DINTEK-DTU15P10 Datasheet
294Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTS2312 DINTEK-DTS2312 Datasheet
307Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTS3402 DINTEK-DTS3402 Datasheet
325Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTS4500 DINTEK-DTS4500 Datasheet
473Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTC3058 DINTEK-DTC3058 Datasheet
300Kb / 8P
   Halogen-free According to IEC 61249-2-21
logo
Taiwan Semiconductor Co...
TSM5NC50CP TSC-TSM5NC50CP Datasheet
312Kb / 6P
   Halogen-free according to IEC 61249-2-21
logo
DinTek Semiconductor Co...
DTS2305 DINTEK-DTS2305 Datasheet
449Kb / 9P
   Halogen-free According to IEC 61249-2-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com