Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTS6400 Datasheet(PDF) 6 Page - DinTek Semiconductor Co,.Ltd

Part # DTS6400
Description  Halogen-free According to IEC 61249-2-21
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTS6400 Datasheet(HTML) 6 Page - DinTek Semiconductor Co,.Ltd

  DTS6400 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTS6400 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTS6400 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTS6400 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTS6400 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTS6400 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTS6400 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTS6400 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd DTS6400 Datasheet HTML 9Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.
daysemi.jp
6
Document Number: 69958
S-83053-Rev. B, 29-Dec-08
.
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
1
10
600
10-1
10-4
100
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 130 °C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
Normalized Thermal Transient Impedance, Junction-to-Foot
10-3
10-2
1
10
10-1
10-4
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
DTS 00
www.
daysemi.jp
THERMAL RATINGS (TA = 25 °C, unless otherwise noted)


Similar Part No. - DTS6400

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS6400 DINTEK-DTS6400 Datasheet
438Kb / 9P
   N-Channel 60-V (D-S) MOSFET Halogen-free
DTS6400 DINTEK-DTS6400_13 Datasheet
438Kb / 9P
   N-Channel 60-V (D-S) MOSFET Halogen-free
More results

Similar Description - DTS6400

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTU2N60 DINTEK-DTU2N60 Datasheet
1Mb / 11P
   Halogen-free According to IEC 61249-2-21
DTL2N60 DINTEK-DTL2N60 Datasheet
1Mb / 11P
   Halogen-free According to IEC 61249-2-21
logo
Kersemi Electronic Co.,...
IRF530S KERSEMI-IRF530S Datasheet
916Kb / 8P
   Halogen-free According to IEC 61249-2-21
logo
DinTek Semiconductor Co...
DTS6503 DINTEK-DTS6503 Datasheet
329Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTU15P10 DINTEK-DTU15P10 Datasheet
294Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTS2312 DINTEK-DTS2312 Datasheet
307Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTS3402 DINTEK-DTS3402 Datasheet
325Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTS4500 DINTEK-DTS4500 Datasheet
473Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTC3058 DINTEK-DTC3058 Datasheet
300Kb / 8P
   Halogen-free According to IEC 61249-2-21
logo
Taiwan Semiconductor Co...
TSM5NC50CP TSC-TSM5NC50CP Datasheet
312Kb / 6P
   Halogen-free according to IEC 61249-2-21
logo
DinTek Semiconductor Co...
DTS2305 DINTEK-DTS2305 Datasheet
449Kb / 9P
   Halogen-free According to IEC 61249-2-21
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com