Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4886 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AO4886
Description  100V Dual N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4886 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO4886 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4886 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4886 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4886 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4886 Datasheet HTML 5Page - Alpha & Omega Semiconductors AO4886 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AO4886
Symbol
Min
Typ
Max
Units
BVDSS
100
V
VDS=100V, VGS=0V
1
TJ=55°C
5
IGSS
±100
nA
VGS(th)
Gate Threshold Voltage
1.6
2.2
2.7
V
ID(ON)
17
A
63.5
80
TJ=125°C
122
152
70
91
m
gFS
20
S
VSD
0.74
1
V
IS
2.5
A
Ciss
620
778
942
pF
Coss
38
55
81
pF
Crss
13
24
35
pF
Rg
0.7
1.45
2.2
Qg(10V)
13
16.3
20
nC
Qg(4.5V)
6.4
8.1
10
nC
Qgs
2.2
2.8
3.4
nC
Qgd
2.4
4.1
5.8
nC
tD(on)
6
ns
t
2.5
ns
Drain-Source Breakdown Voltage
On state drain current
ID=250µA, VGS=0V
VGS=10V, VDS=5V
VGS=10V, ID=3A
Reverse Transfer Capacitance
VGS=0V, VDS=50V, f=1MHz
SWITCHING PARAMETERS
VDS=VGS ID=250µA
VDS=0V, VGS= ±20V
Gate-Body leakage current
Forward Transconductance
Gate Drain Charge
Total Gate Charge
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
µA
Zero Gate Voltage Drain Current
RDS(ON)
Static Drain-Source On-Resistance
m
IS=1A,VGS=0V
VDS=5V, ID=3A
VGS=4.5V, ID=3A
Diode Forward Voltage
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
V
=10V, V =50V, R =16.7
Ω,
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Total Gate Charge
VGS=10V, VDS=50V, ID=3A
Gate Source Charge
tr
2.5
ns
tD(off)
21
ns
tf
2.4
ns
trr
14
21
28
ns
Qrr
65
94
123
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Time
IF=3A, dI/dt=500A/µs
Body Diode Reverse Recovery Charge IF=3A, dI/dt=500A/µs
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=50V, RL=16.7Ω,
RGEN=3Ω
Turn-Off Fall Time
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
value in any given application depends on the user's specific board design.
B. The power dissipation P
D is based on TJ(MAX)=150°C, using ≤ 10s junction-to-ambient thermal resistance.
C. Repetitive rating, pulse width limited by junction temperature T
J(MAX)=150°C. Ratings are based on low frequency and duty cycles to keep
initialT
J=25°C.
D. The RθJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-ambient thermal impedence which is measured with the device mounted on 1in2 FR-4 board with
2oz. Copper, assuming a maximum junction temperature of T
J(MAX)=150°C. The SOA curve provides a single pulse rating.
Rev 0: Sep 2010
www.aosmd.com
Page 2 of 6


Similar Part No. - AO4886

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO4886 KEXIN-AO4886 Datasheet
2Mb / 5P
   N-Channel Enhancement MOSFET
AO4886-HF KEXIN-AO4886-HF Datasheet
2Mb / 5P
   N-Channel MOSFET
More results

Similar Description - AO4886

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6850 AOSMD-AON6850 Datasheet
267Kb / 7P
   100V Dual N-Channel MOSFET
AO4892 AOSMD-AO4892 Datasheet
350Kb / 6P
   100V Dual N-Channel MOSFET
logo
Fairchild Semiconductor
FDS3601 FAIRCHILD-FDS3601 Datasheet
89Kb / 5P
   100V Dual N-Channel PowerTrench MOSFET
FDS3912 FAIRCHILD-FDS3912 Datasheet
125Kb / 6P
   100V Dual N-Channel PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS3601 KEXIN-KDS3601 Datasheet
63Kb / 2P
   100V Dual N-Channel PowerTrench MOSFET
KDS3912 KEXIN-KDS3912 Datasheet
63Kb / 2P
   100V Dual N-Channel PowerTrench MOSFET
logo
Pan Jit International I...
PJQ5882A PANJIT-PJQ5882A Datasheet
829Kb / 6P
   100V Dual N-Channel Enhancement Mode Mosfet
June 23,2020 PJQ5882A-REV.00
logo
Fairchild Semiconductor
FDC3601N FAIRCHILD-FDC3601N Datasheet
91Kb / 5P
   Dual N-Channel 100V Specified PowerTrench MOSFET
logo
TECH PUBLIC Electronics...
FDC3601N-TP TECHPUBLIC-FDC3601N-TP Datasheet
3Mb / 6P
   100V Dual N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com