Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4852 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AO4852
Description  60V Dual N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4852 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO4852 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4852 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4852 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4852 Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AO4852
Symbol
Min
Typ
Max
Units
BVDSS
60
V
1
TJ=55°C
5
IGSS
100
nA
VGS(th)
1.7
2.3
2.6
V
ID(ON)
20
A
79
90
TJ=125°C
146
159
86
105
m
gFS
15
S
VSD
0.8
1
V
ISM
20
A
IS
2.5
A
Ciss
372
450
pF
Coss
31
pF
Crss
17
pF
Rg
1.7
2.6
Qg(10V)
7.1
9.2
nC
Qg(4.5V)
3.6
nC
Qgs
1
nC
Qgd
2
nC
tD(on)
4.1
5.3
ns
tr
2.1
ns
tD(off)
15
ns
tf
2.1
ns
trr
23.4
29
ns
Qrr
23.2
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE
VGS=10V, VDS=30V, RL=10Ω,
RGEN=3Ω
Gate Drain Charge
Reverse Transfer Capacitance
VGS=0V, VDS=30V, f=1MHz
SWITCHING PARAMETERS
m
VGS=4.5V, ID=2A
IS=1A,VGS=0V
VDS=5V, ID=3A
VGS=10V, ID=3A
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
Diode Forward Voltage
IDSS
µA
Gate Threshold Voltage
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V
Zero Gate Voltage Drain Current
Gate-Body leakage current
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
VGS=10V, VDS=5V
VDS=VGS ID=250µA
VDS=60V, VGS=0V
VDS=0V, VGS= ±20V
Pulsed Body-Diode Current
B
Body Diode Reverse Recovery Time
Gate resistance
VGS=0V, VDS=0V, f=1MHz
IF=3A, dI/dt=100A/µs
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
VGS=10V, VDS=30V, ID=3A
Total Gate Charge
On state drain current
Maximum Body-Diode Continuous Current
Input Capacitance
Body Diode Reverse Recovery Charge IF=3A, dI/dt=100A/µs
Total Gate Charge
Gate Source Charge
Turn-On Rise Time
Turn-Off DelayTime
Turn-Off Fall Time
A: The value of R θJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The
value in any given application depends on the user's specific board design.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead R θJL and lead to ambient.
D. The static characteristics in Figures 1 to 6 are obtained using < 300
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The SOA
curve provides a single pulse rating.
Rev1: Nov. 2010
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AO4852

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO4852 KEXIN-AO4852 Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4852 VBSEMI-AO4852 Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
Guangdong Kexin Industr...
AO4852-HF KEXIN-AO4852-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
More results

Similar Description - AO4852

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4946D TSC-TSM4946D Datasheet
247Kb / 6P
   60V Dual N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6646 GOOD-ARK-SSF6646_15 Datasheet
463Kb / 4P
   60V Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4828 AOSMD-AO4828_10 Datasheet
173Kb / 4P
   60V Dual N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6670 GOOD-ARK-SSF6670 Datasheet
742Kb / 6P
   60V Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4826 AOSMD-AO4826_10 Datasheet
170Kb / 4P
   60V Dual N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6670 GOOD-ARK-SSF6670_15 Datasheet
742Kb / 6P
   60V Dual N-Channel MOSFET
SSF6646 GOOD-ARK-SSF6646 Datasheet
463Kb / 4P
   60V Dual N-Channel MOSFET
logo
Diodes Incorporated
DMNH6022SSD DIODES-DMNH6022SSD Datasheet
386Kb / 7P
   60V DUAL N-CHANNEL 175째C MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com