Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7721 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7721
Description  CMOS 16-Bit, 468.75 kHz, Sigma-Delta ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7721 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7721 Datasheet HTML 7Page - Analog Devices AD7721 Datasheet HTML 8Page - Analog Devices AD7721 Datasheet HTML 9Page - Analog Devices AD7721 Datasheet HTML 10Page - Analog Devices AD7721 Datasheet HTML 11Page - Analog Devices AD7721 Datasheet HTML 12Page - Analog Devices AD7721 Datasheet HTML 13Page - Analog Devices AD7721 Datasheet HTML 14Page - Analog Devices AD7721 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD7721
REV. A
–11–
a linear phase response. This is very difficult to achieve with
analog filters.
Analog filters, however, can remove noise superimposed on the
signal before it reaches the ADC. Digital filtering cannot do this
and noise peaks riding on signals, near full-scale, have the po-
tential to overload the analog modulator even though the aver-
age value of the signal is within limits.
0.0
–50.0
0.5fCLK
–100.0
–150.0
0.1fCLK
0.2fCLK
0.3fCLK
0.4fCLK
FREQUENCY
0.0fCLK
Figure 9a. 128 Tap FIR Filter Frequency Response
0.0
–50.0
–100.0
–150.0
1.0fCLK/32
0.8fCLK/32
0.6fCLK/32
0.4fCLK/32
0.2fCLK/32
0.0fCLK/32
FREQUENCY
Figure 9b. 83 Tap FIR Filter Frequency Response
SERIAL INTERFACE
The AD7721’s serial communication port allows easy inter-
facing to industry-standard microprocessors, microcontrollers
and digital signal processors. The AD7721 is operated in self-
clocking mode, the AD7721 providing the serial clock. The
RFS signal is also provided by the AD7721 by tying RFS to
DRDY.
Figure 10 shows the timing diagram for reading from the
AD7721.
DRDY goes high to indicate that a conversion has
been completed.
DRDY remains high for one internal clock
(15 MHz) cycle and then goes low for the next 31 clock cycles.
New data is loaded into the output shift register on the rising
edge of
DRDY. When DRDY goes low, the data is accessed
from the AD7721. Although the AD7721 has a 12-bit digital
output in the parallel mode, sixteen bits of data are available for
transmission in the serial mode, starting with the MSB. Serial
data is clocked out of the device on the rising edge of SCLK
and is valid on the falling edge of SCLK.
CIRCUIT DESCRIPTION
Sigma-Delta ADC
The AD7721 ADC employs a sigma-delta conversion technique
that converts the analog input into a digital pulse train.
Due to the high oversampling rate, which spreads the quantiza-
tion noise from 0 to fCLK/2, the noise energy which is contained
in the band of interest is reduced (Figure 8a). To reduce the
quantization noise further, a high order modulator is employed
to shape the noise spectrum, so that most of the noise energy is
shifted out of the band of interest (Figure 8b).
The digital filter that follows the modulator removes the large
out of band quantization noise (Figure 8c), while converting the
digital pulse train into parallel 12 bit wide binary data or serial
16 bit wide binary data.
BAND OF
INTEREST
QUANTIZATION NOISE
fCLK/2
a.
BAND OF
INTEREST
NOISE
SHAPING
fCLK/2
b.
BAND OF
INTEREST
fCLK/2
DIGITAL FILTER CUTOFF FREQUENCY
WHICH EQUALS 152.8kHz (10MHz) OR
229.2kHz (15MHz)
c.
Figure 8. Sigma-Delta ADC
Digital Filter
The digital filter that follows the modulator removes the large
out of band quantization noise, while converting the one bit
digital pulse train into 12-bit or 16-bit wide binary data. The
digital filter also reduces the data rate from fCLK at the input of
the filter to fCLK/32 at the output of the filter. The output data
rate is a little over twice the signal bandwidth which guarantees
that there is no loss of data in the signal band.
The AD7721 employs 2 FIR filters in series. The first filter is a
128 tap filter that samples the output of the modulator at fCLK.
The second filter is an 83 tap half-band filter that samples the
output of the first filter at fCLK/16 and decimates by 2. The
frequency response of the 2 filters is shown in Figure 9.
Digital filtering has certain advantages over analog filtering.
First, since digital filtering occurs after the A/D conversion, it
can remove noise injected during the conversion process. Ana-
log filtering cannot do this. Second, the digital filter combines
low passband ripple with a steep roll off, while also maintaining


Similar Part No. - AD7721

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7721 AD-AD7721 Datasheet
297Kb / 17P
   CMOS 16-Bit 468.75 kHz, Sigma-Delta ADC
AD7721AN AD-AD7721AN Datasheet
297Kb / 17P
   CMOS 16-Bit 468.75 kHz, Sigma-Delta ADC
AD7721AR AD-AD7721AR Datasheet
297Kb / 17P
   CMOS 16-Bit 468.75 kHz, Sigma-Delta ADC
AD7721SQ AD-AD7721SQ Datasheet
297Kb / 17P
   CMOS 16-Bit 468.75 kHz, Sigma-Delta ADC
AD7721 AD-AD7721_15 Datasheet
263Kb / 16P
   CMOS 16-Bit, 468.75 kHz, Sigma-Delta ADC
REV. A
More results

Similar Description - AD7721

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7721 AD-AD7721_17 Datasheet
297Kb / 17P
   CMOS 16-Bit 468.75 kHz, Sigma-Delta ADC
AD7721 AD-AD7721_15 Datasheet
263Kb / 16P
   CMOS 16-Bit, 468.75 kHz, Sigma-Delta ADC
REV. A
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
AD7722 AD-AD7722 Datasheet
526Kb / 24P
   16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV. 0
AD7723 AD-AD7723_15 Datasheet
751Kb / 32P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. C
AD7723 AD-AD7723_17 Datasheet
548Kb / 33P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
AD7723 AD-AD7723 Datasheet
435Kb / 23P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. 0
AD7723BSZ AD-AD7723BSZ Datasheet
751Kb / 32P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. C
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com