Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0313085 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 0313085
Description  Component terminal block - UGSK/S GS - 0313085
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0313085 Datasheet(HTML) 7 Page - PHOENIX CONTACT

Back Button 0313085 Datasheet HTML 3Page - PHOENIX CONTACT 0313085 Datasheet HTML 4Page - PHOENIX CONTACT 0313085 Datasheet HTML 5Page - PHOENIX CONTACT 0313085 Datasheet HTML 6Page - PHOENIX CONTACT 0313085 Datasheet HTML 7Page - PHOENIX CONTACT 0313085 Datasheet HTML 8Page - PHOENIX CONTACT 0313085 Datasheet HTML 9Page - PHOENIX CONTACT 0313085 Datasheet HTML 10Page - PHOENIX CONTACT 0313085 Datasheet HTML 11Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
https://www.phoenixcontact.com/us/produkte/0313085
14.05.2012   Page 7 / 12
Component terminal block - UGSK/S + GS - 0313085
Accessories
Separating plate - STSL-GSK - 0305226
Separating plate, Width: 0.8 mm, Color: gray
 
 
Separating plate - TS-GSK - 0304214
Separating plate, Length: 61 mm, Width: 0.8 mm, Height: 45.5 mm, Color: gray
 
 
Partition plate - ATS-GSK - 0304227
Partition plate, Length: 59.5 mm, Width: 0.8 mm, Height: 58 mm, Color: gray
 
 
Bridges
Fixed bridge - FB 10- GSK/S - 0305174
Fixed bridge, Number of positions: 10, Color: silver
 
 
Insertion bridge - EB 2- 8 - 0202154
Insertion bridge, Number of positions: 2, Color: gray
 
 


Similar Part No. - 0313085

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0313001.HXID LITTELFUSE-0313001.HXID Datasheet
211Kb / 4P
   313/315 Series Lead-Free 3AG, Slo-Blo짰 Fuse
0313001.HXIDP LITTELFUSE-0313001.HXIDP Datasheet
211Kb / 4P
   313/315 Series Lead-Free 3AG, Slo-Blo짰 Fuse
0313001.HXP LITTELFUSE-0313001.HXP Datasheet
211Kb / 4P
   313/315 Series Lead-Free 3AG, Slo-Blo짰 Fuse
0313001.MXP LITTELFUSE-0313001.MXP Datasheet
211Kb / 4P
   313/315 Series Lead-Free 3AG, Slo-Blo짰 Fuse
0313002.HXID LITTELFUSE-0313002.HXID Datasheet
211Kb / 4P
   313/315 Series Lead-Free 3AG, Slo-Blo짰 Fuse
More results

Similar Description - 0313085

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0305080 PHOENIX-0305080 Datasheet
157Kb / 12P
   Component terminal block - UGSK/S - 0305080
3026285 PHOENIX-3026285 Datasheet
118Kb / 8P
   Test disconnect terminal block - UGSK 6
0309086 PHOENIX-0309086 Datasheet
164Kb / 11P
   Component terminal block - URTK/S-BEN - 0309086
3214666 PHOENIX-3214666 Datasheet
136Kb / 12P
   Component terminal block - PTTBS 1,5/S/U-OG/O-GN
3211480 PHOENIX-3211480 Datasheet
72Kb / 4P
   Component terminal block - PTTB 2,5-2BE
3035687 PHOENIX-3035687 Datasheet
294Kb / 25P
   Component terminal block - PTME 6-BE
09/11/2020
3035688 PHOENIX-3035688 Datasheet
519Kb / 21P
   Component terminal block - STME 6-BE
3031623 PHOENIX-3031623 Datasheet
150Kb / 14P
   Component terminal block - STTB 2,5-LA230
0311126 PHOENIX-0311126 Datasheet
219Kb / 13P
   Component terminal block - URTK/SP - 0311126
3074444 PHOENIX-3074444 Datasheet
507Kb / 21P
   Component terminal block - UTTB 4-BE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com