Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7714AR-5 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7714AR-5
Description  3 V/5 V, CMOS, 500 uA Signal Conditioning ADC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7714AR-5 Datasheet(HTML) 5 Page - Analog Devices

  AD7714AR-5 Datasheet HTML 1Page - Analog Devices AD7714AR-5 Datasheet HTML 2Page - Analog Devices AD7714AR-5 Datasheet HTML 3Page - Analog Devices AD7714AR-5 Datasheet HTML 4Page - Analog Devices AD7714AR-5 Datasheet HTML 5Page - Analog Devices AD7714AR-5 Datasheet HTML 6Page - Analog Devices AD7714AR-5 Datasheet HTML 7Page - Analog Devices AD7714AR-5 Datasheet HTML 8Page - Analog Devices AD7714AR-5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Parameter
Y Versions1
Units
Conditions/Comments
STATIC PERFORMANCE
No Missing Codes
24
Bits min
Guaranteed by Design. For Filter Notches
≤ 60 Hz
22
Bits min
For Filter Notch = 100 Hz
18
Bits min
For Filter Notch = 250 Hz
15
Bits min
For Filter Notch = 500 Hz
12
Bits min
For Filter Notch = 1 kHz
Output Noise
See Tables I to IV
Depends on Filter Cutoffs and Selected Gain
Integral Nonlinearity
±0.001
% of FSR max
Filter Notches
≤ 60 Hz.
Unipolar Offset Error
See Note 2
Unipolar Offset Drift3
0.4
µV/°C typ
For Gains of 1, 2, 4
0.1
µV/°C typ
For Gains of 8, 16, 32, 64, 128
Bipolar Zero Error
See Note 2
Bipolar Zero Drift3
0.4
µV/°C typ
For Gains of 1, 2, 4
0.1
µV/°C typ
For Gains of 8, 16, 32, 64, 128
Positive Full-Scale Error4
See Note 2
Full-Scale Drift3, 5
0.4
µV/°C typ
For Gains of 1, 2, 4
0.1
µV/°C typ
For Gains of 8, 16, 32, 64, 128
Gain Error6
See Note 2
Gain Drift3, 7
0.2
ppm of FSR/
°C typ
Bipolar Negative Full-Scale Error2
±0.0015
% of FSR max
AVDD = 5 V. Typically
±0.0004%
±0.003
% of FSR max
AVDD = 3 V. Typically
±0.0004%
Bipolar Negative Full-Scale Drift3
1
µV/°C typ
For Gains of 1 to 4
0.6
µV/°C typ
For Gains of 8 to 128
ANALOG INPUTS/REFERENCE INPUTS
Specifications for AIN and REF IN Unless Noted
Input Common-Mode Rejection (CMR)8
90
dB min
At DC. Typically 102 dB.
Normal-Mode 50 Hz Rejection8
100
dB min
For Filter Notches of 10 Hz, 25 Hz, 50 Hz,
±0.02 × f
NOTCH
Normal-Mode 60 Hz Rejection8
100
dB min
For Filter Notches of 10 Hz, 30 Hz, 60 Hz,
±0.02 × f
NOTCH
Common-Mode 50 Hz Rejection8
150
dB min
For Filter Notches of 10 Hz, 25 Hz, 50 Hz,
±0.02 × f
NOTCH
Common-Mode 60 Hz Rejection8
150
dB min
For Filter Notches of 10 Hz, 30 Hz, 60 Hz,
±0.02 × f
NOTCH
Absolute/Common-Mode REF IN Voltage8
AGND to AVDD
V min to V max
Absolute/Common-Mode AIN Voltage8, 9
AGND – 30 mV
V min
BUF Bit of Setup Register = 0
AVDD + 30 mV
V max
Absolute/Common-Mode AIN Voltage8, 9
AGND + 50 mV
V min
BUF Bit of Setup Register = 1
AVDD – 1.5 V
V max
AIN DC Input Current8
1
nA max
AIN Sampling Capacitance8
7
pF max
AIN Differential Voltage Range10
0 to +VREF/GAIN
11
nom
Unipolar Input Range (B/U Bit of Filter High Register = 1)
±V
REF/GAIN
nom
Bipolar Input Range (B/U Bit of Filter High Register = 0)
AIN Input Sampling Rate, fS
GAIN
× f
CLK IN/64
For Gains of 1 to 4
fCLK IN/8
For Gains of 8 to 128
Reference Input Range
REF IN(+) – REF IN(–) Voltage
1/1.75
V min/max
AVDD = 2.7 V to 3.3 V. VREF = 1.25 ± 1% for Specified Performance
REF IN(+) – REF IN(–) Voltage
1/3.5
V min/max
AVDD = 4.75 V to 5.25 V. VREF = 2.5 ± 1% for Specified Performance
REF IN Input Sampling Rate, fS
fCLK IN/64
LOGIC INPUTS
Input Current
±10
µA max
All Inputs Except MCLK IN
VINL, Input Low Voltage
0.8
V max
DVDD = 5 V
0.4
V max
DVDD = 3 V
VINH, Input High Voltage
2.4
V min
DVDD = 5 V
2
V min
DVDD = 3 V
SCLK & DIN Only (Schmitt Triggered Input)
DVDD = 5 V NOMINAL
VT+
1.4/3
V min/V max
VT–
0.8/1.4
V min/V max
VT+ – VT–
0.4/0.8
V min/V max
SCLK & DIN Only (Schmitt Triggered Input)
DVDD = 3 V NOMINAL
VT+
1/2.5
V min/V max
VT–
0.4/1.1
V min/V max
VT+ – VT–
0.375/0.8
V min/V max
MCLK In Only
DVDD = 5 V NOMINAL
VINL, Input Low Voltage
0.8
V max
VINH, Input High Voltage
3.5
V min
MCLK In Only
DVDD = 3 V NOMINAL
VINL, Input Low Voltage
0.4
V max
VINH, Input High Voltage
2.5
V min
LOGIC OUTPUTS (Including MCLK OUT)
VOL, Output Low Voltage
0.4
V max
ISINK = 800 µA with DVDD = 5 V. Except for MCLK OUT
12
VOL, Output Low Voltage
0.4
V max
ISINK = 100 µA with DVDD = 3 V. Except for MCLK OUT
12
VOH, Output High Voltage
4
V min
ISOURCE = 200 µA with DVDD = 5 V. Except for MCLK OUT
12
AD7714Y–SPECIFICATIONS (AV
DD = DVDD = +2.7 V to +3.3 V or 4.75 V to 5.25 V, REF IN(+) = +1.25 V; with AVDD = 3 V
and +2.5 V with AVDD = 5 V; REF IN(–) = AGND; MCLK IN = 2.4576 MHz unless otherwise noted. All specifications TMIN to TMAX unless otherwise noted.)
AD7714
REV. C
–5–


Similar Part No. - AD7714AR-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7714AR-5 AD-AD7714AR-5 Datasheet
298Kb / 40P
   3 V/5 V, CMOS, 500 mu A Signal Conditioning ADC
REV. C
AD7714AR-5 AD-AD7714AR-5 Datasheet
298Kb / 40P
   3 V/5 V, CMOS,500 mA Signal Conditioning ADC
REV. C
AD7714AR-5 AD-AD7714AR-5 Datasheet
349Kb / 41P
   Signal Conditioning ADC
More results

Similar Description - AD7714AR-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7714YRZ AD-AD7714YRZ Datasheet
298Kb / 40P
   3 V/5 V, CMOS,500 mA Signal Conditioning ADC
REV. C
AD7714ARSZ-5 AD-AD7714ARSZ-5 Datasheet
298Kb / 40P
   3 V/5 V, CMOS, 500 mA Signal Conditioning ADC
REV. C
AD7714YNZ AD-AD7714YNZ Datasheet
298Kb / 40P
   3 V/5 V, CMOS, 500 mA Signal Conditioning ADC
REV. C
AD7714ANZ-5 AD-AD7714ANZ-5 Datasheet
298Kb / 40P
   3 V/5 V, CMOS, 500 mu A Signal Conditioning ADC
REV. C
AD7714ARZ-5 AD-AD7714ARZ-5 Datasheet
298Kb / 40P
   3 V/5 V, CMOS, 500 UASignal Conditioning ADC
REV. C
AD7715 AD-AD7715 Datasheet
474Kb / 31P
   3 V/5 V, 450 uA 16-Bit, Sigma-Delta ADC
REV. C
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
   Signal Conditioning ADC
REV. F
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
   Signal Conditioning ADC
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
   Signal Conditioning ADC
AD7710 AD-AD7710 Datasheet
220Kb / 28P
   Signal Conditioning ADC
REV. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com