Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL-AD7710EB Datasheet(PDF) 10 Page - Analog Devices

Part # EVAL-AD7710EB
Description  Signal Conditioning ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7710EB Datasheet(HTML) 10 Page - Analog Devices

Back Button EVAL-AD7710EB Datasheet HTML 6Page - Analog Devices EVAL-AD7710EB Datasheet HTML 7Page - Analog Devices EVAL-AD7710EB Datasheet HTML 8Page - Analog Devices EVAL-AD7710EB Datasheet HTML 9Page - Analog Devices EVAL-AD7710EB Datasheet HTML 10Page - Analog Devices EVAL-AD7710EB Datasheet HTML 11Page - Analog Devices EVAL-AD7710EB Datasheet HTML 12Page - Analog Devices EVAL-AD7710EB Datasheet HTML 13Page - Analog Devices EVAL-AD7710EB Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
REV. F
–10–
AD7710
PGA GAIN
G2
G1
G0
Gain
0
0
0
1
(Default Condition After the Internal Power-On Reset)
001
2
010
4
011
8
100
16
101
32
110
64
111
128
Channel Selection
CH
Channel
0
AIN1
(Default Condition After the Internal Power-On Reset)
1
AIN2
Power-Down
PD
0
Normal Operation
(Default Condition After the Internal Power-On Reset)
1
Power-Down
Word Length
WL
Output Word Length
0
16-Bit
(Default Condition After Internal Power-On Reset)
1
24-Bit
Output Compensation Current
IO
0
Off
(Default Condition After Internal Power-On Reset)
1On
Burn-Out Current
BO
0
Off
(Default Condition After Internal Power-On Reset)
1On
Bipolar/Unipolar Selection (Both Inputs)
B/U
0
Bipolar
(Default Condition After Internal Power-On Reset)
1
Unipolar
Filter Selection (FS11–FS0)
The on-chip digital filter provides a Sinc
3 (or (Sinx/x)3) filter response. The 12 bits of data programmed into these bits determine the
filter cutoff frequency, the position of the first notch of the filter and the data rate for the part. In association with the gain selection,
it also determines the output noise (and hence the effective resolution) of the device.
The first notch of the filter occurs at a frequency determined by the relationship: filter first notch frequency = (fCLK IN/512)/code
where code is the decimal equivalent of the code in bits FS0 to FS11 and is in the range 19 to 2,000. With the nominal fCLK IN of
10 MHz, this results in a first notch frequency range from 9.76 Hz to 1.028 kHz. To ensure correct operation of the AD7710, the
value of the code loaded to these bits must be within this range. Failure to do this will result in unspecified operation of the device.
Changing the filter notch frequency, as well as the selected gain, impacts resolution. Tables I and II and Figure 2 show the effect of
the filter notch frequency and gain on the effective resolution of the AD7710. The output data rate (or effective conversion time) for
the device is equal to the frequency selected for the first notch of the filter. For example, if the first notch of the filter is selected at
50 Hz, then a new word is available at a 50 Hz rate or every 20 ms. If the first notch is at 1 kHz, a new word is available every 1 ms.
The settling time of the filter to a full-scale step input change is worst case 4
× 1/(output data rate). This settling time is to 100% of
the final value. For example, with the first filter notch at 50 Hz, the settling time of the filter to a full-scale step input change is
80 ms max. If the first notch is at 1 kHz, the settling time of the filter to a full-scale input step is 4 ms max. This settling time can be
reduced to 3
× l/(output data rate) by synchronizing the step input change to a reset of the digital filter. In other words, if the step
input takes place with
SYNC low, the settling time will be 3
× l/(output data rate). If a change of channels takes place, the settling
time is 3
× l/(output data rate) regardless of the SYNC input.
The –3 dB frequency is determined by the programmed first notch frequency according to the relationship: filter –3 dB frequency
= 0.262
× first notch frequency.


Similar Part No. - EVAL-AD7710EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7710EB AD-EVAL-AD7710EB Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
More results

Similar Description - EVAL-AD7710EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
   Signal Conditioning ADC
REV. F
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
   Signal Conditioning ADC
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
   Signal Conditioning ADC
AD7710ANZ AD-AD7710ANZ Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
AD7712 AD-AD7712_17 Datasheet
304Kb / 29P
   Signal Conditioning ADC
AD7710 AD-AD7710_17 Datasheet
319Kb / 33P
   Signal Conditioning ADC
AD7710AR-REEL7 AD-AD7710AR-REEL7 Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
AD7714 AD-AD7714_15 Datasheet
298Kb / 40P
   Signal Conditioning ADC
REV. C
AD7710 AD-AD7710_15 Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
AD7712 AD-AD7712 Datasheet
229Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com