Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJD-2V16W1P3 Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # MJD-2V16W1P3
Description  120V 17W Downlight
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

MJD-2V16W1P3 Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button MJD-2V16W1P3 Datasheet HTML 7Page - Seoul Semiconductor MJD-2V16W1P3 Datasheet HTML 8Page - Seoul Semiconductor MJD-2V16W1P3 Datasheet HTML 9Page - Seoul Semiconductor MJD-2V16W1P3 Datasheet HTML 10Page - Seoul Semiconductor MJD-2V16W1P3 Datasheet HTML 11Page - Seoul Semiconductor MJD-2V16W1P3 Datasheet HTML 12Page - Seoul Semiconductor MJD-2V16W1P3 Datasheet HTML 13Page - Seoul Semiconductor MJD-2V16W1P3 Datasheet HTML 14Page - Seoul Semiconductor MJD-2V16W1P3 Datasheet HTML 15Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Rev. 02
October 2012
www.Acrich.com
5. Radiation Pattern
11


Similar Part No. - MJD-2V16W1P3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD112 MOTOROLA-MJD112 Datasheet
306Kb / 6P
   SILICON POWER TRANSISTORS 2 AMPERES 100 VOLTS 20 WATTS
logo
Micro Commercial Compon...
MJD112 MCC-MJD112 Datasheet
382Kb / 3P
   Silicon NPN epitaxial planer Transistors
logo
ON Semiconductor
MJD112 ONSEMI-MJD112 Datasheet
207Kb / 11P
   Complementary Darlington Power Transistors
November, 2013 ??Rev. 13
MJD112 ONSEMI-MJD112 Datasheet
147Kb / 8P
   Complementary Darlington Power Transistors
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
MJD112 WINNERJOIN-MJD112 Datasheet
109Kb / 2P
   TO-251/TO-252-2 Plastic-Encapsulate Transistors
More results

Similar Description - MJD-2V16W1P3

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMJD-2V16W1P3 SEOUL-SMJD-2V16W1P3 Datasheet
634Kb / 20P
   Acrich2 - 120V 17W Downlight
SMJD-2V16W2P3 SEOUL-SMJD-2V16W2P3 Datasheet
376Kb / 14P
   Acrich2 120V 17W Module
Rev. 00 Nov. 2012
SMJD-1V16W1P2 SEOUL-SMJD-1V16W1P2 Datasheet
2Mb / 16P
   Acrich2 - 100V 17W Downlight Connect using a AIC directly to AC power
logo
Cree, Inc
LR6 CREE-LR6 Datasheet
409Kb / 2P
   LED Downlight
LR6-18L-35K-120V-A-DR CREE-LR6-18L-35K-120V-A-DR Datasheet
397Kb / 2P
   LED Downlight
LR6-7L-27K-GU24-E26 CREE-LR6-7L-27K-GU24-E26 Datasheet
421Kb / 2P
   LED Downlight
logo
Seoul Semiconductor
SMJD-2D16W2P3 SEOUL-SMJD-2D16W2P3 Datasheet
563Kb / 14P
   Acrich2 120V 17W Module Connect using a AIC directly to AC power
logo
Cree, Inc
LR6-10L-35K-120V-A-DR CREE-LR6-10L-35K-120V-A-DR Datasheet
399Kb / 2P
   LED Downlight
logo
Seoul Semiconductor
SMJD-3V16W1P3 SEOUL-SMJD-3V16W1P3 Datasheet
2Mb / 20P
   220V 17.5W Downlight
logo
Cree, Inc
LR4 CREE-LR4 Datasheet
424Kb / 2P
   Architectural LED Downlight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com