Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8313 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8313
Description  The DRV8313 provides three individually controllable half-H-bridge drivers.
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8313 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV8313 Datasheet HTML 6Page - Texas Instruments DRV8313 Datasheet HTML 7Page - Texas Instruments DRV8313 Datasheet HTML 8Page - Texas Instruments DRV8313 Datasheet HTML 9Page - Texas Instruments DRV8313 Datasheet HTML 10Page - Texas Instruments DRV8313 Datasheet HTML 11Page - Texas Instruments DRV8313 Datasheet HTML 12Page - Texas Instruments DRV8313 Datasheet HTML 13Page - Texas Instruments DRV8313 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
OUT1
OUT2
DCM
OUT3
Motor 1
Motor 2 or
Solenoid
OUT 1
OUT2
OUT3
Phase U
Phase V
Phase W
DRV8313
SLVSBA5A – OCTOBER 2012 – REVISED NOVEMBER 2012
www.ti.com
APPLICATION INFORMATION
Output Configurations and Connections
The typical application for the DRV8313 is to drive a 3-phase brushless motor. In this application, the three
outputs connect to the three motor leads, as shown in Figure 4.
Figure 4. Three-Phase Motor Connection
The device achieves standard 120° (also called trapezoidal or block) commutation, using synchronous
rectification, by following the states shown in Table 1
Table 1. Three-Phase Motor Signals
OUT1 (Phase U)
OUT2 (Phase V)
OUT3 (Phase W)
State
IN1
EN1
OUT1
IN2
EN2
OUT2
IN3
EN3
OUT3
1
X
0
Z
1 / PWM
1
H / PWM
0
1
L
2
1 / PWM
1
H / PWM
X
0
Z
0
1
L
3
1 / PWM
1
H / PWM
0
1
L
X
0
Z
4
X
0
Z
0
1
L
1 / PWM
1
H / PWM
5
0
1
L
X
0
Z
1 / PWM
1
H / PWM
6
0
1
L
1 / PWM
1
H / PWM
X
0
Z
On can implement asynchronous rectification by also applying the PWM signal to the enable inputs.
The DRV8313 can drive other loads, including dc brush motors and solenoids. For example, one could drive a dc
brush motor in both directions, plus a single solenoid or unidirectional dc brush motor:
Figure 5. Bidirectional Motor Plus Motor or Solenoid Connection
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: DRV8313


Similar Part No. - DRV8313

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8313 TI1-DRV8313 Datasheet
871Kb / 18P
[Old version datasheet]   DRV8313 TRIPLE HALF-H-BRIDGE DRIVER IC
DRV8313EVM TI1-DRV8313EVM Datasheet
871Kb / 18P
[Old version datasheet]   DRV8313 TRIPLE HALF-H-BRIDGE DRIVER IC
DRV8313PWP TI1-DRV8313PWP Datasheet
871Kb / 18P
[Old version datasheet]   DRV8313 TRIPLE HALF-H-BRIDGE DRIVER IC
DRV8313PWP TI1-DRV8313PWP Datasheet
1Mb / 37P
[Old version datasheet]   2.5-A Triple 1/2-H Bridge Driver
DRV8313PWPR TI1-DRV8313PWPR Datasheet
871Kb / 18P
[Old version datasheet]   DRV8313 TRIPLE HALF-H-BRIDGE DRIVER IC
More results

Similar Description - DRV8313

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8313EVM TI1-DRV8313EVM Datasheet
871Kb / 18P
[Old version datasheet]   DRV8313 TRIPLE HALF-H-BRIDGE DRIVER IC
L293D TI1-L293D_16 Datasheet
501Kb / 21P
[Old version datasheet]   Quadruple Half-H Drivers
L293N TI-L293N Datasheet
495Kb / 18P
[Old version datasheet]   QUADRUPLE HALF-H DRIVERS
LM25101A TI1-LM25101A_15 Datasheet
1Mb / 26P
[Old version datasheet]   Half-Bridge Gate Drivers
logo
ATMEL Corporation
ATA6832 ATMEL-ATA6832_10 Datasheet
397Kb / 17P
   Three Half-bridge Outputs Formed by Three High-side and Three Low-side Drivers
logo
Sirectifier Semiconduct...
3TA130GKXXNB SIRECTIFIER-3TA130GKXXNB Datasheet
874Kb / 3P
   Three Phase Half Bridge
3TA200GKXXNB SIRECTIFIER-3TA200GKXXNB Datasheet
837Kb / 3P
   Three Phase Half Bridge
3TA60GKXXNB SIRECTIFIER-3TA60GKXXNB Datasheet
905Kb / 3P
   Three Phase Half Bridge
3TA100GKXXNB SIRECTIFIER-3TA100GKXXNB Datasheet
853Kb / 3P
   Three Phase Half Bridge
3TA80GKXXNB SIRECTIFIER-3TA80GKXXNB Datasheet
607Kb / 3P
   Three Phase Half Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com