Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8313 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8313
Description  The DRV8313 provides three individually controllable half-H-bridge drivers.
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8313 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV8313 Datasheet HTML 4Page - Texas Instruments DRV8313 Datasheet HTML 5Page - Texas Instruments DRV8313 Datasheet HTML 6Page - Texas Instruments DRV8313 Datasheet HTML 7Page - Texas Instruments DRV8313 Datasheet HTML 8Page - Texas Instruments DRV8313 Datasheet HTML 9Page - Texas Instruments DRV8313 Datasheet HTML 10Page - Texas Instruments DRV8313 Datasheet HTML 11Page - Texas Instruments DRV8313 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
PGND1
PGND2
PGND3
COMPP
COMPO
COMPN
Current Limit
R
SENSE
V
REF
V3P3OUT
B0482-01
DRV8313
SLVSBA5A – OCTOBER 2012 – REVISED NOVEMBER 2012
www.ti.com
Comparator
The DRV8313 includes an uncommitted comparator, which can find use as a current-limit comparator or for other
purposes.
The following diagram shows connections to use the comparator to sense current for implementing a current
limit. Current from all three low-side FETs is sensed using a single low-side sense resistor. The voltage across
the sense resistor is compared with a reference, and when the sensed voltage exceeds the reference, a current-
limit condition is signaled to the controller. The V3P3OUT internal voltage regulator can be used to set the
reference voltage of the comparator.
Figure 3. DRV8313 Comparator
nRESET and nSLEEP Operation
The nRESET pin, when driven active-low, resets any faults. It also disables the output drivers while it is active.
The device ignores all inputs while nRESET is active. Note that there is an internal power-up-reset circuit, so that
driving nRESET at power up is not required.
Driving nSLEEP low puts the device into a low-power sleep state. Entering this state disables the output drivers,
stops the gate-drive charge pump, resets all internal logic (including faults), and stops all internal clocks. In this
state, the device ignores all inputs until nSLEEP returns inactive-high. When returning from sleep mode, some
time (approximately 1 ms) must pass before the motor driver becomes fully operational. Note that the V3P3
regulator remains operational in sleep mode.
Protection Circuits
The DRV8313 has full protection against undervoltage, overcurrent, and overtemperature events.
OVERCURRENT PROTECTION (OCP)
An analog current-limit circuit on each FET limits the current through the FET by removing the gate drive. If
this analog current limit persists for longer than the OCP deglitch time, the device disables the channel
experiencing the overcurrent and drives the nFAULT pin low. The driver remains off until either assertion of
nRESET or the cycling of VM power.
Overcurrent conditions on both high- and low-side devices, that is, a short to ground, supply, or across the
motor winding, all result in an overcurrent shutdown.
THERMAL SHUTDOWN (TSD)
If the die temperature exceeds safe limits, the device disables all outputs and drives the nFAULT pin low.
Once the die temperature has fallen to a safe level, operation automatically resumes.
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: DRV8313


Similar Part No. - DRV8313

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8313 TI1-DRV8313 Datasheet
871Kb / 18P
[Old version datasheet]   DRV8313 TRIPLE HALF-H-BRIDGE DRIVER IC
DRV8313EVM TI1-DRV8313EVM Datasheet
871Kb / 18P
[Old version datasheet]   DRV8313 TRIPLE HALF-H-BRIDGE DRIVER IC
DRV8313PWP TI1-DRV8313PWP Datasheet
871Kb / 18P
[Old version datasheet]   DRV8313 TRIPLE HALF-H-BRIDGE DRIVER IC
DRV8313PWP TI1-DRV8313PWP Datasheet
1Mb / 37P
[Old version datasheet]   2.5-A Triple 1/2-H Bridge Driver
DRV8313PWPR TI1-DRV8313PWPR Datasheet
871Kb / 18P
[Old version datasheet]   DRV8313 TRIPLE HALF-H-BRIDGE DRIVER IC
More results

Similar Description - DRV8313

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8313EVM TI1-DRV8313EVM Datasheet
871Kb / 18P
[Old version datasheet]   DRV8313 TRIPLE HALF-H-BRIDGE DRIVER IC
L293D TI1-L293D_16 Datasheet
501Kb / 21P
[Old version datasheet]   Quadruple Half-H Drivers
L293N TI-L293N Datasheet
495Kb / 18P
[Old version datasheet]   QUADRUPLE HALF-H DRIVERS
LM25101A TI1-LM25101A_15 Datasheet
1Mb / 26P
[Old version datasheet]   Half-Bridge Gate Drivers
logo
ATMEL Corporation
ATA6832 ATMEL-ATA6832_10 Datasheet
397Kb / 17P
   Three Half-bridge Outputs Formed by Three High-side and Three Low-side Drivers
logo
Sirectifier Semiconduct...
3TA130GKXXNB SIRECTIFIER-3TA130GKXXNB Datasheet
874Kb / 3P
   Three Phase Half Bridge
3TA200GKXXNB SIRECTIFIER-3TA200GKXXNB Datasheet
837Kb / 3P
   Three Phase Half Bridge
3TA60GKXXNB SIRECTIFIER-3TA60GKXXNB Datasheet
905Kb / 3P
   Three Phase Half Bridge
3TA100GKXXNB SIRECTIFIER-3TA100GKXXNB Datasheet
853Kb / 3P
   Three Phase Half Bridge
3TA80GKXXNB SIRECTIFIER-3TA80GKXXNB Datasheet
607Kb / 3P
   Three Phase Half Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com