Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJE-2V12W1P3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SMJE-2V12W1P3
Description  Arich 2 series designed for...
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMJE-2V12W1P3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SMJE-2V12W1P3 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMJE-2V12W1P3 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMJE-2V12W1P3 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMJE-2V12W1P3 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMJE-2V12W1P3 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMJE-2V12W1P3 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMJE-2V12W1P3 Datasheet HTML 7Page - List of Unclassifed Manufacturers SMJE-2V12W1P3 Datasheet HTML 8Page - List of Unclassifed Manufacturers SMJE-2V12W1P3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Rev. 01
June 2012
www.Acrich.com
2
Acrich2 - 120V 13W Bulb
Acrich2
* The appearance and specifications of the product can be changed
for improvement without notice.
Acrich 2 series designed for AC drive(or operation) doesn't need
the converter which is essential for conventional general
lighting. Also, its high power factor can show best energy saving
effect in many lighting applications.
As there is no need of converter, Acrich 2 series can realize as
close life-time as original LED and make a better use of a space
in many applications.
Description
Connect using a AIC
directly to AC power
High Power Efficiency
• High Power Factor
• Low THD
Long Life Time
Simplest BOM
Miniaturization
• Lead Free product
• RoHS compliant
Features
Applications
• Bulb light
• Down light
• Factory Ceiling light
• Industrial Light


Similar Part No. - SMJE-2V12W1P3

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMJE-2V12W1P3 SEOUL-SMJE-2V12W1P3_13 Datasheet
769Kb / 19P
   Acrich2 -120V 13W Bulb Connects directly to AC line voltage
More results

Similar Description - SMJE-2V12W1P3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMJE-3V12W1P3 ETC2-SMJE-3V12W1P3 Datasheet
634Kb / 17P
   Acrich 2 series designed for...
SMJE-3V08W1P3 ETC2-SMJE-3V08W1P3 Datasheet
688Kb / 17P
   Acrich2 series designed for AC drive...
logo
PUI audio inc.
SMT-0927-T-2-R PUIAUDIO-SMT-0927-T-2-R Datasheet
467Kb / 3P
   Top_firing electromechanical transducer designed for 2 to 4 Vp-p
logo
Everlight Electronics C...
7383-G1C3-ATVA EVERLIGHT-7383-G1C3-ATVA Datasheet
113Kb / 8P
   Specially designed for applications
7383-B1C3-AMQA EVERLIGHT-7383-B1C3-AMQA Datasheet
112Kb / 8P
   Specially designed for applications
logo
Taoglas antenna solutio...
FW.86.B.SMA.M TAOGLAS-FW.86.B.SMA.M Datasheet
1Mb / 12P
   Designed for Outdoor Use
logo
Skyworks Solutions Inc.
DSG9500-000 SKYWORKS-DSG9500-000_09 Datasheet
339Kb / 1P
   Designed for switching applications
DSM8100-000 SKYWORKS-DSM8100-000_08 Datasheet
107Kb / 5P
   Designed for switching applications
logo
Ohmite Mfg. Co.
SINK-CP4 OHMITE-SINK-CP4 Datasheet
436Kb / 2P
   Designed for Ohmite products
logo
RF Monolithics, Inc
SF2143B RFM-SF2143B Datasheet
708Kb / 6P
   Designed for SDARS IF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com