Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC2059 Datasheet(PDF) 7 Page - DinTek Semiconductor Co,.Ltd

Part # DTC2059
Description  P-Channel 20 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTC2059 Datasheet(HTML) 7 Page - DinTek Semiconductor Co,.Ltd

  DTC2059 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTC2059 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTC2059 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTC2059 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTC2059 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTC2059 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTC2059 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTC2059 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Package outline - SOT89
Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches
DIM
Millimeters
Inches
DIM
Millimeters
Inches
Min
Max
Min
Max
Min
Max
Min
Max
A
1.40
1.60
0.550
0.630
E
2.29
2.60
0.090
0.102
B
0.44
0.56
0.017
0.022
E1
2.13
2.29
0.084
0.090
B1
0.36
0.48
0.014
0.019
e
1.50 BSC
0.059 BSC
C
0.35
0.44
0.014
0.017
e1
3.00 BSC
0.118 BSC
D
4.40
4.60
0.173
0.181
H
3.94
4.25
0.155
0.167
D1
1.62
1.83
0.064
0.072
L
0.89
1.20
0.035
0.047
D1
D
A
C
B1
L
E
H
E1
B
e
e1
Package Information
www.
1


Similar Part No. - DTC2059

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTC2059 DINTEK-DTC2059 Datasheet
1Mb / 8P
   P-Channel 20 V (D-S) MOSFET Load Switch
DTC2059 DINTEK-DTC2059_13 Datasheet
1Mb / 8P
   P-Channel 20 V (D-S) MOSFET Load Switch
More results

Similar Description - DTC2059

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com