Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03MK2 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # 03MK2
Description  HIGH PERFORMANCE PC BOARD MOUNTING FILTERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

03MK2 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  03MK2 Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D
V
E
MK4E
1. Direct PC board mounting for easy installation.
2. All part numbers are UL recognized, CSA certified and
VDE approved.
3. Optional medical version.
1. Maximum leakage current each
line-to-ground @115VAC 60Hz: 0.2mA
@250VAC 50Hz: 0.4mA
2. Hipot rating (one minute)
line-to-ground: 2250VDC
line-to-line: 1450VDC
3. Operating frequency: 50/60 Hz
4. Rated voltage: 115/250VAC
5-11
CURRENT
FREQUENCY-MHz
TYPE
RATING
.15
.50
1.0
5.0
10
30
01MK4E
1A
30
50
40
40
35
20
03MK4E
3A
20
30
45
48
45
30
06MK4E
6A
15
25
30
45
40
30
10MK4E
10A
12
20
30
30
35
25
01MK4E
1A
5
25
40
40
40
20
03MK4E
3A
5
15
25
35
35
28
06MK4E
6A
5
12
20
20
30
25
10MK4E
10A
5
15
20
30
35
35
COMMON MODE (L-G) IN 50 OHM SYSTEM
DIFFERENTIAL MODE (L-L) IN 50 OHM SYSTEM
03MK4E
20.0
0.79
DIMENSIONS IN INCHES/mm
PART NO.
01MK4E
06MK4E
10MK4E
0.65
16.5
0.8
0.03
0.047
1.2
1.1
0.04
0.06
1.5
A
B
C
33.0 0.5
1.3 0.02
41.5
1.63
B
C
1.3 0.004
33.0 0.1
UNIT:
mm
INCH
SUGGESTED MOUNTING PITCH IN P.C. BOARD
SERIES
INTRODUCTIONS
SPECIFICATIONS
HIGH PERFORMANCE PC BOARD
MOUNTING FILTERS
COMPONENTS
ELECTRICAL SCHEMATIC
MINIMUM INSERTION LOSS IN dB
SERIES DIMENSIONS
MECHANICAL CONSTRUCTION
N
L
L
R
E
N
I
Cy
L
Cx
G'
N'
L'
L
Cy
D
A
O
01MK4E
10
03MK4E
2.5
2200
1M
0.1
06MK4E
1
10MK4E
PART NO.
Cx (uF)
L (mH)
Cy (pF)
R


Similar Part No. - 03MK2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
03M2001FF VISHAY-03M2001FF Datasheet
96Kb / 4P
   NTC Thermistors,Coated
Revision 22-Sep-04
03M2001FP VISHAY-03M2001FP Datasheet
96Kb / 4P
   NTC Thermistors,Coated
Revision 22-Sep-04
03M2001JF VISHAY-03M2001JF Datasheet
96Kb / 4P
   NTC Thermistors,Coated
Revision 22-Sep-04
03M2001JP VISHAY-03M2001JP Datasheet
96Kb / 4P
   NTC Thermistors,Coated
Revision 22-Sep-04
03M2001KF VISHAY-03M2001KF Datasheet
96Kb / 4P
   NTC Thermistors,Coated
Revision 22-Sep-04
More results

Similar Description - 03MK2

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
06ME3G DELTA-06ME3G Datasheet
785Kb / 3P
   PC BOARD MOUNTING FILTERS
10GKEW3E DELTA-10GKEW3E Datasheet
164Kb / 1P
   MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
06GKEW3E DELTA-06GKEW3E Datasheet
164Kb / 1P
   MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
logo
Panasonic Semiconductor
AMG8854M01 PANASONIC-AMG8854M01 Datasheet
843Kb / 9P
   PC board mounting
30-Sep-20
logo
Delta Electronics, Inc.
15GENG3E DELTA-15GENG3E Datasheet
1Mb / 2P
   SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
20GENG3E-R DELTA-20GENG3E-R Datasheet
1Mb / 2P
   SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
03GENG3E DELTA-03GENG3E Datasheet
1Mb / 2P
   SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
06GENG3E DELTA-06GENG3E Datasheet
1Mb / 2P
   SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
10GENG3E-R DELTA-10GENG3E-R Datasheet
1Mb / 2P
   SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
03GENG3E-R DELTA-03GENG3E-R Datasheet
1Mb / 2P
   SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com