Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH09B151K Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # AH09B151K
Description  Ceramic Y Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

AH09B151K Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  AH09B151K Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION AH09B151K Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION AH09B151K Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AH Type-Class X1/Y1
Dimension (mm)
Part No
Temp
Char
Cap
Tol
D max
T max
F
Wire Dia
5
.
9
0
0
1
K
1
0
1
B
9
0
H
A
5
.
9
0
5
1
K
1
5
1
B
9
0
H
A
5
.
9
0
2
2
K
1
2
2
B
9
0
H
A
5
.
9
0
3
3
K
1
3
3
B
9
0
H
A
5
.
9
0
7
4
K
1
7
4
B
9
0
H
A
5
.
0
1
0
6
5
K
1
6
5
B
0
1
H
A
AH10B681K
B
(Y5P)
680
±10%
10.5
8.0
10.0
0.65mm
0
0
0
1
M
2
0
1
E
9
0
H
5
.
9
A
AH12E152M
1500
12.5
AH12E222M
2200
12.5
AH14E332M
3300
14.5
AH16E392M
3900
16.5
AH16E472M
E
(Y5U)
4700
±20%
16.5
8.0
10.5
0.65mm
AH/AC Series
0
0
1
0
5
1
0
2
2
0
3
3
0
7
4
AH06B101K
AH06B151K
AH06B221K
AH06B331K
AH07B471K
AH08B681K
680
9.0
5.0
8.0
7.0
7.0
7.0
7.0
0.60mm
10.0
MERITEK
Ceramic Y Capacitors


Similar Part No. - AH09B151K

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AH09 XPPOWER-AH09 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
More results

Similar Description - AH09B151K

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0ALC BALLUFF-BCC0ALC Datasheet
115Kb / 2P
   Y-Splitters
0.74_2022-07-15
BCC0EW3 BALLUFF-BCC0EW3 Datasheet
112Kb / 2P
   Y-Splitters
0.86_2022-07-11
BCC0F82 BALLUFF-BCC0F82 Datasheet
127Kb / 3P
   Y-Splitters
0.81_2022-07-15
BCC0ALW BALLUFF-BCC0ALW Datasheet
114Kb / 2P
   Y-Splitters
0.67_2022-08-08
BCC0HL3 BALLUFF-BCC0HL3 Datasheet
127Kb / 3P
   Y-Splitters
0.89_2022-07-15
BCC0AWJ BALLUFF-BCC0AWJ Datasheet
102Kb / 2P
   Y-Splitters
0.8_2022-08-08
BCC0AFL BALLUFF-BCC0AFL Datasheet
109Kb / 2P
   Y-Splitters
0.93_2022-07-16
BCC0AM0 BALLUFF-BCC0AM0 Datasheet
112Kb / 2P
   Y-Splitters
0.84_2022-07-16
BCC0AM7 BALLUFF-BCC0AM7 Datasheet
113Kb / 2P
   Y-Splitters
0.86_2022-07-16
BCC0AUF BALLUFF-BCC0AUF Datasheet
116Kb / 2P
   Y-Splitters
0.68_2022-07-16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com