Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN726 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # AN726
Description  UTILITY CLASS-D TOOLSTICK USER?셎 GUIDE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN726 Datasheet(HTML) 1 Page - Silicon Laboratories

  AN726 Datasheet HTML 1Page - Silicon Laboratories AN726 Datasheet HTML 2Page - Silicon Laboratories AN726 Datasheet HTML 3Page - Silicon Laboratories AN726 Datasheet HTML 4Page - Silicon Laboratories AN726 Datasheet HTML 5Page - Silicon Laboratories AN726 Datasheet HTML 6Page - Silicon Laboratories AN726 Datasheet HTML 7Page - Silicon Laboratories AN726 Datasheet HTML 8Page - Silicon Laboratories AN726 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Rev. 0.1 11/12
Copyright © 2012 by Silicon Laboratories
AN726
AN726
U TILITY C LASS-D TOOLSTICK U SER S G UIDE
1. Introduction
Class-D is a switching power amplifier architecture that uses high-frequency Pulse-Width Modulation (PWM) to
generate the output waveform. The transistors are fully on or fully off, which means this architecture can reach very
high efficiency levels, resulting in significant power savings. However, the translation from the input signal to PWM
and the PWM itself can cause more distortion on the output than other amplifier architectures. Figure 1 shows a
very basic Class-D signal diagram.
Figure 1. Class-D Power Amplifier Signal Diagram
Because the Class-D amplifier transistors are fully on or fully off, the transistors lose less energy in the form of
heat. This architecture, therefore, lends itself to small, cheap MOSFETs. The Class-D amplifier can be
implemented in either analog or digital form.
An analog Class-D amplifier is non-trivial and typically consists of a comparator, triangle waveform generator, and
several blocks to condition the input signal before transferring to the output MOSFETs.
A digital Class-D amplifier requires the following:
PWM output (switching) frequency 10x+ faster than the highest input frequency to adequately reconstruct
the input signal
High-resolution control of the PWM pulse width to reduce output quantization distortion
Method for sampling or receiving the input waveform
Fast core for digital processing and manipulation of data
Pins capable of driving the amplified signal
Since the Silicon Labs Precision32™ SiM3U1xx/SiM3C1xx 32-bit MCUs have peripherals and features capable of
meeting all of these requirements, these MCUs are uniquely suited to a utility Class-D power amplifier application
without using many external components by directly driving the speaker using the high drive I/O.
In addition to providing a development platform for Class-D applications, the Class-D ToolStick board serves as a
lower-cost, general-purpose development platform for the SiM3U1xx USB MCUs.
2. Relevant Documents
This document provides a hardware and software overview for the Class-D ToolStick. Additional documentation on
the Precision32 tools and MCUs can be found on the Silicon Labs website: www.silabs.com/32bit-appnotes,
www.silabs.com/32bit-software, and www.silabs.com/32bit-mcu.


Similar Part No. - AN726

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7261FBQ PANASONIC-AN7261FBQ Datasheet
54Kb / 5P
   FM multiplex reception IC
More results

Similar Description - AN726

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2120 MICROCHIP-MCP2120 Datasheet
2Mb / 64P
   DEVELOPER?셎 KIT USER?셎 GUIDE
2001
PIC24E MICROCHIP-PIC24E Datasheet
2Mb / 30P
   STARTER KIT USER?셎 GUIDE
2010-2011
logo
Maxim Integrated Produc...
AN4811 MAXIM-AN4811 Datasheet
1Mb / 216P
   MAXQ FAMILY USER?셎 GUIDE
Rev: 6; 9/08
logo
Silicon Laboratories
SI4312-DB SILABS-SI4312-DB Datasheet
455Kb / 11P
   Si4312 DEMO BOARD USER?셎 GUIDE
MSC-F930-PDK SILABS-MSC-F930-PDK Datasheet
1Mb / 17P
   EZRADIOPRO짰 DEVELOPMENT KITS USER?셎 GUIDE
SI4311-DB SILABS-SI4311-DB Datasheet
445Kb / 11P
   Si4311 DEMO BOARD USER?셎 GUIDE
SI4010-DK SILABS-SI4010-DK Datasheet
212Kb / 20P
   Si4010 DEVELOPMENT KIT USER?셎 GUIDE
C8051T620-DK SILABS-C8051T620-DK Datasheet
597Kb / 30P
   C8051T620/2 DEVELOPMENT KIT USER?셎 GUIDE
AN664 SILABS-AN664 Datasheet
305Kb / 18P
   PRECISION32??CMSIS AND HAL USER?셎 GUIDE
AN265 SILABS-AN265 Datasheet
578Kb / 20P
   2ND-GENERATION PROSLIC짰 GUI USER?셎 GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com