Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7703AR Datasheet(PDF) 10 Page - Analog Devices

Part # AD7703AR
Description  LC2MOS 20-Bit A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7703AR Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7703AR Datasheet HTML 6Page - Analog Devices AD7703AR Datasheet HTML 7Page - Analog Devices AD7703AR Datasheet HTML 8Page - Analog Devices AD7703AR Datasheet HTML 9Page - Analog Devices AD7703AR Datasheet HTML 10Page - Analog Devices AD7703AR Datasheet HTML 11Page - Analog Devices AD7703AR Datasheet HTML 12Page - Analog Devices AD7703AR Datasheet HTML 13Page - Analog Devices AD7703AR Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD7703
–10–
REV. D
Initiating Calibration
Table III illustrates the calibration modes available in the
AD7703. Not shown in the table is the function of the BP/UP
pin which determines whether the converter has been calibrated
to measure bipolar or unipolar signals. A calibration step is
initiated by bringing the CAL pin high for at least 4 CLKIN
cycles and then bringing it low again. The states of SC1 and
SC2 along with the BP/UP pin will determine the type of
calibration to be performed. All three signals should be stable
before the CAL pin is taken positive. The SC1 and SC2 inputs
are latched when CAL goes high. The BP/UP input is not
latched and therefore must remain in a fixed state throughout
the calibration and measurement cycles. Any time the state of
the BP/UP is changed, a new calibration cycle must be
performed to enable the AD7703 to function properly in the
new mode.
When a calibration step is initiated, the DRDY signal will go
high and remain high until the step is finished. Table III shows
the number of clock cycles each calibration requires. Once a
calibration step is initiated it must finish before a new calibra-
tion step can be executed. In the two step system calibration
mode, the offset calibration step must be initiated before initiat-
ing the gain calibration step.
Table IV. Output Code Size After Calibration
1 LSB
CAL MODE
ZERO-SCALE
GAIN FACTOR
UNIPOLAR
BIPOLAR
Self-Cal
VAGND
VREF
(VREF –VAGND )
1048576
2(VREF –VAGND )
1048576
System Cal
SOFF
SGAIN
(SGAIN – SOFF )
1048576
2(SGAIN – SOFF )
1048576
Table III. Calibration Truth Table
CAL
SC1
SC2
CAL TYPE
ZERO-SCALE CAL FULL-SCALE CAL SEQUENCE
CALIBRATION TIME
0
0
Self-Cal
VAGND
VREF
One Step
3,145,655 Clock Cycles
1
1
System Offset
AIN
_
1st Step
1,052,599 Clock Cycles
0
1
System Gain
_
AIN
2nd Step
1,068,813 Clock Cycles
1
0
System Offset
AIN
VREF
One Step
2,117,389 Clock Cycles
NOTE
DRDY
remains high throughout the calibration sequence. In the Self-Cal mode, DRDY falls once the AD7703 has settled to the analog input. In all other modes
DRDY
falls as the device begins to settle.
When self-calibration is completed, DRDY falls and the output
port is updated with a data word that represents the analog
input signal. When a system calibration step is completed,
DRDY
will fall and the output port will be updated with the
appropriate data value (all 0s for the zero-scale point and all 1s
for the full-scale point). In the system calibration mode, the
digital filter must settle before the output code will represent the
value of the analog input signal. Tables IV and V indicate the
output code size and output coding of the AD7703 in its
various modes. In these tables, SOFF is the measured system
offset in volts and SGAIN is the measured system gain at the
full-scale point in volts.
Span and Offset Limits
Whenever a system calibration mode is used, there are limits on
the amount of offset and span which can be accommodated.
The range of input span in both the unipolar and bipolar modes
has a minimum value of 0.8 VREF and a maximum value of
2 (VREF + 0.1 V).
The amount of offset which can be accommodated depends on
whether the unipolar or bipolar mode is being used. In unipolar
mode, the system calibration modes can handle a maximum
offset of 0.2 VREF and a minimum offset of –(VREF + 0.1 V).
Thus the AD7703 in the unipolar mode can be calibrated to
mimic bipolar operation.


Similar Part No. - AD7703AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7703AR AD-AD7703AR Datasheet
453Kb / 17P
   20-Bit A/D Converter
More results

Similar Description - AD7703AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7701 AD-AD7701 Datasheet
312Kb / 16P
   LC2MOS 16-Bit A/D Converter
REV. D
AD7701 AD-AD7701_17 Datasheet
319Kb / 21P
   LC2MOS 16-Bit A/D Converter
AD7226BRSZ AD-AD7226BRSZ Datasheet
423Kb / 16P
   LC2MOS Quad 8-Bit D/A Converter
REV. D
AD7226 AD-AD7226_17 Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
AD7226 AD-AD7226 Datasheet
247Kb / 12P
   LC2MOS Quad 8-Bit D/A Converter
REV. A
AD7703 AD-AD7703_17 Datasheet
453Kb / 17P
   20-Bit A/D Converter
AD7703 AD-AD7703_15 Datasheet
458Kb / 16P
   20-Bit A/D Converter
Rev. E
AD7111 AD-AD7111 Datasheet
175Kb / 8P
   LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
AD7111ACRZ AD-AD7111ACRZ Datasheet
178Kb / 8P
   LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
AD7112 AD-AD7112 Datasheet
230Kb / 12P
   LC2MOS LOGDAC Dual Logarithmic D/A Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com