Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHW-80W Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # AHW-80W
Description  Gold Aluminum Housed Wirewound Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

AHW-80W Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  AHW-80W Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION AHW-80W Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION AHW-80W Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION AHW-80W Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
FEATURES
High power rating, small size and ultra precision.
Standard winding &non-inductive winding types.
High stability, strong construction.
ELECTRICAL SPECIFICATION
DIMENSIONS AND RESISTANCE RANGE
DIMENSIONS(mm)
Type
L1±2
L2±1
L3±1
A±1
B±1
C±1
E±0.3
S±1
H±0.5
P±2
Resistance
Range
AHW-5W
25
15
10
16.5
12.5
8.5
2
8
4
5
0.1
Ω~50K
AHW-10W
32
19
14
20
15.5
10.5
2
10
5
6
0.1
Ω~50K
AHW-25W
47
27
18
27
19
15
3.2
15.5
7
10
0.1
Ω~100K
AHW-50W
70
50
39
29
21
15
3.2
15.5
7
10
0.1
Ω~100K
AHW-80W
102
66
35
47
37
28
4.5
25
12
5*18
0.1
Ω~100K
AHW-100WS
102
66
35
47
37
28
4.5
25
12
5*18
0.1
Ω~100K
AHW-100W
135
89
69
70
58
46
5
44.5
19.5
6*23
0.1
Ω~3K
AHW-250W
155
114
98
77
64
53
5
55.5
25
6*21
0.1
Ω~3K
AHW-300W
155
114
98
77
64
53
5
55.5
25
6*21
0.1
Ω~3K
Characteristics
Limits
Test Methods
Resistance Tolerance
Resistance 1
Ω≤R ±5%(J)
Resistance Tolerance 1
Ω≤R
±10%(K)
JIS-C-5202 5-1
Temperature Coefficient
±200ppm/ °C max.
JIS-C-5202 5-2b
Power Rating Load
ΔR/R≤±(1%+0.05Ω)
Surface Temp. Rise 350°C max.
JIS-C-5202 5-4
Short-Time Overload
ΔR/R≤±(2%+0.05Ω)
100% Rated Power5 Seconds
JIS-C-5202 5-5
Insulation Resistance
DC500V
100M
Ω min
JIS-C-5202 5-6
Dielectric Withstanding Voltage
AC3000V
60Sec.
JIS-C-5202 5-7
AHW Series
MERITEK
Gold Aluminum Housed Wirewound
Resistors
Specifications are subject to change without notice.
rev.6a


Similar Description - AHW-80W

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
UAL-5 RIEDON-UAL-5 Datasheet
540Kb / 4P
   Aluminum Housed Wirewound Resistors
logo
Willow Technologies Ltd
UAL WILLOW-UAL Datasheet
645Kb / 4P
   Aluminum Housed Wirewound Resistors
logo
Riedon Powertron
UAL25-75RF8 RIEDON-UAL25-75RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL10-20KF8 RIEDON-UAL10-20KF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-1K5F8 RIEDON-UAL25-1K5F8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-12RF8 RIEDON-UAL25-12RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL RIEDON-UAL Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-750RF8 RIEDON-UAL25-750RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-15RF8 RIEDON-UAL25-15RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL10-2R5F8 RIEDON-UAL10-2R5F8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com