Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHW-50W Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # AHW-50W
Description  Gold Aluminum Housed Wirewound Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

AHW-50W Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  AHW-50W Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION AHW-50W Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION AHW-50W Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION AHW-50W Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
SHORT-TIME OVERLOAD RATING
Load Time
(Second)
1
2
3
4
5
10
30
60
180
300
600
900
Power
Increase (%)
2600
2000
1600
1400
1300
1000
600
450
200
150
120
110
PERFORMANCE
Parameters
Test Conditions
Specifications
Short time
Over Load
5X wattage rating-5sec
△R±(0.5%+0.05Ω)MAX
Moisture
Resistance
Temp 40℃ moisture 95% DC100V
500HR
△R±(0.5%+0.05Ω)MAX
Moisture
Load Life
Temp 40℃ moisture 95% 1/10X
Wattage rating (1.5Hr ON-0.5Hr
OFF)-Repeat 1000Hr
△R±(0.5%+0.05Ω)MAX
Load Life
Load Rating(chass is mounted)
(1.5Hr ON 0.5Hr OFF) -Repeat 1000Hr
△R±(1.5%+0.05Ω)MAX
Vibration
10c/s~50c/s~10c/s(lmin)2Hr each
of paralleled and right angle
△R±(0.2%+0.05Ω)MAX
Heat Resistance
275℃ 2Hr
△R±(0.5%+0.05Ω)MAX
Dielectric Strength
AHW-5 AHW-10 AHW-25 1000V
AHW-50 1500V
AHW-100 AHW-250 2500V
△R±(0.2%+0.05Ω)MAX
Insulation Resistance
Under the same test condition of
Dielectric Strength, Load DC500v
and measure the insulation R.
1000M Ω min
Terminal Strength
(1) Pull Test (30 sec Min)
AHW-51kg.AHW-10
2.3kg.AHW-25.AHW-50 4.5kg
(2) Torque Test (5~15sec)
AHW-100 27kg-cm,AHW 250
36Kg-cm
△R±(0.2%+0.05Ω)MAX
AHW Series
MERITEK
Gold Aluminum Housed Wirewound
Resistors


Similar Description - AHW-50W

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
UAL-5 RIEDON-UAL-5 Datasheet
540Kb / 4P
   Aluminum Housed Wirewound Resistors
logo
Willow Technologies Ltd
UAL WILLOW-UAL Datasheet
645Kb / 4P
   Aluminum Housed Wirewound Resistors
logo
Riedon Powertron
UAL25-75RF8 RIEDON-UAL25-75RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL10-20KF8 RIEDON-UAL10-20KF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-1K5F8 RIEDON-UAL25-1K5F8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-12RF8 RIEDON-UAL25-12RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL RIEDON-UAL Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-750RF8 RIEDON-UAL25-750RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-15RF8 RIEDON-UAL25-15RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL10-2R5F8 RIEDON-UAL10-2R5F8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com