Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7707 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7707
Description  3 V/5 V, -10 V Input Range, 1 mW 3-Channel 16-Bit, Sigma-Delta ADC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7707 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7707 Datasheet HTML 6Page - Analog Devices AD7707 Datasheet HTML 7Page - Analog Devices AD7707 Datasheet HTML 8Page - Analog Devices AD7707 Datasheet HTML 9Page - Analog Devices AD7707 Datasheet HTML 10Page - Analog Devices AD7707 Datasheet HTML 11Page - Analog Devices AD7707 Datasheet HTML 12Page - Analog Devices AD7707 Datasheet HTML 13Page - Analog Devices AD7707 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
REV. A
AD7707
–10–
Table IV. Output RMS Noise/Peak-to-Peak Resolution vs. Gain and Output Update Rate @ +3 V
AIN1 and AIN2 Buffered Mode Only
Filter First
Typical Output RMS Noise in
V (Peak-to-Peak Resolution in Bits)
Notch and O/P
–3 dB
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Data Rate
Frequency 1
2
4
8
16
32
64
128
MCLK IN = 2.4576 MHz
10 Hz
2.62 Hz
1.80 (16)
1 (16)
0.7 (16)
0.41 (16)
0.41 (16)
0.41 (15)
0.41 (14)
0.41 (13)
50 Hz
13.1 Hz
4.1 (16)
2.4 (16)
1.5 (16)
1 (15.5)
0.91 (15)
0.89 (14)
0.86 (13)
0.83 (12)
60 Hz
15.72 Hz
5.1 (16)
3 (16)
1.8 (16)
1.1 (15.5)
0.94 (14.5) 0.94 (13.5) 0.99 (13)
0.99 (11.5)
250 Hz
65.5 Hz
50 (13)
27 (13)
12.3 (13)
6.4 (13)
4 (12.5)
2.7 (12.5)
2.2 (11.5)
1.8 (11)
500 Hz
131 Hz
275 (10.5) 125 (10.5)
80 (10.5)
39 (10.5)
16 (10.5)
8.9 (10.5)
5.2 (10)
4.2 (9.5)
MCLK IN = 1 MHz
4.05 Hz
1.06 Hz
1.75 (16)
1.18 (16)
0.67 (16)
0.44 (16)
0.41 (16)
0.44 (15)
0.43 (14)
0.43 (13)
20 Hz
5.24 Hz
4.21 (16)
2.5 (16)
1.48 (16)
1 (15.5)
0.94 (15)
0.96 (14)
0.89 (13)
0.86 (12)
25 Hz
6.55 Hz
5.15 (16)
2.8 (16)
1.8 (16)
1.15 (15.5) 1 (14.5)
1.02 (13.5) 0.96 (13)
1.03 (11.5)
100 Hz
26.2 Hz
46.1 (13)
24.3 (13)
13.6 (13)
6.71 (13)
4.1 (12.5)
2.54 (12.5) 2.3 (11.5)
2.15 (10.5)
200 Hz
52.4 Hz
282 (10.5) 123 (10.5)
66 (10.5)
35.3 (10.5) 14.8 (10.5) 9.91 (10.5) 5.48 (10)
4.01 (9.5)
OUTPUT NOISE FOR HIGH LEVEL INPUT CHANNEL AIN3 (5 V OPERATION)
Table V shows the AD7707 output rms noise and peak-to-peak resolution in unbuffered for the selectable notch and –3 dB
frequencies for the part, as selected by FS0, FS1 and FS2 of the Clock Register. The numbers given are for the
± 10 V,
±5 V, 0 to 5 V and 0 V to +10 V ranges with a V
REF of +2.5 V, HBIAS = 2.5 V, HICOM = AGND and AVDD = 5 V. These
numbers are typical and are generated at an analog input voltage of 0 V. Table VI meanwhile shows the output rms noise and
peak-to-peak resolution in buffered mode. It is important to note that these numbers represent the resolution for which there will be
no code flicker. They are not calculated based on rms noise but on peak-to-peak noise. Operating the high level channel with a gain
of 2 in bipolar mode gives an operating range of
±10 V. Operating at a gain of 2 in unipolar mode gives a range of 0 V to
+10 V. Operating the high level channel with a gain of 4 in bipolar mode gives the
± 5 V operating range. Operating at a gain
of 4 in unipolar mode gives an operating range of 0 V to +5 V. Noise for all input ranges is shown in Appendix 1. The out-
put noise comes from two sources. The first is the electrical noise in the semiconductor devices (device noise) used in the
implementation of the modulator. Secondly, when the analog input is converted into the digital domain, quantization noise
is added. The device noise is at a low level and is independent of frequency. The quantization noise starts at an even lower
level but rises rapidly with increasing frequency to become the dominant noise source. The numbers in the tables are given
for the bipolar input ranges. For the unipolar ranges the rms noise numbers will be the same as the bipolar range but the
peak-to-peak resolution is now based on half the signal range which effectively means losing 1 bit of resolution.
Table V. Output RMS Noise/Peak-to-Peak Resolution vs. Gain and Output Update Rate @ +5 V
AIN3 Unbuffered Mode Only
F
ilter First
10 V Range
5 V Range
0 V to +10 V Range
0 V to +5 V Range
Notch and O/P
–3 dB
RMS Noise
P-P (Bits) RMS Noise
P-P (Bits)
RMS Noise P-P (Bits)
RMS Noise P-P (Bits)
Data Rate
Frequency
( V)
Resolution ( V)
Resolution ( V)
Resolution ( V)
Resolution
MCLK IN = 2.4576 MHz
10 Hz
2.62 Hz
5.10
16
3.52
16
5.10
16
3.52
16
50 Hz
13.1 Hz
15.82
16
9.77
16
15.82
16
9.77
16
60 Hz
15.72 Hz
20.36
16
12.29
16
20.36
16
12.29
16
250 Hz
65.5 Hz
430
13
212
13
430
12
212
12
500 Hz
131 Hz
2350
10
1287
10
2350
9
1287
9
MCLK IN = 1 MHz
4.05 Hz
1.06 Hz
5.13
16
3.53
16
5.13
16
3.53
16
20 Hz
5.24 Hz
18.9
16
13.25
16
18.9
16
13.25
16
25 Hz
6.55 Hz
23.7
16
15.3
16
23.7
16
15.3
15.5
100 Hz
26.2 Hz
406
13
174
13
406
12
174
12
200 Hz
52.4 Hz
2184
10.5
1144
10.5
2184
9.5
1144
9.5


Similar Part No. - AD7707

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7707 AD-AD7707 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
AD7707BR AD-AD7707BR Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
AD7707BR-REEL AD-AD7707BR-REEL Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
AD7707BRU AD-AD7707BRU Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
AD7707BRU-REEL7 AD-AD7707BRU-REEL7 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
More results

Similar Description - AD7707

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7705 AD-AD7705 Datasheet
264Kb / 32P
   3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
REV. A
AD7705 AD-AD7705_06 Datasheet
401Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
REV. C
AD7715AR5 AD-AD7715AR5 Datasheet
495Kb / 40P
   3 V/5 V, 450 muA 16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715 Datasheet
474Kb / 31P
   3 V/5 V, 450 uA 16-Bit, Sigma-Delta ADC
REV. C
AD7715 AD-AD7715_10 Datasheet
495Kb / 40P
   3 V/5 V, 450 關A 16-Bit, Sigma-Delta ADC
REV. D
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
AD7734 AD-AD7734_17 Datasheet
700Kb / 33P
   4-Channel 10 V Input Range, High Throughput, 24-Bit Sigma-Delta ADC
AD7705 AD-AD7705_15 Datasheet
395Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel
REV. C
AD7706 AD-AD7706_15 Datasheet
395Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com