Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30KPA30A Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # 30KPA30A
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

30KPA30A Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  30KPA30A Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION 30KPA30A Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION 30KPA30A Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION 30KPA30A Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Note: For Bidirectional type having VRWM of 10 volts and less, the IR limit doubles.
Part Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
MIN.@IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@ VRWM
UNI-POLAR
BI-POLAR
VRWM(V)
VBR MIN (V)
IT(mA)
VC(V)
IPP(A)
30KPA60A
30KPA60CA
60.0
67.00
5
102.0
297.1
15
30KPA64A
30KPA64CA
64.0
71.50
5
104.0
291.3
10
30KPA66A
30KPA66CA
66.0
73.70
5
107.0
283.2
2
30KPA70A
30KPA70CA
70.0
78.20
5
109.0
278.0
2
30KPA71A
30KPA71CA
71.0
79.30
5
111.5
271.7
2
30KPA72A
30KPA72CA
72.0
80.40
5
114.0
265.8
2
30KPA75A
30KPA75CA
75.0
83.80
5
119.4
253.8
2
30KPA78A
30KPA78CA
78.0
87.10
5
129.0
234.9
2
30KPA84A
30KPA84CA
84.0
93.80
5
139.2
217.7
2
30KPA90A
30KPA90CA
90.0
100.50
5
146.4
207.0
2
30KPA96A
30KPA96CA
96.0
107.20
5
156.0
194.2
2
30KPA102A
30KPA102CA
102.0
113.90
5
165.6
183.0
2
30KPA108A
30KPA108CA
108.0
120.60
5
175.2
172.9
2
30KPA120A
30KPA120CA
120.0
134.00
5
194.4
155.9
2
30KPA132A
30KPA132CA
132.0
147.40
5
213.0
142.3
2
30KPA144A
30KPA144CA
144.0
160.80
5
223.2
135.8
2
30KPA150A
30KPA150CA
150.0
167.60
5
233.4
129.8
2
30KPA156A
30KPA156CA
156.0
174.30
5
245.0
123.7
2
30KPA160A
30KPA160CA
160.0
178.70
5
252.6
120.0
2
30KPA168A
30KPA168CA
168.0
187.70
5
272.4
111.2
2
30KPA170A
30KPA170CA
170.0
189.90
5
275.0
110.2
2
30KPA180A
30KPA180CA
180.0
201.10
5
290.4
104.3
2
30KPA198A
30KPA198CA
198.0
221.20
5
319.8
94.7
2
30KPA216A
30KPA216CA
216.0
241.30
5
348.6
86.9
2
30KPA240A
30KPA240CA
240.0
268.10
5
387.0
78.3
2
30KPA258A
30KPA258CA
258.0
288.20
5
416.4
72.8
2
30KPA260A
30KPA260CA
260.0
290.40
5
416.0
72.8
2
30KPA270A
30KPA270CA
270.0
301.60
5
436.2
69.5
2
30KPA280A
30KPA280CA
280.0
312.80
5
464.0
65.3
2
30KPA288A
30KPA288CA
288.0
321.70
5
469.9
64.5
2
0KPA Series
IR( A)
Transient Voltage Suppressors
0KPA Series
MERITEK
3
Rev 7


Similar Part No. - 30KPA30A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
30KPA30A PROTEC-30KPA30A Datasheet
81Kb / 4P
   POWER TVS COMPONENT
logo
Ruilongyuan Electronics...
30KPA30A RUILON-30KPA30A Datasheet
904Kb / 7P
   Transient Voltage Suppressors
logo
HuaXinAn Electronics CO...
30KPA30A HUAXINAN-30KPA30A Datasheet
424Kb / 5P
   30000W Transient Voltage Suppressors
logo
Protek Devices
30KPA30A PROTEC-30KPA30A Datasheet
60Kb / 4P
   POWER TVS COMPONENT
logo
Socay Electornics Co., ...
30KPA30A SOCAY-30KPA30A Datasheet
451Kb / 5P
   Axial Lead Transient Voltage Suppressors
More results

Similar Description - 30KPA30A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com